Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-19100N34H-I4T1U Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-19100N34H-I4T1U
Description  BUILT-IN DELAY CIRCUIT
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19100N34H-I4T1U Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-19100N34H-I4T1U Datasheet HTML 1Page - Seiko Instruments Inc S-19100N34H-I4T1U Datasheet HTML 2Page - Seiko Instruments Inc S-19100N34H-I4T1U Datasheet HTML 3Page - Seiko Instruments Inc S-19100N34H-I4T1U Datasheet HTML 4Page - Seiko Instruments Inc S-19100N34H-I4T1U Datasheet HTML 5Page - Seiko Instruments Inc S-19100N34H-I4T1U Datasheet HTML 6Page - Seiko Instruments Inc S-19100N34H-I4T1U Datasheet HTML 7Page - Seiko Instruments Inc S-19100N34H-I4T1U Datasheet HTML 8Page - Seiko Instruments Inc S-19100N34H-I4T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
FOR AUTOMOTIVE 105°C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
Rev.2.0_01
S-19100xxxH Series
3
AEC-Q100 Qualified*1
SOT-23-5 package product and SC-82AB package product of this IC support AEC-Q100 for the operation temperature
grade 2.
Contact our sales office for details of AEC-Q100 reliability specification.
*1. SNT-4A package product is in the process of AEC-Q100.
Contact our sales office for details.
Product Name Structure
Users can select the output form, the detection voltage value and the package type for the S-19100xxxH Series. Refer
to "1. Product name" regarding the contents of product name, "2. Packages" regarding the package drawings and
"3. Product name list" regarding details of product name.
1. Product name
S-19100 x xx H - xxxx U
Output form
N:
Nch open-drain output (active "L")
C:
CMOS output (active "L")
Package abbreviation and IC packing specifications
*1
M5T2: SOT-23-5, Tape
N4T2: SC-82AB, Tape
I4T1: SNT-4A, Tape
Detection voltage value
12 to 46
(e.g., when the detection voltage is 1.2 V, it is expressed as 12.)
Environmental code
U:
Lead-free (Sn 100%), halogen-free
Operation temperature
H:
Ta =
−40°C to +105°C
*1. Refer to the tape drawing.
2. Packages
Table 1 Package Drawing Codes
Package Name
Dimension
Tape
Reel
Land
SOT-23-5
MP005-A-P-SD
MP005-A-C-SD
MP005-A-R-SD
SC-82AB
NP004-A-P-SD
NP004-A-C-SD
NP004-A-C-S1
NP004-A-R-SD
SNT-4A
PF004-A-P-SD
PF004-A-C-SD
PF004-A-R-SD
PF004-A-L-SD


Similar Part No. - S-19100N34H-I4T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19100N34H-I4T1U SII-S-19100N34H-I4T1U Datasheet
2Mb / 45P
   FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
More results

Similar Description - S-19100N34H-I4T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19101C25H-N4T2U SII-S-19101C25H-N4T2U Datasheet
1Mb / 31P
   BUILT-IN DELAY CIRCUIT
S-19101C25H-M5T2U SII-S-19101C25H-M5T2U Datasheet
1Mb / 31P
   BUILT-IN DELAY CIRCUIT
S-19100N12A-M5T2U SII-S-19100N12A-M5T2U Datasheet
2Mb / 39P
   BUILT-IN DELAY CIRCUIT
S1004 SII-S1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
logo
Torex Semiconductor
XC61F TOREX-XC61F_2 Datasheet
674Kb / 14P
   Voltage Detectors, Delay Circuit Built-In
XC61F TOREX-XC61F_1 Datasheet
740Kb / 12P
   Voltage Detectors, Delay Circuit Built-In
XC61F TOREX-XC61F Datasheet
196Kb / 12P
   Voltage Detectors ( Delay Circuit Built-In)
logo
E-CMOS Corporation
EC95810 E-CMOS-EC95810 Datasheet
931Kb / 15P
   Voltage Detectors with Built-in Delay Circuit
logo
Torex Semiconductor
XC61H TOREX-XC61H Datasheet
574Kb / 13P
   Voltage Detector with Delay Circuit Built-In
XC61H TOREX-XC61H_1 Datasheet
576Kb / 13P
   Voltage Detector with Delay Circuit Built-In
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com