Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC44826D Datasheet(PDF) 6 Page - Motorola, Inc

Part # MC44826D
Description  TV AND VCR I2C PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND MIX/OSC DECODER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC44826D Datasheet(HTML) 6 Page - Motorola, Inc

  MC44826D Datasheet HTML 1Page - Motorola, Inc MC44826D Datasheet HTML 2Page - Motorola, Inc MC44826D Datasheet HTML 3Page - Motorola, Inc MC44826D Datasheet HTML 4Page - Motorola, Inc MC44826D Datasheet HTML 5Page - Motorola, Inc MC44826D Datasheet HTML 6Page - Motorola, Inc MC44826D Datasheet HTML 7Page - Motorola, Inc MC44826D Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC44826
6
MOTOROLA ANALOG IC DEVICE DATA
Chip Address
The chip address is programmable by Pin 9 (CA – Address
Select).
CA – Pin 9
Address (HEX.)
–0.04 VCC1 to 0.1 VCC1
C6
Open or 0.2 VCC1 to 0.3 VCC1
C4
0.42 VCC1 to 0.75 VCC1
C2
0.9 VCC1 to 1.2 VCC1
C0
Figure 5. Definition of Bytes
CA_Chip Address
1
1
0
0
0
0/1
0/1
0
ACK
CO_Information
1
T14
T13
T12
T11
T10
T9
T8
ACK
BA_Band Information
T7
T6
B5
X
B3
X
B1
X
ACK
FM_Frequency Information
0
N14
N13
N12
N11
N10
N9
N8
ACK
FL_Frequency Information
N7
N6
N5
N4
N3
N2
N1
N0
ACK
CA_Chip Address
1
1
0
0
0
0/1
0/1
0
ACK
FM_Frequency Information
0
N14
N13
N12
N11
N10
N9
N8
ACK
FL_Frequency Information
N7
N6
N5
N4
N3
N2
N1
N0
ACK
CO_Information
1
T14
T13
T12
T11
T10
T9
T8
ACK
BA_Band Information
T7
T6
B5
X
B3
X
B1
X
ACK
1.0 nF
÷8
Pres
Figure 6. Typical Tuner Application
6
7
8
B5
B3
B1
12 pF
3.2/4.0 MHz
Gnd
2
114
B III
VHF
UHF
AGC
VTUN
Phase
Comp
2.7 V
Mixer
B. P. Filter
Antenna
Filter
Oscillator
IF
5
5.0 V
11
10
9
13
Osc &
Ref Div
3
Fosc
SDA
SCL
CA
Bus
Rec
22 nF
47 k
(Note 1)
(Note 2)
330 p
47 nF
NOTES: 1. On some layouts the 100
Ω resistor will not be required.
2. C2 = 330 pF minimum is required for stability.
MC44826
Band Decoder
4
RL
1.0 nF
33 V
Program
Divider
12
M/O


Similar Part No. - MC44826D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44824 MOTOROLA-MC44824 Datasheet
162Kb / 8P
   TV AND VCR PLL TUNING CIRCUITS WITH 1.3 GHz PRESCALER AND I2C BUS
MC44824D MOTOROLA-MC44824D Datasheet
162Kb / 8P
   TV AND VCR PLL TUNING CIRCUITS WITH 1.3 GHz PRESCALER AND I2C BUS
MC44825D MOTOROLA-MC44825D Datasheet
162Kb / 8P
   TV AND VCR PLL TUNING CIRCUITS WITH 1.3 GHz PRESCALER AND I2C BUS
MC44827 MOTOROLA-MC44827 Datasheet
161Kb / 8P
   LOW?밣OWER PLL TUNING CIRCUIT
MC44827BDTB MOTOROLA-MC44827BDTB Datasheet
161Kb / 8P
   LOW?밣OWER PLL TUNING CIRCUIT
More results

Similar Description - MC44826D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44829 MOTOROLA-MC44829 Datasheet
140Kb / 10P
   TV AND VCR I2C PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND MIX/OSC DECODER
MC44818 MOTOROLA-MC44818 Datasheet
162Kb / 8P
   TV AND VCR PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND I2C BUS
MC44824 MOTOROLA-MC44824 Datasheet
162Kb / 8P
   TV AND VCR PLL TUNING CIRCUITS WITH 1.3 GHz PRESCALER AND I2C BUS
MC44864 MOTOROLA-MC44864 Datasheet
207Kb / 12P
   PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND D/A CONVERTERS
logo
TEMIC Semiconductors
U6209B TEMIC-U6209B Datasheet
155Kb / 11P
   1.3 GHz PLL for TV- and VCR- Tuner
U6220B TEMIC-U6220B Datasheet
183Kb / 14P
   1.3 GHz PLL for TV- and VCR- Tuner
U6206B TEMIC-U6206B Datasheet
125Kb / 8P
   1.3 GHz PLL for TV- and VCR- Tuner
U893BSE TEMIC-U893BSE Datasheet
129Kb / 7P
   1.3 GHz Prescaler for PLL?셲 in TV, CATV and SAT TV Tuners
U6207B TEMIC-U6207B Datasheet
106Kb / 8P
   1.3 GHz PLL with I2C Bus for TV Tuner
U6205B TEMIC-U6205B Datasheet
413Kb / 8P
   1.3 GHz PLL with I2C Bus for TV Tuner
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com