Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC44829D Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC44829D
Description  TV AND VCR I2C PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND MIX/OSC DECODER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC44829D Datasheet(HTML) 4 Page - Motorola, Inc

  MC44829D Datasheet HTML 1Page - Motorola, Inc MC44829D Datasheet HTML 2Page - Motorola, Inc MC44829D Datasheet HTML 3Page - Motorola, Inc MC44829D Datasheet HTML 4Page - Motorola, Inc MC44829D Datasheet HTML 5Page - Motorola, Inc MC44829D Datasheet HTML 6Page - Motorola, Inc MC44829D Datasheet HTML 7Page - Motorola, Inc MC44829D Datasheet HTML 8Page - Motorola, Inc MC44829D Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MC44829
4
MOTOROLA ANALOG IC DEVICE DATA
Figure 1. Typical Prescaler Input Sensitivity
Guaranteed Operating Area
0
5.0
RF In (MHz)
200
400
600
800
1000
1200
1400
–5.0
–15
–25
–35
–45
NOTE:
VCC = 4.5 to 5.5 V, TA = – 20° to +80°C
HF CHARACTERISTICS (See Figure 1)
Characteristic
Pin
Min
Typ
Max
Unit
DC Bias
3, 4
1.6
V
Input Voltage Range
mVrms
50–950 MHz
3, 4
10
315
950–1300 MHz
3, 4
50
315
Figure 2. RF Sensitivity Test Circuit
10, 11
2
34
8
I2C Bus Controller
RF Generator
(50
Ω)
5
+5.0 V
Frequency Counter
4.0 k
MC44829
50
1.0 nF
1.0 nF
HF In
VCC1
B6
+12 V
Device is in test mode, B5 and B6 are “On”, B4 is “Off”.
Sensitivity is the level of the HF generator of 50
Ω load.
7
B5
4.0 k


Similar Part No. - MC44829D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44824 MOTOROLA-MC44824 Datasheet
162Kb / 8P
   TV AND VCR PLL TUNING CIRCUITS WITH 1.3 GHz PRESCALER AND I2C BUS
MC44824D MOTOROLA-MC44824D Datasheet
162Kb / 8P
   TV AND VCR PLL TUNING CIRCUITS WITH 1.3 GHz PRESCALER AND I2C BUS
MC44825D MOTOROLA-MC44825D Datasheet
162Kb / 8P
   TV AND VCR PLL TUNING CIRCUITS WITH 1.3 GHz PRESCALER AND I2C BUS
MC44826 MOTOROLA-MC44826 Datasheet
140Kb / 8P
   TV AND VCR I2C PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND MIX/OSC DECODER
MC44826D MOTOROLA-MC44826D Datasheet
140Kb / 8P
   TV AND VCR I2C PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND MIX/OSC DECODER
More results

Similar Description - MC44829D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44826 MOTOROLA-MC44826 Datasheet
140Kb / 8P
   TV AND VCR I2C PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND MIX/OSC DECODER
MC44818 MOTOROLA-MC44818 Datasheet
162Kb / 8P
   TV AND VCR PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND I2C BUS
MC44824 MOTOROLA-MC44824 Datasheet
162Kb / 8P
   TV AND VCR PLL TUNING CIRCUITS WITH 1.3 GHz PRESCALER AND I2C BUS
MC44864 MOTOROLA-MC44864 Datasheet
207Kb / 12P
   PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND D/A CONVERTERS
logo
TEMIC Semiconductors
U6209B TEMIC-U6209B Datasheet
155Kb / 11P
   1.3 GHz PLL for TV- and VCR- Tuner
U6220B TEMIC-U6220B Datasheet
183Kb / 14P
   1.3 GHz PLL for TV- and VCR- Tuner
U6206B TEMIC-U6206B Datasheet
125Kb / 8P
   1.3 GHz PLL for TV- and VCR- Tuner
U893BSE TEMIC-U893BSE Datasheet
129Kb / 7P
   1.3 GHz Prescaler for PLL?셲 in TV, CATV and SAT TV Tuners
U6207B TEMIC-U6207B Datasheet
106Kb / 8P
   1.3 GHz PLL with I2C Bus for TV Tuner
U6205B TEMIC-U6205B Datasheet
413Kb / 8P
   1.3 GHz PLL with I2C Bus for TV Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com