Electronic Components Datasheet Search |
|
S-19108C24H-M5T1U Datasheet(PDF) 9 Page - Seiko Instruments Inc |
|
S-19108C24H-M5T1U Datasheet(HTML) 9 Page - Seiko Instruments Inc |
9 / 37 page FOR AUTOMOTIVE 105°C OPERATION VOLTAGE DETECTOR WITH SENSE PIN Rev.1.2_01 S-19102/19108 Series 9 Absolute Maximum Ratings Table 9 (Ta = −40°C to +105°C unless otherwise specified) Item Symbol Absolute Maximum Rating Unit Power supply voltage VDD − VSS 12.0 V SENSE pin input voltage VSENSE VSS − 0.3 to 12.0 V Output voltage Nch open-drain output product VOUT VSS − 0.3 to 12.0 V CMOS output product VSS − 0.3 to VDD + 0.3 V Output current IOUT 50 mA Operation ambient temperature Topr −40 to +105 °C Storage temperature Tstg −40 to +125 °C Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical damage. These values must therefore not be exceeded under any conditions. Thermal Resistance Value Table 10 Item Symbol Condition Min. Typ. Max. Unit Junction-to-ambient thermal resistance *1 θja SOT-23-5 Board 1 − 192 − °C/W Board 2 − 160 − °C/W *1. Test environment: compliance with JEDEC STANDARD JESD51-2A Remark Refer to " Thermal Characteristics" for details of power dissipation and test board. |
Similar Part No. - S-19108C24H-M5T1U |
|
Similar Description - S-19108C24H-M5T1U |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |