Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-19108C27H-M5T1U Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-19108C27H-M5T1U
Description  VOLTAGE DETECTOR WITH SENSE PIN
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19108C27H-M5T1U Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-19108C27H-M5T1U Datasheet HTML 3Page - Seiko Instruments Inc S-19108C27H-M5T1U Datasheet HTML 4Page - Seiko Instruments Inc S-19108C27H-M5T1U Datasheet HTML 5Page - Seiko Instruments Inc S-19108C27H-M5T1U Datasheet HTML 6Page - Seiko Instruments Inc S-19108C27H-M5T1U Datasheet HTML 7Page - Seiko Instruments Inc S-19108C27H-M5T1U Datasheet HTML 8Page - Seiko Instruments Inc S-19108C27H-M5T1U Datasheet HTML 9Page - Seiko Instruments Inc S-19108C27H-M5T1U Datasheet HTML 10Page - Seiko Instruments Inc S-19108C27H-M5T1U Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
FOR AUTOMOTIVE 105°C OPERATION VOLTAGE DETECTOR WITH SENSE PIN
Rev.1.2_01
S-19102/19108 Series
7
4. 4 S-19108 Series C type
Output form: CMOS output (Active "L")
Table 6
Detection Voltage
SOT-23-5
1.0 V
± (2.5% + 22 mV)
S-19108C10H-M5T1U
1.1 V
± (2.5% + 22 mV)
S-19108C11H-M5T1U
1.2 V
± (2.5% + 22 mV)
S-19108C12H-M5T1U
1.3 V
± (2.5% + 22 mV)
S-19108C13H-M5T1U
1.4 V
± (2.5% + 22 mV)
S-19108C14H-M5T1U
1.5 V
± (2.5% + 22 mV)
S-19108C15H-M5T1U
1.6 V
± (2.5% + 22 mV)
S-19108C16H-M5T1U
1.7 V
± (2.5% + 22 mV)
S-19108C17H-M5T1U
1.8 V
± (2.5% + 22 mV)
S-19108C18H-M5T1U
1.9 V
± (2.5% + 22 mV)
S-19108C19H-M5T1U
2.0 V
± (2.5% + 22 mV)
S-19108C20H-M5T1U
2.1 V
± (2.5% + 22 mV)
S-19108C21H-M5T1U
2.2 V
± 3.5%
S-19108C22H-M5T1U
2.3 V
± 3.5%
S-19108C23H-M5T1U
2.4 V
± 3.5%
S-19108C24H-M5T1U
2.5 V
± 3.5%
S-19108C25H-M5T1U
2.6 V
± 3.5%
S-19108C26H-M5T1U
2.7 V
± 3.5%
S-19108C27H-M5T1U
2.8 V
± 3.5%
S-19108C28H-M5T1U
2.9 V
± 3.5%
S-19108C29H-M5T1U
3.0 V
± 3.5%
S-19108C30H-M5T1U
3.1 V
± 3.5%
S-19108C31H-M5T1U
3.2 V
± 3.5%
S-19108C32H-M5T1U
3.3 V
± 3.5%
S-19108C33H-M5T1U
3.4 V
± 3.5%
S-19108C34H-M5T1U
3.5 V
± 3.5%
S-19108C35H-M5T1U
3.6 V
± 3.5%
S-19108C36H-M5T1U
3.7 V
± 3.5%
S-19108C37H-M5T1U
3.8 V
± 3.5%
S-19108C38H-M5T1U
3.9 V
± 3.5%
S-19108C39H-M5T1U
4.0 V
± 3.5%
S-19108C40H-M5T1U
4.1 V
± 3.5%
S-19108C41H-M5T1U
4.2 V
± 3.5%
S-19108C42H-M5T1U
4.3 V
± 3.5%
S-19108C43H-M5T1U
4.4 V
± 3.5%
S-19108C44H-M5T1U
4.5 V
± 3.5%
S-19108C45H-M5T1U
4.6 V
± 3.5%
S-19108C46H-M5T1U
4.7 V
± 3.5%
S-19108C47H-M5T1U
4.8 V
± 3.5%
S-19108C48H-M5T1U
4.9 V
± 3.5%
S-19108C49H-M5T1U
5.0 V
± 3.5%
S-19108C50H-M5T1U


Similar Part No. - S-19108C27H-M5T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19100C12A-M5T2U SII-S-19100C12A-M5T2U Datasheet
2Mb / 39P
   BUILT-IN DELAY CIRCUIT
S-19100C12A-M5T2U SII-S-19100C12A-M5T2U Datasheet
2Mb / 39P
   FOR AUTOMOTIVE 125 OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S-19100C12A-N4T2U SII-S-19100C12A-N4T2U Datasheet
2Mb / 39P
   BUILT-IN DELAY CIRCUIT
S-19100C12A-N4T2U SII-S-19100C12A-N4T2U Datasheet
2Mb / 39P
   FOR AUTOMOTIVE 125 OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S-19100C12H-I4T1U SII-S-19100C12H-I4T1U Datasheet
2Mb / 45P
   FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
More results

Similar Description - S-19108C27H-M5T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1002NA10I-M5T1U SII-S-1002NA10I-M5T1U Datasheet
3Mb / 39P
   VOLTAGE DETECTOR WITH SENSE PIN
S-19105N10H-M5T1U SII-S-19105N10H-M5T1U Datasheet
4Mb / 37P
   VOLTAGE DETECTOR WITH SENSE PIN
S19102 SII-S19102 Datasheet
2Mb / 37P
   VOLTAGE DETECTOR WITH SENSE PIN
S-19104N10H-M5T1U SII-S-19104N10H-M5T1U Datasheet
5Mb / 40P
   VOLTAGE DETECTOR WITH SENSE PIN
logo
ABLIC Inc.
S-1002 ABLIC-S-1002 Datasheet
2Mb / 39P
   VOLTAGE DETECTOR WITH SENSE PIN
Rev.1.1_03
logo
Seiko Instruments Inc
S-19103N10H-M5T1U SII-S-19103N10H-M5T1U Datasheet
3Mb / 34P
   VOLTAGE DETECTOR WITH SENSE PIN
S1002 SII-S1002 Datasheet
2Mb / 39P
   VOLTAGE DETECTOR WITH SENSE PIN
S19103 SII-S19103 Datasheet
1Mb / 34P
   VOLTAGE DETECTOR WITH SENSE PIN
logo
Torex Semiconductor
XC6118 TOREX-XC6118_1 Datasheet
337Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6118 TOREX-XC6118 Datasheet
355Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com