Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7442335900 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 7442335900
Description  WE-CNSW HF SMD Common Mode Line Filter (High Frequency)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7442335900 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7442335900 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7442335900 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7442335900 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7442335900 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7442335900 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 7442335900 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 7442335900 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1.2
1.1
1.0
REV
2014-07-21
2014-05-12
2014-03-25
DATE
SSt
SSt
SSt
BY
IMA
SSt
IMA
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-CNSW HF SMD Common Mode Line
Filter (High Frequency)
Order.- No.
7442335900
SIZE
A4
Size: 0504
A Dimensions: [mm]
B Recommended land pattern: [mm]
C Schematic:
D Electrical Properties:
Properties
Impedance
Rated current
DC Resistance
Cut-off frequency
Insulation test voltage
Rated voltage
Test conditions
100 MHz
∆T = 20 K
|Sdd21| = 3 dB
Z
IR
RDC
fc
UT
UR
Value
90
500
270
8
110
20
Unit
Ω
mA
GHz
V (AC)
V
Tol.
±25%
max.
max.
typ.
max.
E General information:
It is recommended that the temperature of the part does not exceed 105°C
under worst case operating conditions.
•Ambient temperature: -40°C to +85°C (refering to IR)
•Operating temperature: -40°C to +105°C
•Storage temperature (on tape & reel): -20°C to +40°C; 75% RH max.
•Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 7442335900

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7442335600 WURTH-7442335600 Datasheet
1Mb / 7P
   WE-CNSW HF SMD Common Mode Line Filter (High Frequency)
More results

Similar Description - 7442335900

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7442335600 WURTH-7442335600 Datasheet
1Mb / 7P
   WE-CNSW HF SMD Common Mode Line Filter (High Frequency)
744230450 WURTH-744230450 Datasheet
1Mb / 6P
   WE-CNSW SMD Common Mode Line Filter
744235510 WURTH-744235510 Datasheet
1Mb / 6P
   WE-CNSW SMD Common Mode Line Filter
744230181 WURTH-744230181 Datasheet
1Mb / 6P
   WE-CNSW SMD Common Mode Line Filter
744230220 WURTH-744230220 Datasheet
1Mb / 6P
   WE-CNSW SMD Common Mode Line Filter
744230900 WURTH-744230900 Datasheet
1Mb / 6P
   WE-CNSW SMD Common Mode Line Filter
744235101 WURTH-744235101 Datasheet
1Mb / 6P
   WE-CNSW SMD Common Mode Line Filter
744230251 WURTH-744230251 Datasheet
1Mb / 6P
   WE-CNSW SMD Common Mode Line Filter
744235220 WURTH-744235220 Datasheet
1Mb / 7P
   WE-CNSW SMD Common Mode Line Filter
744235801 WURTH-744235801 Datasheet
1Mb / 6P
   WE-CNSW SMD Common Mode Line Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com