Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

81-3207 Datasheet(PDF) 10 Page - TE Connectivity Ltd

Part # 81-3207
Description  Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

81-3207 Datasheet(HTML) 10 Page - TE Connectivity Ltd

Back Button 81-3207 Datasheet HTML 4Page - TE Connectivity Ltd 81-3207 Datasheet HTML 5Page - TE Connectivity Ltd 81-3207 Datasheet HTML 6Page - TE Connectivity Ltd 81-3207 Datasheet HTML 7Page - TE Connectivity Ltd 81-3207 Datasheet HTML 8Page - TE Connectivity Ltd 81-3207 Datasheet HTML 9Page - TE Connectivity Ltd 81-3207 Datasheet HTML 10Page - TE Connectivity Ltd 81-3207 Datasheet HTML 11Page - TE Connectivity Ltd 81-3207 Datasheet HTML 12Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
408-6788
10 of 12
Rev L
9.1. Daily Maintenance
1. Remove dust, moisture, and other contaminants
from the tool with a clean brush or a soft, lint-free
cloth. Do NOT use objects that could damage the
tool.
2. Make sure that the proper retaining pins are in
place and are secured with the proper retaining
rings.
3. Make certain that all pins, pivot points, and
bearing surfaces are protected with a THIN coat of
any good SAE 20 motor oil. Do NOT oil excessively.
4. When the tool is not in use, keep the handles
closed to prevent objects from becoming lodged in
the crimping chambers and store the tool in a clean,
dry area.
9.2. Periodic Inspection
Regular inspections should be performed by quality
control personnel. A record of scheduled inspections
should remain with the tool and/or be supplied to
supervisory personnel responsible for the tool. Though
recommendations call for at least one inspection per
month, the inspection frequency should be based on
the amount of use, working conditions, operator
training and skill, and established company standards.
These inspections should be performed in the
following sequence:
A. Visual Inspection
1. Remove all lubrication and accumulated film by
immersing the tool (handles partially closed) in a
suitable commercial degreaser that will not affect
paint or plastic material.
2. Make certain that all retaining pins are in place
and are secured with retaining rings. If
replacements are necessary, refer to Section 10,
REPLACEMENT AND REPAIR.
3. Inspect crimping chambers for pitted or chipped
surfaces.
4. Close the tool handles until the ratchet releases,
then allow handles to open freely. If they do not
open quickly and fully, the spring is defective and
must be replaced. Refer to Section 10,
REPLACEMENT AND REPAIR.
B. Gaging the Crimping Chambers
This inspection requires the use of a plug gage
conforming to the dimensions listed in Figure 17. TE
does not manufacture or market these gages. To gage
the crimping chambers, proceed as follows:
1. Insert Die Set 312253-1 as described in
Section 5, TOOL SETUP. Do NOT insert the locator.
2. Close the tool handles until the ram touches the
stop surfaces. Refer to Figure 17.
Figure 17
3. Align the GO element of the gage with the
crimping chamber so that the top and bottom of the
gage align with the surfaces of the die inserts and
ram.
4. Push the element straight into the crimping
chamber without using force. The GO element must
pass completely through the crimping chamber as
shown in Figure 17.
GAGE ELEMENT DIAMETERS
GO
NO-GO
15.915-15.920 [.6266-.6268]
16.078-16.083 [.6330-.6332]
Suggested Plug Gage Design
63.5 [2.5] (Typ)
6.35 ±0.25 [.25 ±.01]
12.7 [.50]
12.7 [.50]
NO-GO
GO
Inspection of Crimping Chamber
Top of Ram
Crimping Chamber
16.0 ±0.08
[.630 ±.003]
Stop
Surface
GO Element
NO-GO Element
Crimping
Chamber
Crimping
Chamber
12.2±0.25
[.48 ±.010]
GO element must
pass completely
through the
crimping chamber.
NO-GO element may
enter partially, but must
not pass completely
through the crimping
chamber.
Die Inserts
312253-1
(Required)
GO/NO-GO
Gage


Similar Part No. - 81-3207

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
81-00004 VICOR-81-00004 Datasheet
105Kb / 1P
   INDUCTOR ASSY OUTPUT .2uH
10/22/10
logo
List of Unclassifed Man...
81-088-1 ETC-81-088-1 Datasheet
102Kb / 2P
   Elma IEEE hot-swap injector/ejector handle
81-088-2 ETC-81-088-2 Datasheet
102Kb / 2P
   Elma IEEE hot-swap injector/ejector handle
81-095 ETC-81-095 Datasheet
102Kb / 2P
   Elma IEEE hot-swap injector/ejector handle
81-095-01 ETC-81-095-01 Datasheet
102Kb / 2P
   Elma IEEE hot-swap injector/ejector handle
More results

Similar Description - 81-3207

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-8698 MACOM-408-8698 Datasheet
623Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-8695 MACOM-408-8695 Datasheet
988Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
TE Connectivity Ltd
408-32084 TEC-408-32084 Datasheet
650Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-6790 TEC-408-6790 Datasheet
306Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-1535 TEC-408-1535 Datasheet
640Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-1412 TEC-408-1412 Datasheet
741Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-9786 TEC-408-9786 Datasheet
427Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
logo
Tyco Electronics
408-1662 MACOM-408-1662 Datasheet
1Mb / 8P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
logo
TE Connectivity Ltd
408-4087 TEC-408-4087 Datasheet
285Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-8691 TEC-408-8691 Datasheet
769Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-8739 TEC-408-8739 Datasheet
836Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com