Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82-3207 Datasheet(PDF) 11 Page - TE Connectivity Ltd

Part # 82-3207
Description  Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

82-3207 Datasheet(HTML) 11 Page - TE Connectivity Ltd

Back Button 82-3207 Datasheet HTML 4Page - TE Connectivity Ltd 82-3207 Datasheet HTML 5Page - TE Connectivity Ltd 82-3207 Datasheet HTML 6Page - TE Connectivity Ltd 82-3207 Datasheet HTML 7Page - TE Connectivity Ltd 82-3207 Datasheet HTML 8Page - TE Connectivity Ltd 82-3207 Datasheet HTML 9Page - TE Connectivity Ltd 82-3207 Datasheet HTML 10Page - TE Connectivity Ltd 82-3207 Datasheet HTML 11Page - TE Connectivity Ltd 82-3207 Datasheet HTML 12Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
408-6788
11 of 12
Rev L
5. Align the NO-GO element and try to insert it
straight into the crimping chamber. The NO-GO
element may start entry, but must not pass
completely through the crimping chamber, as shown
in Figure 17.
If the crimping chamber conforms to the gage
inspection, the tool is considered dimensionally
correct. If the crimping chamber does not conform to
the inspection, the tool must be repaired before
returning it to service. Refer to Section 10,
REPLACEMENT AND REPAIR.
For additional information concerning the use of the
plug gage, refer to Instruction Sheet 408-7424.
C. CERTI-CRIMP Hand Crimping Tool Ratchet Control
Inspection
Obtain a .0254 mm [.001 in.] shim that is suitable for
checking the clearance between the ram and stop
surfaces. To inspect the ratchet:
1. Squeeze the tool handles together until the
ratchet releases. Allow the handles to open FULLY.
2. Place the shim between the top of the ram and
the stop surfaces.
3. Support the shim and squeeze the tool handles
together until the ratchet releases, then HOLD the
tool handles in this position.
4. Check the clearance between the ram and the
stop by trying to remove the shim. If shim cannot be
removed, lubricate it with a THIN coat of any good
SAE 20 motor oil and return it to service. If the shim
can be removed, the ratchet is out of adjustment
and must be repaired. Refer to Section 10,
REPLACEMENT AND REPAIR.
10. REPLACEMENT AND REPAIR
Customer-replaceable parts for the cable preparation
kit are listed in Figure 18, and customer-replaceable
parts for the hand crimping tool are listed in Figure 19.
A complete inventory should be stocked and
controlled to prevent lost time when replacement of
parts is necessary. Replacement parts can be ordered
from:
CUSTOMER SERVICE (038-035)
TYCO ELECTRONICS CORPORATION
PO BOX 3608
HARRISBURG PA 17105-3608
Parts other than those specified in Figures 18 and 19
must be replaced to ensure correct operation of the
tool. For customer repair service, please contact an
TE Representative at 1-800-526-5136.
Figure 18
11. REVISION SUMMARY
Updated document to corporate requirements
Changed artwork in Figures 7, 8, 9, 10, 11, and 17
CABLE PREPARATION KIT REPLACEMENT PARTS
TE
PART
NUMBER
MILITARY
PART
NUMBER
22520/
DESCRIPTION
59980-1
36-01
Hand TooL (Locator and Dies Not
Included with Tool)
220220-2
36-06
Plug Locator without Center Contact
220221-2
36-04
Plug Locator with Center Contact
220222-2
36-05
Jack Locator
312253-1
36-03
Dies (2 for RG-402 Cable)
312253-2
36-02
Dies (2 for RG-405 Cable)
21027-6
---
Hex Wrench, .0938-in.
311395-1
36-09
Cutoff Fixture
311396-1
36-07
Cable Dressing Fixture
312317-1
36-08
Trimmer Tool
220224-1
36-10
90_ Bending Fixture Assembly
311386-3
36-13
Bend Segment, RG-405,
3.18 mm [.125 in.] Radius
311386-2
36-12
Bend Segment, RG-402,
6.35 mm [.250 in.] Radius
311386-1
36-11
Bend Segment, RG-402,
3.18 mm [.125 in.] Radius
311392-1
36-10
Bend Tool Holder
312067-1
36-10
Conforming Block
307581-1
36-10
Limiting Pin
13126-1
---
Carrying Case
13127-1
---
Case Insert


Similar Part No. - 82-3207

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
82-301-61 GRAYHILL-82-301-61 Datasheet
228Kb / 6P
   Long, Stroke, Wiping Contact Lightable Modules
82-301-64 GRAYHILL-82-301-64 Datasheet
228Kb / 6P
   Long, Stroke, Wiping Contact Lightable Modules
82-350-10 GRAYHILL-82-350-10 Datasheet
228Kb / 6P
   Long, Stroke, Wiping Contact Lightable Modules
82-350-12 GRAYHILL-82-350-12 Datasheet
228Kb / 6P
   Long, Stroke, Wiping Contact Lightable Modules
82-350-41 GRAYHILL-82-350-41 Datasheet
228Kb / 6P
   Long, Stroke, Wiping Contact Lightable Modules
More results

Similar Description - 82-3207

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-8698 MACOM-408-8698 Datasheet
623Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-8695 MACOM-408-8695 Datasheet
988Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
TE Connectivity Ltd
408-32084 TEC-408-32084 Datasheet
650Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-6790 TEC-408-6790 Datasheet
306Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-1535 TEC-408-1535 Datasheet
640Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-1412 TEC-408-1412 Datasheet
741Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-9786 TEC-408-9786 Datasheet
427Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
logo
Tyco Electronics
408-1662 MACOM-408-1662 Datasheet
1Mb / 8P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
logo
TE Connectivity Ltd
408-4087 TEC-408-4087 Datasheet
285Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-8691 TEC-408-8691 Datasheet
769Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-8739 TEC-408-8739 Datasheet
836Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com