Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60001-008 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 60001-008
Description  The optical isolator can accommodate standard operating voltages from 5 to 28 VDC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

60001-008 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  60001-008 Datasheet HTML 1Page - List of Unclassifed Manufacturers 60001-008 Datasheet HTML 2Page - List of Unclassifed Manufacturers 60001-008 Datasheet HTML 3Page - List of Unclassifed Manufacturers 60001-008 Datasheet HTML 4Page - List of Unclassifed Manufacturers 60001-008 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: 805-968-0782/800-350-2727 | Fax: 805-968-3154/ 800-960-2726 | 7230 Hollister Ave, Goleta, CA
93117-2807| www.beisensors.com
Specification No. 02125-001 Rev 0713
OPTICAL ISOLATOR
ELECTRONIC MODULE
Output Code Format
From Encoder
Dual Channel in quadrature plus index and complements. Data lines are designated A, B, Z, A/, B/, Z/ at the
module
Output Signal Type
From Encoder
Differential line driver (Use Connection Instructions #1)
Single ended line driver (Use Connection Instructions #2)
Single ended open collector with pull-up resistors internal to encoder (Use Connection Instructions #3)
Single ended, open collector (Use Connection Instructions #3)
Output Signal
Voltage Level From
Encoder
5 VDC (TTL, RS422 compatible, line driver)
12-15 VDC
24VDC
Frequency Response
of Optical Isolator
1 MHz, maximum
Power Requirements
For Optical Isolator
5-28 VDC ±5%, 75mA plus load current
Optical Isolator
Output Options
28V/V Line Driver, 100mA source/sink, Vout = Vin
28V/5 Line Driver, 100mA source/sink, Vout = 5V (Derate output current to 50mA with supply voltage > 12VDC)
28V/OC NPN Open Collector, 80mA sink
Protection Level
Supply lines protected against over voltage to 60 volts and reverse voltage
Tristate Outputs
Available as
–S Special Feature
ELECTRICAL SPECIFICATIONS
MECHANICAL SPECIFICATIONS
Package dimensions are 114.4 mm high by 99 mm wide by 22.5
mm thick. The package mounts to a DIN rail type EN 50 022
(35mm X 7.5mm). A length of DIN rail is supplied with each
module. The module simply snaps directly to the DIN rail and is
ready to use.
22.5 mm
(0.89 inches)
114.5 mm
(4.51 inches)
99 mm
POWER:
The optical isolator can accommodate standard operating
voltages from 5 to 28 VDC. It should never be connected
directly to AC power mains. The module draws approximately
75 mA and a green LED indicates the unit is powered. The
optical isolator module does not provide power to the encoder.
Any encoders used in conjunction with this module must be
connected to their own power.
SIGNAL:
Specifying an optical isolator module requires knowledge of
three system parameters: the DC supply voltage available in the
system; the encoder output type (logic levels and driver type);
and the input signal specifications of the receiving electronics.
This is a versatile interface between an incremental
encoder and receiving electronics. It accepts single
ended or differential inputs and provides single ended or
differential outputs in either an open collector or line
driver configuration. It accommodates all standard
operating voltages from 5 to 28 VDC. Up to eight Optical
Isolator Modules can be daisy-chained to provide
multiple, simultaneous outputs to controllers or PLC’s.
This Optical Isolator can help clean up noisy signals by
converting to a different line driver output. It has a 1
MHz throughput capability and can be used wherever a
fast, optically isolated interface is required.


Similar Part No. - 60001-008

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6000 ETC2-6000 Datasheet
158Kb / 1P
   THE BREAD BOARDING MEDIUM FOR SURFACE MOUNT
6000 ETC2-6000 Datasheet
99Kb / 1P
   TEST TIPS AND PLUGS
6000 ETC2-6000 Datasheet
373Kb / 1P
   PLUGS AND JACKS
logo
Keysight Technologies
6000 KEYSIGHT-6000 Datasheet
2Mb / 41P
   InfiniiVision 6000 X-Series Oscilloscopes
logo
Tyco Electronics
6000 MACOM-6000 Datasheet
266Kb / 5P
   Pushbutton Switches, 30mm, Round or Mushroom Buttons
More results

Similar Description - 60001-008

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
LPM126-OUTA1-05 BEL-LPM126-OUTA1-05 Datasheet
2Mb / 16P
   Standard output voltages of 1.5 to 54 VDC
logo
Advantech Co., Ltd.
ULI-238TS ADVANTECH-ULI-238TS Datasheet
419Kb / 1P
   CAN (Control Area Network) Optical Isolator
18-Jan-2022
logo
Guangdong Youtai Semico...
70XX UMW-70XX Datasheet
3Mb / 8P
   This series of detectors can detect fixed voltages from 2.2V to 7V.
Ver 2.0
logo
XP Power Limited
VCP24US05 XPPOWER-VCP24US05 Datasheet
422Kb / 2P
   Low Cost, Output Voltages from 5 to 24 V, PCB Mount
logo
OPLINK Communications I...
MINI-OISA OPLINK-MINI-OISA Datasheet
275Kb / 2P
   Optical Isolator
logo
Suntan Capacitors
BZX55C SUNTAN-BZX55C Datasheet
116Kb / 4P
   The Zener voltages are graded according to the
logo
Pasternack Enterprises,...
PE8319 PASTERNACK-PE8319 Datasheet
214Kb / 3P
   50 Ohm 2.92mm Isolator Operating From 27 GHz to 31 GHz And 5 Watts With 20 dB Isolation
PE8320 PASTERNACK-PE8320 Datasheet
214Kb / 3P
   50 Ohm 2.92mm Isolator Operating From 26.5 GHz to 40 GHz And 5 Watts With 14 dB Isolation
logo
SL Power Electronics
SC-100 SLPOWER-SC-100 Datasheet
89Kb / 2P
   Output voltages from 3.3 V to 48 V
logo
XP Power Limited
AEH XPPOWER-AEH Datasheet
617Kb / 5P
   Output Voltages from 2.5 V to 48 V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com