Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

220221-3 Datasheet(PDF) 8 Page - TE Connectivity Ltd

Part # 220221-3
Description  Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

220221-3 Datasheet(HTML) 8 Page - TE Connectivity Ltd

Back Button 220221-3 Datasheet HTML 4Page - TE Connectivity Ltd 220221-3 Datasheet HTML 5Page - TE Connectivity Ltd 220221-3 Datasheet HTML 6Page - TE Connectivity Ltd 220221-3 Datasheet HTML 7Page - TE Connectivity Ltd 220221-3 Datasheet HTML 8Page - TE Connectivity Ltd 220221-3 Datasheet HTML 9Page - TE Connectivity Ltd 220221-3 Datasheet HTML 10Page - TE Connectivity Ltd 220221-3 Datasheet HTML 11Page - TE Connectivity Ltd 220221-3 Datasheet HTML 12Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
408-6788
8 of 12
Rev L
Figure 12
8.1. To Make 6.35 mm [.250 in.] Bends on RG-402 Cable
or 3.18 mm [.125 in.] Bends on RG-405 Cable
1. Screw the terminated plug onto the dummy jack
of the tool holder. See Figure 15.
2. Slip the appropriate bend segment under the
cable as shown in Figure 15.
3. Using finger pressure, bend the cable around the
segment to the desired angle, to a 90° maximum.
4. Unscrew the plug from the tool holder.
8.2. To Make 3.18mm [.125 in.] Bends on RG-402 Cable
(Figure 16)
1. Make the 6.35mm [.250 in.] radial bend as
described in Paragraph 8.1, and remove the plug
from the tool holder.
2. Replace the 6.35mm [.250 in.] bend segment with
the 3.18 mm [.125 in.] segment for RG-402 cable.
3. Re-attach the plug to the dummy jack of the tool
holder.
4. Place the conforming block over the cable with
the tongue of the block in the slot of the tool holder,
as shown in Figure 16.
5. Insert the limiting pin and slide the block against
the opening.
Figure 13
Plugs with Center Contacts (All Sizes)
Reference
Plane
Cable-Bottoming Plane
4.50 ±0.25 [.177 ±.010]
Right-Angle Plugs
Mating Interface Centerline
Cable-Bottoming Plane
3.76 ±0.25 [.148 ±.010]
Panel Jacks (All Sizes)
Reference
Plane
Cable-Bottoming Plane
6.48 ±0.25 [.259 ±.010]
90° Bend Plug Assemblies
(Plug Applied Before Bending Cable)
Interface
6.35 [.250]
Radius
6.35 [.250]
Radius
Interface
1.57 [.062]
Radius
SMA PLUG TYPE
CABLE
SIZE
DIMENSION
6.35 [.250] RADIUS
3.18 [.125] RADIUS
1.57 [.062] RADIUS
ABAB
AB
Plugs without Center Contact
RG-402
14.68 [.578]
18.11 [.713]
11.51 [.453]
14.94 [.588]
---
---
Plugs without Center Contact
19.18 [.755]
22.61 [.890]
16.00 [.632]
19.43 [.765]
---
---
Plugs with Center Contact
RG-405
---
---
15.34 [.604]
18.75 [.738]
13.72 [.540]
17.14 [.675]
Short Plugs
---
---
12.70 [.500]
15.88 [.625]
11.10 [.437]
14.27 [.562]


Similar Part No. - 220221-3

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2202232 PHOENIX-2202232 Datasheet
77Kb / 3P
   Printed-circuit board connector - HSCH 1,5-3U/18 9005
2202232 PHOENIX-2202232 Datasheet
1Mb / 27P
   Component housing
2015-11-27
2202233 PHOENIX-2202233 Datasheet
103Kb / 3P
   Printed-circuit board connector - HSCH 1,5-2U/12 9005
2202233 PHOENIX-2202233 Datasheet
1Mb / 27P
   Component housing
2015-11-27
2202234 PHOENIX-2202234 Datasheet
77Kb / 3P
   Printed-circuit board connector - HSCH 1,5-3U/18 9005
More results

Similar Description - 220221-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-8698 MACOM-408-8698 Datasheet
623Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-8695 MACOM-408-8695 Datasheet
988Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
TE Connectivity Ltd
408-32084 TEC-408-32084 Datasheet
650Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-6790 TEC-408-6790 Datasheet
306Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-1535 TEC-408-1535 Datasheet
640Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-1412 TEC-408-1412 Datasheet
741Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-9786 TEC-408-9786 Datasheet
427Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
logo
Tyco Electronics
408-1662 MACOM-408-1662 Datasheet
1Mb / 8P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
logo
TE Connectivity Ltd
408-4087 TEC-408-4087 Datasheet
285Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-8691 TEC-408-8691 Datasheet
769Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-8739 TEC-408-8739 Datasheet
836Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com