Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4866 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4866
Description  2.2W Stereo Audio Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4866 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4866 Datasheet HTML 1Page - National Semiconductor (TI) LM4866 Datasheet HTML 2Page - National Semiconductor (TI) LM4866 Datasheet HTML 3Page - National Semiconductor (TI) LM4866 Datasheet HTML 4Page - National Semiconductor (TI) LM4866 Datasheet HTML 5Page - National Semiconductor (TI) LM4866 Datasheet HTML 6Page - National Semiconductor (TI) LM4866 Datasheet HTML 7Page - National Semiconductor (TI) LM4866 Datasheet HTML 8Page - National Semiconductor (TI) LM4866 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Typical Performance Characteristics
LQ Specific Characteristics
LM4866LQ
THD+N vs Output Power
LM4866LQ
THD+N vs Frequency
20018666
20018668
LM4866LQ
THD+N vs Output Power
LM4866LQ
THD+N vs Frequency
20018665
20018667
LM4866LQ
Power Dissipation vs Power Output
LM4866LQ (Note 17)
Power Derating Curve
20018664
20018695
Note 17: This curve shows the LM4866LQ’s thermal dissipation ability at different ambient temperatures given this condition:
The LLP package’s DAP is soldered to a 2.5in2, 1oz. copper plane.
www.national.com
5


Similar Part No. - LM4866

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4866 TI1-LM4866 Datasheet
1Mb / 29P
[Old version datasheet]   2.2W Stereo Audio Amplifier
LM4866MTE/NOPB TI1-LM4866MTE/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   2.2W Stereo Audio Amplifier
LM4866MTEX/NOPB TI1-LM4866MTEX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   2.2W Stereo Audio Amplifier
More results

Similar Description - LM4866

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4866 TI1-LM4866 Datasheet
1Mb / 29P
[Old version datasheet]   2.2W Stereo Audio Amplifier
logo
Global Mixed-mode Techn...
G1426 GMT-G1426 Datasheet
309Kb / 13P
   2.2W Stereo Audio Amplifier
logo
Anpec Electronics Corop...
APA4863 ANPEC-APA4863_09 Datasheet
286Kb / 17P
   Stereo 2.2W Audio Power Amplifier
APA4863 ANPEC-APA4863 Datasheet
161Kb / 17P
   Stereo 2.2W Audio Power Amplifier
logo
Kingbor Technology Co
KB4863 KINGBOR-KB4863 Datasheet
600Kb / 19P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
National Semiconductor ...
LM4863 NSC-LM4863 Datasheet
513Kb / 16P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
Unisonic Technologies
L4863 UTC-L4863 Datasheet
449Kb / 10P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
LM4863 UTC-LM4863 Datasheet
347Kb / 11P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Shenzhen Huazhimei Semi...
HM4863 HMSEMI-HM4863 Datasheet
1Mb / 21P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
National Semiconductor ...
LM4863 NSC-LM4863_06 Datasheet
1Mb / 21P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com