Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABT-8-50-1 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABT-8-50-1
Description  Wire Wound Chip Balun Wide Band Transformer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABT-8-50-1 Datasheet(HTML) 1 Page - Abracon Corporation

  ABT-8-50-1 Datasheet HTML 1Page - Abracon Corporation ABT-8-50-1 Datasheet HTML 2Page - Abracon Corporation ABT-8-50-1 Datasheet HTML 3Page - Abracon Corporation ABT-8-50-1 Datasheet HTML 4Page - Abracon Corporation ABT-8-50-1 Datasheet HTML 5Page - Abracon Corporation ABT-8-50-1 Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ABT-8
:
FEATURES
APPLICATIONS:
• Small size and low profile SMT package
• Low insertion loss within working frequency range
• 1:1 impedance ratio
• Excellent solderability
ELECTRICAL SPECIFICATIONS:
• Balanced unbalanced transformation between antenna and
cable for TV tuner, STB
Wire Wound Chip Balun Wide Band Transformer
2.0 x 1.2 x 1.2mm
ABRACON IS
ISO9001:2008
CERTIFIED
Pb RoHS / RoHS II Compliant
Operating Temperature: -40ºC to +85ºC
Storage Temperature: -10ºC to +40ºC, 70% RH max. in tape and reel
ELECTRICAL CHARACTERISTIC CURVES
Part Number
Frequency
Range
(MHz)
Unbalance
/Balance
Impedance
(ohm)
DC
Resistance
(Ω) Max
Rated
Current
(mA)
Max
Insertion
Loss max
(dB)
CMRR
min
(dB)
Rated
Voltage
(Vdc)
Withstand
Voltage
(Vdc)
Insulation
Resistance
Min.
(MΩ)
ABT-8-75-1
45~870
75/75
0.80
200
1.0
20
50
125
10
ABT-8-50-1
45~870
50/50
0.80
200
1.2
20
50
125
10
ABT-8-75-2
50~1200
75/75
0.40
300
1.5
20
50
125
10
ABT-8-75-3
1000~1500
75/75
0.42
290
1.4
20
50
125
10
ABT-8-75-1
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 02.04.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale


Similar Part No. - ABT-8-50-1

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABT-2-XXX ABRACON-ABT-2-XXX Datasheet
147Kb / 1P
   WIDE BAND, RF AND BALUN TRANSFORMERS
ABT-3-XXX ABRACON-ABT-3-XXX Datasheet
126Kb / 1P
   WIDE BAND, RF AND BALUN TRANSFORMERS
ABT-4-XXX ABRACON-ABT-4-XXX Datasheet
139Kb / 1P
   WIDE BAND, RF AND BALUN TRANSFORMERS
logo
List of Unclassifed Man...
ABT-402-RC ETC2-ABT-402-RC Datasheet
130Kb / 1P
   Low power consumption
ABT-414-RC ETC2-ABT-414-RC Datasheet
254Kb / 1P
   Electromechanical Audio Transducer 6V
More results

Similar Description - ABT-8-50-1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DXW21BN7511TL MURATA-DXW21BN7511TL Datasheet
74Kb / 2P
   Microchip Transformer (Balun) Wire Wound Type
DXW21B MURATA-DXW21B Datasheet
74Kb / 2P
   Microchip Transformer (Balun) Wire Wound Type
logo
TAI-TECH Advanced Elect...
BCM2012F2SF TAI-TECH-BCM2012F2SF Datasheet
525Kb / 7P
   Wire Wound Type Balun
BCM3225F3SF TAI-TECH-BCM3225F3SF Datasheet
115Kb / 1P
   Wire Wound Type Balun
BCM2012F2SV TAI-TECH-BCM2012F2SV Datasheet
495Kb / 7P
   Wire Wound Type Balun
logo
Rhombus Industries Inc.
T-1200-4 RHOMBUS-IND-T-1200-4 Datasheet
30Kb / 1P
   WIDE BAND TRANSFORMER
logo
XFMRS Inc.
XFWB2256-SM XFMRS-XFWB2256-SM Datasheet
45Kb / 1P
   Wide Band Transformer
XFWB1040 XFMRS-XFWB1040 Datasheet
26Kb / 1P
   Wide Band Transformer
XFWB1155-AM XFMRS-XFWB1155-AM Datasheet
46Kb / 1P
   Wide Band Transformer
XFWB1040 XFMRS-XFWB1040_15 Datasheet
26Kb / 1P
   Wide Band Transformer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com