Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABC180-1T12L Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # ABC180-1T12L
Description  4 x 2 x 0.75 Inches Form factor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC180-1T12L Datasheet(HTML) 2 Page - Bel Fuse Inc.

  ABC180-1T12L Datasheet HTML 1Page - Bel Fuse Inc. ABC180-1T12L Datasheet HTML 2Page - Bel Fuse Inc. ABC180-1T12L Datasheet HTML 3Page - Bel Fuse Inc. ABC180-1T12L Datasheet HTML 4Page - Bel Fuse Inc. ABC180-1T12L Datasheet HTML 5Page - Bel Fuse Inc. ABC180-1T12L Datasheet HTML 6Page - Bel Fuse Inc. ABC180-1T12L Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
ABC180 Series
tech.support@psbel.com
ABC180-1T12L
Screw Terminal
12 V
9.37 A
10 A
15 A
0.0 A
2%
ABC180-1012L
Molex Connector
ABC180-1T15L
Screw Terminal
15 V
7.5 A
8 A
12 A
0.0 A
2%
ABC180-1015L
Molex Connector
ABC180-1T24L
Screw Terminal
24 V
4.68 A
5 A
7.5 A
0.0 A
1%
ABC180-1024L
Molex Connector
ABC180-1T30L
Screw Terminal
30 V
3.75 A
4 A
6 A
0.0 A
1%
ABC180-1030L
Molex Connector
ABC180-1T48L
Screw Terminal
48 V
2.34 A
2.5 A
3.75 A
0.0 A
1%
ABC180-1048L
Molex Connector
ABC180-1T58L
Screw Terminal
58 V
1.94 A
2.07 A
3.1 A
0.0 A
1%
ABC180-1058L
Molex Connector
COVER-180-XBC
metal cover kit accessory
1
Ripple is peak to peak with 20 MHz bandwidth and 10
μF (Tantalum capacitor) in parallel with a 0.1 μF capacitor at rated line voltage
and load ranges.
Specifications are for nominal input voltage, 25°C unless otherwise stated.
Input Voltage
Universal
(Derate from 100% at 100 VAC to 77% at 80 VAC)
80-264 VAC / 390 VDC
Input Frequency
47-63 Hz
Input Current
115 VAC:
230 VAC:
2.2 A max.
1.1 A max.
No Load Power
Typical for ABC180-1XXX
Typical for ABC180-1XXX-PGPF
< 0.5 W
< 0.85 W
Inrush Current
115 VAC:
230 VAC:
264 VAC:
25 A
45 A
75 A
Leakage Current
Typical (N.A. For Class II Option- without input Earth pin)
Touch current
300 uA
< 100 uA
Power Factor
115 VAC:
230 VAC:
> 0.95
0.90
Switching Frequency
PFC
PWM
70 to 130 kHz
50 to 80 kHz


Similar Part No. - ABC180-1T12L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC180-1T12L BEL-ABC180-1T12L Datasheet
802Kb / 7P
   180 Watts with Forced Air Cooling
ABC180-1T12L BEL-ABC180-1T12L Datasheet
630Kb / 7P
   4 x 2 x 0.75 Inch Form Factor 180 Watts with Forced Air Cooling
More results

Similar Description - ABC180-1T12L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MBC180 BEL-MBC180 Datasheet
896Kb / 7P
   4 x 2 x 0.75 Inches Form factor
MBC180-1T12L BEL-MBC180-1T12L Datasheet
1Mb / 7P
   4 x 2 x 0.75 Inches Form factor
MBC275 BEL-MBC275 Datasheet
1Mb / 7P
   5 x 3 x 0.75 Inches Form factor
ABC275-1T12L BEL-ABC275-1T12L Datasheet
1Mb / 7P
   5 x 3 x 0.75 Inches form factor
ABC275 BEL-ABC275 Datasheet
506Kb / 5P
   5 x 3 x 0.75 Inches form factor
MBC275-1T12L BEL-MBC275-1T12L Datasheet
1Mb / 7P
   5 x 3 x 0.75 Inches Form factor
ABC275 BEL-ABC275_V01 Datasheet
722Kb / 7P
   5 x 3 x 0.75 Inch Form Factor
MBC150 BEL-MBC150 Datasheet
730Kb / 6P
   4 x 2 x 1.3 Inch Form Factor
ABC40 BEL-ABC40_V01 Datasheet
547Kb / 6P
   4 x 2 x 1.2 Inch Form Factor
ABC180 BEL-ABC180_V01 Datasheet
630Kb / 7P
   4 x 2 x 0.75 Inch Form Factor 180 Watts with Forced Air Cooling
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com