Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABC550-1T30 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # ABC550-1T30
Description  5 x 3 x 1.5 Inch Form Factor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC550-1T30 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  ABC550-1T30 Datasheet HTML 1Page - Bel Fuse Inc. ABC550-1T30 Datasheet HTML 2Page - Bel Fuse Inc. ABC550-1T30 Datasheet HTML 3Page - Bel Fuse Inc. ABC550-1T30 Datasheet HTML 4Page - Bel Fuse Inc. ABC550-1T30 Datasheet HTML 5Page - Bel Fuse Inc. ABC550-1T30 Datasheet HTML 6Page - Bel Fuse Inc. ABC550-1T30 Datasheet HTML 7Page - Bel Fuse Inc. ABC550-1T30 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
ABC550 Series
tech.support@psbel.com
AC Input Connector
J1
Pin 1
Pin 2
Pin 3
AC Line
Not Fitted
AC Neutral
TE Connectivity : 1-1123723-3
Mating: 1-1123722-3; Pins: 1318912-2
DC Output Connector
(Screw Terminal)
J2
Pin 1
Pin 2
V1 +VE
V1 -VE
6-32 inch screw pan head
Mating Connector: Ring Tongue Terminal, AMP 8-31886-1,
wire size: 16 AWG max.
Note: It is recommended to use only one Ring Tongue Terminal
(16 AWG) for current up to 11 A. Use multiple tongue terminals with
wire for more current.
Aux (Fan) Output
J3
Pin 1
Pin 2
FAN +VE
FAN -VE
AMP: 640456-2
Mating: 640440-2
Earth
J4
Molex: 19705-4301
Mating: 19003-0001
Weight
approx. 500 g
Dimensions
127 x 76.2 x 38.1 mm (5 x 3 x 1.5 inches)
Mechanical Drawing


Similar Part No. - ABC550-1T30

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC550-1T30 BEL-ABC550-1T30 Datasheet
1Mb / 8P
   5 x 3 x 1.5 Inch Form Factor
ABC550-1T30 BEL-ABC550-1T30 Datasheet
1Mb / 8P
   Up to 550 Watts with Forced Air Cooling
More results

Similar Description - ABC550-1T30

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MBC550-1T12 BEL-MBC550-1T12 Datasheet
1Mb / 8P
   5 x 3 x 1.5 Inch Form Factor
ABC550 BEL-ABC550 Datasheet
1Mb / 8P
   5 x 3 x 1.5 Inch Form Factor
ABC300 BEL-ABC300_V01 Datasheet
867Kb / 7P
   5 x 3 x 1.5 inch form factor
ABC275 BEL-ABC275_V01 Datasheet
722Kb / 7P
   5 x 3 x 0.75 Inch Form Factor
ABC201 BEL-ABC201_V01 Datasheet
782Kb / 7P
   5 x 3 x 1.5 Inch Form Factor 200 W with Forced Air Cooling
ABC75-1T12L BEL-ABC75-1T12L Datasheet
1Mb / 6P
   3 x 2 x 1 Inch Form Factor
MBC75 BEL-MBC75 Datasheet
878Kb / 5P
   3 x 2 x 1 Inch Form Factor
MBC75-1T12L BEL-MBC75-1T12L Datasheet
1Mb / 6P
   3 x 2 x 1 Inch Form Factor
MBC275 BEL-MBC275 Datasheet
1Mb / 7P
   5 x 3 x 0.75 Inches Form factor
ABC275-1T12L BEL-ABC275-1T12L Datasheet
1Mb / 7P
   5 x 3 x 0.75 Inches form factor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com