Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDW120-24 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # LDW120-24
Description  Single or two phase input AC 187 ??550 VAC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LDW120-24 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  LDW120-24 Datasheet HTML 1Page - Bel Fuse Inc. LDW120-24 Datasheet HTML 2Page - Bel Fuse Inc. LDW120-24 Datasheet HTML 3Page - Bel Fuse Inc. LDW120-24 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LDW120 Series are single or two phase AC or DC input DIN Rail
Switching Power Supplies.
Its compact size, high efficiency, excellent reliability together with easy
installation due to pluggable connectors makes it market leader for
various industrial telecom and renewable energy applications.
LDW120 Series are Class I isolation devices suitable for SELV and
PELV circuitry and are designed to be mounted on DIN rail and
installed inside a protective enclosure.
High efficiency
Single or two phase input AC 187 – 550 VAC
Wide DC input range 250 - 725 VDC
Compact size, only 40 mm width
150% overload capability
RoHS Compliant
Industrial Control
Communication
Instrumentation Equipment
Renewable


Similar Part No. - LDW120-24

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
LDW120 BEL-LDW120 Datasheet
564Kb / 4P
   High efficiency and compact size
logo
Shanghai Leiditech Elec...
LDW1206 LEIDITECH-LDW1206 Datasheet
1Mb / 9P
   Commom Mode Choke
More results

Similar Description - LDW120-24

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
LDW240-12 BEL-LDW240-12 Datasheet
414Kb / 4P
   Single, two or three phase input AC 187 ??550 VAC
LDW480-24 BEL-LDW480-24 Datasheet
406Kb / 4P
   Single, two or three phase input AC 187 ??550 VAC
LDW25-24 BEL-LDW25-24 Datasheet
673Kb / 4P
   Single or two phase AC (90 - 550 VAC) or DC (150 - 725 VDC) input
LDN480-24 BEL-LDN480-24 Datasheet
415Kb / 4P
   Single phase AC input 187 - 264 VAC (250 ??375 VDC)
LDN240 BEL-LDN240 Datasheet
539Kb / 4P
   Single phase AC input 120 / 240 VAC (with switch)
LDN240-12 BEL-LDN240-12 Datasheet
413Kb / 4P
   Single phase AC input 120 / 240 VAC (with switch)
LDN120-12 BEL-LDN120-12 Datasheet
410Kb / 4P
   Single phase AC input 90 ??264 VAC (110 - 345 VDC)
LDN120 BEL-LDN120 Datasheet
542Kb / 4P
   Single phase AC input 90 ??264 VAC (110 - 345 VDC
LDN40 BEL-LDN40 Datasheet
615Kb / 4P
   Single phase AC input 90 - 264 VAC (110 - 345 VDC)
LDN80 BEL-LDN80 Datasheet
598Kb / 4P
   Single phase AC input 90 - 264 VAC (110 - 345 VDC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com