Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDW240-48P Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # LDW240-48P
Description  Single, two or three phase input AC 187 ??550 VAC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LDW240-48P Datasheet(HTML) 4 Page - Bel Fuse Inc.

  LDW240-48P Datasheet HTML 1Page - Bel Fuse Inc. LDW240-48P Datasheet HTML 2Page - Bel Fuse Inc. LDW240-48P Datasheet HTML 3Page - Bel Fuse Inc. LDW240-48P Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
LDW240 Series
tech.support@psbel.com
Weight
650 g
Dimensions
54 x 115 x 110 mm
Mounting Rail
IEC 60715/H15/TH35-7.5(-15)
Connection Terminals
Screw type pluggable (24 - 12 AWG)
2.5 mm²
Case Material
Aluminum
Figure 1. Mechanical Drawing
1
AC/DC input
2
DC output (load)
3
Diagnostic Output
(dry contact, NC output OK)
4
Green LED: Output OK
5
Red LED: Overload
6
Output voltage adjustment
INPUT CONNECTION
OUTPUT CONNECTION
Single phase:
L = Line
N = Neutral
= Earth ground
+ = Positive DC
- = Negative DC
Dry contact = NC
2 phase:
L1 = Phase 1
L2 = Phase 2
I = Earth ground
3 phase:
L1 = Phase 1
L2 = Phase 2
L3 = Phase 3
= Earth ground
DC:
L1(N) = + Positive DC
L2(L) = - Negative DC
L3 = do not connect
= Earth ground
NUCLEAR AND MEDICAL APPLICATIONS - Products are not designed or intended for use as critical components in life support systems,
equipment used in hazardous environments, or nuclear control systems.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.


Similar Part No. - LDW240-48P

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
LDW240-48P BEL-LDW240-48P Datasheet
550Kb / 4P
   High efficiency and compact size
More results

Similar Description - LDW240-48P

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
LDW480-24 BEL-LDW480-24 Datasheet
406Kb / 4P
   Single, two or three phase input AC 187 ??550 VAC
LDW120-12 BEL-LDW120-12 Datasheet
425Kb / 4P
   Single or two phase input AC 187 ??550 VAC
LDW25-24 BEL-LDW25-24 Datasheet
673Kb / 4P
   Single or two phase AC (90 - 550 VAC) or DC (150 - 725 VDC) input
LDN480-24 BEL-LDN480-24 Datasheet
415Kb / 4P
   Single phase AC input 187 - 264 VAC (250 ??375 VDC)
logo
XP Power Limited
DNR120-960TS XPPOWER-DNR120-960TS Datasheet
422Kb / 2P
   Three Phase AC Input
logo
Vicor Corporation
VI-FPE6 VICOR-VI-FPE6 Datasheet
96Kb / 2P
   Single or Three Phase Strappable
logo
Bel Fuse Inc.
LDN240 BEL-LDN240 Datasheet
539Kb / 4P
   Single phase AC input 120 / 240 VAC (with switch)
LDN240-12 BEL-LDN240-12 Datasheet
413Kb / 4P
   Single phase AC input 120 / 240 VAC (with switch)
logo
Teledyne Technologies I...
E3PT48D12 TELEDYNE-E3PT48D12 Datasheet
135Kb / 4P
   Three-Phase Output to 50A 520 Vac Touch-Proof, AC or DC Control
logo
Bel Fuse Inc.
LDN120-12 BEL-LDN120-12 Datasheet
410Kb / 4P
   Single phase AC input 90 ??264 VAC (110 - 345 VDC)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com