Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDW480-72 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # LDW480-72
Description  Single, two or three phase input AC 187 ??550 VAC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LDW480-72 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  LDW480-72 Datasheet HTML 1Page - Bel Fuse Inc. LDW480-72 Datasheet HTML 2Page - Bel Fuse Inc. LDW480-72 Datasheet HTML 3Page - Bel Fuse Inc. LDW480-72 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LDW480 Series
3
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2016 Bel Power Solutions & Protection
BCD.00721_AA
Output Over Voltage Protection
LDW480-24
LDW480-48
LDW480-72
> 33 VDC
> 68 VDC
> 100 VDC
Parallel Connection
Possible with external ORing diode
Protections
Hiccup at the overload limit with auto reset
Over temperature
Overvoltage
Status Signals
Green LED = DC OK
Red LED = Overload
Dry contact (1 A / 30 V)
Operating Temperature
UL certified up to 45°C
(Start-up type tested: - 40°C)1
- 40 to + 70°C
Storage Temperature
- 40º C to + 80º C
Derating
- 10 W /° C over 45°C
Humidity
Non-condensing
5 - 95% RH
Life Time Expectancy
At 25°C ambient, full load
65496 h (7.4 years)
Overvoltage Category
Pollution Degree
III
2 (IEC 664-1)
Isolation Voltage
Input to Output
Input to Ground
Output to Ground
4.2 kVDC
2.2 kVDC
0.75 kVDC
Safety Standards & Approvals
UL508 (certified)
EN60950 (reference)
EMC Standards
Emission
EN55022:2010 (CISPR22)
EN55011:2009/A1:2010
EN61000-3-2:2014
Class A
Class A
Class A
Immunity
EN61000-4-2:2008
EN61000-4-3:2006 /A2:2010
EN61000-4-4:2012
EN61000-4-5:2014
EN61000-4-11:2004 /A1:2010
Level 3
Level 3
Level 3
Level 3
Level 2
Protection Degree
EN60529:1989 / A:2013
IP20
Vibration Sinusoidal
IEC 60068-2-6:2007 (5-17.8 Hz: ±1.6 mm;
17.8-500 Hz: 2g 2Hours / axis (X, Y, Z)
Shock
IEC 60068-2-27:2008 (30 g 6 ms, 20 g 11 ms;
3 bumps / direction, 18 bumps total)
1 Possible with load derating.
Weight
1000 g
Dimensions (W x H x D)
73 x 140 x 125 mm
Mounting Rail
IEC 60715/H15/TH35-7.5(-15)
Connection Terminals
Screw type pluggable (24 - 12 AWG)
2.5 mm²
Case Material
Aluminum


Similar Part No. - LDW480-72

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
LDW480-72 BEL-LDW480-72 Datasheet
569Kb / 4P
   Only 73 mm width aluminum enclosure
More results

Similar Description - LDW480-72

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
LDW240-12 BEL-LDW240-12 Datasheet
414Kb / 4P
   Single, two or three phase input AC 187 ??550 VAC
LDW120-12 BEL-LDW120-12 Datasheet
425Kb / 4P
   Single or two phase input AC 187 ??550 VAC
LDW25-24 BEL-LDW25-24 Datasheet
673Kb / 4P
   Single or two phase AC (90 - 550 VAC) or DC (150 - 725 VDC) input
LDN480-24 BEL-LDN480-24 Datasheet
415Kb / 4P
   Single phase AC input 187 - 264 VAC (250 ??375 VDC)
logo
XP Power Limited
DNR120-960TS XPPOWER-DNR120-960TS Datasheet
422Kb / 2P
   Three Phase AC Input
logo
Vicor Corporation
VI-FPE6 VICOR-VI-FPE6 Datasheet
96Kb / 2P
   Single or Three Phase Strappable
logo
Bel Fuse Inc.
LDN240 BEL-LDN240 Datasheet
539Kb / 4P
   Single phase AC input 120 / 240 VAC (with switch)
LDN240-12 BEL-LDN240-12 Datasheet
413Kb / 4P
   Single phase AC input 120 / 240 VAC (with switch)
logo
Teledyne Technologies I...
E3PT48D12 TELEDYNE-E3PT48D12 Datasheet
135Kb / 4P
   Three-Phase Output to 50A 520 Vac Touch-Proof, AC or DC Control
logo
Bel Fuse Inc.
LDN120-12 BEL-LDN120-12 Datasheet
410Kb / 4P
   Single phase AC input 90 ??264 VAC (110 - 345 VDC)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com