Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBC75-1030L Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # MBC75-1030L
Description  3 x 2 x 1 Inch Form Factor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

MBC75-1030L Datasheet(HTML) 5 Page - Bel Fuse Inc.

  MBC75-1030L Datasheet HTML 1Page - Bel Fuse Inc. MBC75-1030L Datasheet HTML 2Page - Bel Fuse Inc. MBC75-1030L Datasheet HTML 3Page - Bel Fuse Inc. MBC75-1030L Datasheet HTML 4Page - Bel Fuse Inc. MBC75-1030L Datasheet HTML 5Page - Bel Fuse Inc. MBC75-1030L Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MBC75 Series
© 2015 Bel Power Solutions, Inc.
866.513.2839
tech.support@psbel.com
BCD.00665_001
PARAMETER
DESCRIPTION / CONDITION
Weight
150 g
Dimensions
76.2 x 50.8 x 25.4 mm (3 x 2 x 1 inch)
Figure 2 - Mechanical Drawing - Screw Terminal (Option 1)


Similar Part No. - MBC75-1030L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MBC75-1030L BEL-MBC75-1030L Datasheet
878Kb / 5P
   3 x 2 x 1 Inch Form Factor
More results

Similar Description - MBC75-1030L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC75-1T12L BEL-ABC75-1T12L Datasheet
1Mb / 6P
   3 x 2 x 1 Inch Form Factor
MBC75 BEL-MBC75 Datasheet
878Kb / 5P
   3 x 2 x 1 Inch Form Factor
MBC550-1T12 BEL-MBC550-1T12 Datasheet
1Mb / 8P
   5 x 3 x 1.5 Inch Form Factor
MBC150 BEL-MBC150 Datasheet
730Kb / 6P
   4 x 2 x 1.3 Inch Form Factor
ABC550 BEL-ABC550 Datasheet
1Mb / 8P
   5 x 3 x 1.5 Inch Form Factor
ABC40 BEL-ABC40_V01 Datasheet
547Kb / 6P
   4 x 2 x 1.2 Inch Form Factor
ABC550-1T12 BEL-ABC550-1T12 Datasheet
1Mb / 8P
   5 x 3 x 1.5 Inch Form Factor
ABC275 BEL-ABC275_V01 Datasheet
722Kb / 7P
   5 x 3 x 0.75 Inch Form Factor
ABC300 BEL-ABC300_V01 Datasheet
867Kb / 7P
   5 x 3 x 1.5 inch form factor
ABC75 BEL-ABC75_V01 Datasheet
1Mb / 7P
   3 x 2 x 1 Inch Form Factor 75 Watts with Convection Cooling
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com