Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBC75-1T48L Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # MBC75-1T48L
Description  3 x 2 x 1 Inch Form Factor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

MBC75-1T48L Datasheet(HTML) 3 Page - Bel Fuse Inc.

  MBC75-1T48L Datasheet HTML 1Page - Bel Fuse Inc. MBC75-1T48L Datasheet HTML 2Page - Bel Fuse Inc. MBC75-1T48L Datasheet HTML 3Page - Bel Fuse Inc. MBC75-1T48L Datasheet HTML 4Page - Bel Fuse Inc. MBC75-1T48L Datasheet HTML 5Page - Bel Fuse Inc. MBC75-1T48L Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MBC75 Series
© 2015 Bel Power Solutions, Inc.
866.513.2839
tech.support@psbel.com
BCD.00665_001
Specifications are for nominal input voltage, 25°C unless otherwise stated.
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Input Voltage
Universal
(Derate from 75 W at 10 0VAC to 65 W at 85 VAC)
85-264 VAC / 390 VDC3
Input Frequency
47-63 Hz
Input Current
115 VAC:
230 VAC:
1 A max.
0.5 A max.
No Load Power
Typical
< 0.3 W
Inrush Current
115 VAC:
230 VAC:
264 VAC:
25 A
45 A
75 A
Leakage Current
Typical (N.A. For Class II Option)
Touch current
300 uA
<100 uA
Power Factor
@ Full Load
> 0.95
Switching Frequency
Typical
60 kHz
3
Functional, not approved.
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Output Power
Convection:
75 W
Efficiency
48 V, 58 V:
24 V, 30 V:
12 V, 15 V:
93%
91%
90%
Hold-up Time
Typical
>16 ms
Line Regulation
+/-0.5%
Load Regulation
+/-1%
Transient Response
25% step load change, at 0.1A/uS slew rate,
50% duty cycle, 50 Hz = 4%
recovery time < 5 ms
Voltage Adjustment
+/-3%
Rise Time
Typical
55 ms
Set Point Tolerance
+/-1%
Over Current Protection
> 110%
Over Voltage Protection
Latch type (AC recycling required)
110 to 140%
Short Circuit Protection
Hiccup mode
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Operating Temperature
Startup is guaranteed with spec deviation, see Fig 1.
-40 to +70°C
-40 to 0°C
Storage Temperature
-40 to +85°C
Cooling
With natural convection cooling at 100 to 264 VAC
75 W
Relative Humidity
Noncondensing
5% to 95%
Altitude
Operating:
Nonoperating:
16,000 ft
40,000 ft.
Reliability
MTBF according to Telcordia -SR332-Issue 3
3.00 million hours


Similar Part No. - MBC75-1T48L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MBC75-1T48L BEL-MBC75-1T48L Datasheet
878Kb / 5P
   3 x 2 x 1 Inch Form Factor
More results

Similar Description - MBC75-1T48L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC75-1T12L BEL-ABC75-1T12L Datasheet
1Mb / 6P
   3 x 2 x 1 Inch Form Factor
MBC75 BEL-MBC75 Datasheet
878Kb / 5P
   3 x 2 x 1 Inch Form Factor
MBC550-1T12 BEL-MBC550-1T12 Datasheet
1Mb / 8P
   5 x 3 x 1.5 Inch Form Factor
MBC150 BEL-MBC150 Datasheet
730Kb / 6P
   4 x 2 x 1.3 Inch Form Factor
ABC550 BEL-ABC550 Datasheet
1Mb / 8P
   5 x 3 x 1.5 Inch Form Factor
ABC40 BEL-ABC40_V01 Datasheet
547Kb / 6P
   4 x 2 x 1.2 Inch Form Factor
ABC550-1T12 BEL-ABC550-1T12 Datasheet
1Mb / 8P
   5 x 3 x 1.5 Inch Form Factor
ABC275 BEL-ABC275_V01 Datasheet
722Kb / 7P
   5 x 3 x 0.75 Inch Form Factor
ABC300 BEL-ABC300_V01 Datasheet
867Kb / 7P
   5 x 3 x 1.5 inch form factor
ABC75 BEL-ABC75_V01 Datasheet
1Mb / 7P
   3 x 2 x 1 Inch Form Factor 75 Watts with Convection Cooling
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com