Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTF4046-433.92-DCC6 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF4046-433.92-DCC6
Description  RF filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF4046-433.92-DCC6 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF4046-433.92-DCC6 Datasheet HTML 1Page - Advanced Crystal Technology ACTF4046-433.92-DCC6 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5. Performance
5-1. Maximum Ratings
Rating
Value
Unit
Source Power
PS
10
dBm
DC Voltage
VDC
0
V
Operable Temperature Range
TA
-40 to +85
°C
Storage Temperature Range
Tstg
-45 to +90
°C
5-2. Electronic Characteristics
Operating Temperature Range: T
= -40 to 85
Terminating Impedance:
ZS = 50Ω, ZL = 50Ω
Characteristic
Min.
Typ.
Max.
Unit
Center Frequency
fC
433.920
MHz
Insertion Loss
IL
433.00 …. 434.71 MHz
--
2.8
4.0
dB
Amplitude Ripple (p-p)
Δα
433.00 …. 434.71 MHz
--
0.3
1.0
dB
Relative Attenuation (relative to IL)
αrel
10.00 …. 350.00 MHz
350.00 …. 393.00 MHz
393.00 …. 408.00 MHz
408.00 …. 415.00 MHz
415.00 …. 425.50 MHz
443.50 …. 454.00 MHz
454.00 …. 475.00 MHz
475.00 …. 650.00 MHz
650.00 …. 1000.0 MHz
60
52
45
52
40
12
34
48
45
65
57
50
57
48
16
39
53
49
--
--
--
--
--
--
--
--
--
dB
dB
dB
dB
dB
dB
dB
dB
dB
Temperature Coefficient of Frequency
TCf
--
-30
--
ppm/K
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling!
NOTE:
1.
The frequency fC is defined as the midpoint between the 3dB frequencies.
2.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture that is
connected to a 50Ω test system with VSWR≤1.2:1.
3.
Unless noted otherwise, specifications apply over the entire specified operating temperature range.
4.
The specifications of this device are based on the test circuit shown above and subject to change or obsolescence
without notice.


Similar Part No. - ACTF4046-433.92-DCC6

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF4042 ACT-ACTF4042 Datasheet
198Kb / 3P
   RF Filter
ACTF4042/410/DCC6 ACT-ACTF4042/410/DCC6 Datasheet
198Kb / 3P
   RF Filter
More results

Similar Description - ACTF4046-433.92-DCC6

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF9038 ACT-ACTF9038 Datasheet
279Kb / 2P
   RF filter
ACTF9124 ACT-ACTF9124 Datasheet
274Kb / 2P
   RF Filter
25/ 03/ 2008
ACTF9027 ACT-ACTF9027_10 Datasheet
152Kb / 3P
   RF filter
March 2010
ACTF8002 ACT-ACTF8002_10 Datasheet
121Kb / 3P
   RF filter
March 2010
ACTF4197 ACT-ACTF4197 Datasheet
464Kb / 5P
   RF filter
ACTF8015 ACT-ACTF8015 Datasheet
211Kb / 3P
   RF filter
SEPT 06
ACTF4042 ACT-ACTF4042 Datasheet
198Kb / 3P
   RF Filter
ACT-F9081 ACT-ACT-F9081 Datasheet
321Kb / 3P
   RF Filter
SEPT 06
ACTF4186 ACT-ACTF4186 Datasheet
219Kb / 5P
   RF Filter
ACTF3031 ACT-ACTF3031 Datasheet
216Kb / 2P
   RF Filter
ACTF5031 ACT-ACTF5031 Datasheet
310Kb / 2P
   RF filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com