Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FRS2.8-24LG Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FRS2.8-24LG
Description  FIRM RETAINING SPACER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FRS2.8-24LG Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FRS2.8-24LG Datasheet HTML 1Page - List of Unclassifed Manufacturers FRS2.8-24LG Datasheet HTML 2Page - List of Unclassifed Manufacturers FRS2.8-24LG Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
®
STANDARD TOLERANCE
FRSX.X-XXLG
SHEET #
OF
FIRM RETAINING SPACER
CAD GENERATED DOCUMENT, DO NOT MEASURE DRAWING.
TEL: (949) 951-8808
FAX: (949) 951-3974
4 THOMAS, IRVINE, CA. 92618
( UNLESS OTHERWISE SPECIFIED )
± 1°
.XXX
± .005
.XX
± .01
CHECKED:
DESIGNED:
DATE:
DATE:
.X
± .1
DECIMALS
ANGULAR
TITLE:
PART NO:
CAGE CODE : 32559
B
3
1
REVISION:
DATE
APPROVED
REV.
DESCRIPTION
06/30/14
Engineering Release
A
J. C.
1. MATERIAL: NYLON 6/6, UL 94V-2, NATURAL.
A. Wright
B. Oliver
06/30/14
06/30/14
0.079 - 0.393 (2.0 - 9.9mm)±0.008(0.2mm)
0.394 - 1.101 (10.0 - 27.9mm)±0.012(0.3mm)
1.102 - 1.969 (28.0 - 50mm)±0.020(0.5mm)
2. TOLERANCE "H" DIMENSION:
ORDERING INFORMATION:
FRS X.X-XXLG
SECTION A-A
A
A
ØI.D.
ØO.D.
H
ØA
SERIES
SCREW SIZE IN MM
HEIGHT IN MM
SEE SHEET #2 & #3
05/25/16
Engineering Update w/o Changes
B
J. C.


Similar Part No. - FRS2.8-24LG

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
FRS2 ALLEN-BRADLEY-FRS2 Datasheet
90Kb / 4P
   Non contact Switches
FRS20 ALLEN-BRADLEY-FRS20 Datasheet
90Kb / 4P
   Non contact Switches
logo
List of Unclassifed Man...
FRS200BA50 ETC-FRS200BA50 Datasheet
287Kb / 2P
   DIODE MODULE FRD
FRS200BA60 ETC-FRS200BA60 Datasheet
287Kb / 2P
   DIODE MODULE FRD
logo
SanRex Corporation
FRS200CA100 SANREX-FRS200CA100 Datasheet
90Kb / 2P
   DIODE MODULE(F.R.D.)
More results

Similar Description - FRS2.8-24LG

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
70291XXXX WURTH-70291XXXX Datasheet
40Kb / 1P
   AsSNSR Self-retaining spacer
logo
Pepperl+Fuchs Inc.
LB9230B PF-LB9230B Datasheet
220Kb / 2P
   Retaining clips
2022-01-28
logo
Festo Corporation.
8127358 FESTO-8127358 Datasheet
62Kb / 1P
   Retaining bracket
7/21/22
logo
Molex Electronics Ltd.
69901-0203 MOLEX11-69901-0203 Datasheet
43Kb / 1P
   Retaining Ring
logo
Schurter Inc.
0888.0005 SCHURTER-0888.0005 Datasheet
465Kb / 5P
   Cord retaining strain relief
logo
Richco, Inc.
SRS4-2-01 RICHCO-SRS4-2-01 Datasheet
49Kb / 1P
   SELF RETAINING SPACERS
logo
List of Unclassifed Man...
561-04032 ETC2-561-04032 Datasheet
79Kb / 2P
   Nylon Retaining Washers
logo
Schurter Inc.
0888.0005 SCHURTER-0888.0005_V01 Datasheet
456Kb / 5P
   Cord retaining strain relief
04.01.2022
logo
List of Unclassifed Man...
23329 ETC2-23329 Datasheet
189Kb / 2P
   appliance connector with retaining nut
logo
PHOENIX CONTACT
2900953 PHOENIX-2900953 Datasheet
43Kb / 2P
   Retaining bracket - RIF-RH-1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com