Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTFD003 Datasheet(PDF) 7 Page - Advanced Crystal Technology

Part # ACTFD003
Description  SAW DUPLEXER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTFD003 Datasheet(HTML) 7 Page - Advanced Crystal Technology

  ACTFD003 Datasheet HTML 1Page - Advanced Crystal Technology ACTFD003 Datasheet HTML 2Page - Advanced Crystal Technology ACTFD003 Datasheet HTML 3Page - Advanced Crystal Technology ACTFD003 Datasheet HTML 4Page - Advanced Crystal Technology ACTFD003 Datasheet HTML 5Page - Advanced Crystal Technology ACTFD003 Datasheet HTML 6Page - Advanced Crystal Technology ACTFD003 Datasheet HTML 7Page - Advanced Crystal Technology ACTFD003 Datasheet HTML 8Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
- 7 -
Electrical Characteristics TX-RX:
Item
Minimum
Typical
Maximum
Unit
Isolation
-
-
882.4 MHz–912.6MHz
IL
50
55
dB
927.4 MHz–957.6MHz
48
53
dB
RoHS Compliant
Electrostatic Sensitive Device
.
Remarks
SAW devices should not be used in any type of fluid such as water, oil, organic solvent, etc.
Be certain not to apply voltage exceeding the rated voltage of components.
Do not operate outside the recommended operating temperature range of components.
Sudden change of temperature shall be avoided, deterioration of the characteristics can occur.
Be careful of soldering temperature and duration of components when soldering.
Do not place soldering iron on the body of components.
Be careful not to subject the terminals or leads of components to excessive force.
SAW devices are electrostatic sensitive. Please avoid static voltage during operation and storage.
Ultrasonic cleaning shall be avoided. Ultrasonic vibration may cause destruction of components.
Test Circuit


Similar Part No. - ACTFD003

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTFD001 ACT-ACTFD001 Datasheet
318Kb / 9P
   SAW DUPLEXER FILTER
ACTFD002 ACT-ACTFD002 Datasheet
314Kb / 9P
   SAW DUPLEXER
2015
ACTFD005 ACT-ACTFD005 Datasheet
256Kb / 8P
   SAW Duplexer
2014
ACTFD007 ACT-ACTFD007 Datasheet
259Kb / 7P
   SAW DUPLEXER
2015
More results

Similar Description - ACTFD003

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39182B8656P810 TDK-B39182B8656P810 Datasheet
239Kb / 14P
   SAW Duplexer SAW Duplexer
B39881B8616P810 TDK-B39881B8616P810 Datasheet
305Kb / 13P
   SAW Duplexer
B39881B8652P810 TDK-B39881B8652P810 Datasheet
272Kb / 15P
   SAW Duplexer
B39881B8547P810 TDK-B39881B8547P810 Datasheet
275Kb / 15P
   SAW Duplexer
B39881B8556P810 TDK-B39881B8556P810 Datasheet
233Kb / 15P
   SAW Duplexer
logo
Advanced Crystal Techno...
ACTFD007 ACT-ACTFD007 Datasheet
259Kb / 7P
   SAW DUPLEXER
2015
logo
TDK Electronics
B39182B8561P810 TDK-B39182B8561P810 Datasheet
276Kb / 13P
   SAW Duplexer
logo
Advanced Crystal Techno...
ACTFD005 ACT-ACTFD005 Datasheet
256Kb / 8P
   SAW Duplexer
2014
logo
TDK Electronics
B39182B8533P810 TDK-B39182B8533P810 Datasheet
329Kb / 14P
   SAW Duplexer
B39182B8557P810 TDK-B39182B8557P810 Datasheet
291Kb / 15P
   SAW Duplexer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com