Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS5001FP Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS5001FP
Description  128k Soft Microprocessor Chip
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS5001FP Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS5001FP Datasheet HTML 6Page - Dallas Semiconductor DS5001FP Datasheet HTML 7Page - Dallas Semiconductor DS5001FP Datasheet HTML 8Page - Dallas Semiconductor DS5001FP Datasheet HTML 9Page - Dallas Semiconductor DS5001FP Datasheet HTML 10Page - Dallas Semiconductor DS5001FP Datasheet HTML 11Page - Dallas Semiconductor DS5001FP Datasheet HTML 12Page - Dallas Semiconductor DS5001FP Datasheet HTML 13Page - Dallas Semiconductor DS5001FP Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
DS5001FP
10 of 26
Figure 6. DS5001FP CONNECTION TO 64k x 8 SRAM
POWER MANAGEMENT
The DS5001FP monitors VCC to provide power-fail reset, early warning power-fail interrupt, and switch
over to lithium backup. It uses an internal bandgap reference in determining the switch points. These are
called VPFW, VCCMIN, and VLI, respectively. When VCC drops below VPFW, the DS5001FP performs an
interrupt vector to location 2Bh if the power-fail warning was enabled. Full processor operation continues
regardless. When power falls further to VCCMIN, the DS5001FP invokes a reset state. No further code
execution is performed unless power rises back above VCCMIN. All decoded chip enables and the R/ W
signal go to an inactive (logic 1) state. VCC is still the power source at this time. When VCC drops further
to below VLI, internal circuitry switches to the lithium cell for power. The majority of internal circuits are
disabled and the remaining nonvolatile states are retained. Any devices connected VCCO are powered by
the lithium cell at this time. VCCO is at the lithium battery voltage minus approximately 0.45V. This drop
varies depending on the load. Low power SRAMs should be used for this reason. When using the
DS5001FP, the user must select the appropriate battery to match the RAM data retention current and the
desired backup lifetime. Note that the lithium cell is only loaded when VCC < VLI. The User’s Guide has
more information on this topic. The trip points VCCMIN and VPFW are listed in Electrical Specifications.


Similar Part No. - DS5001FP

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS5001FP DALLAS-DS5001FP Datasheet
939Kb / 27P
   128k Soft Microprocessor Chip
logo
Maxim Integrated Produc...
DS5001FP MAXIM-DS5001FP Datasheet
939Kb / 27P
   128k Soft Microprocessor Chip
REV: 070605
DS5001FP-12-44 MAXIM-DS5001FP-12-44 Datasheet
939Kb / 27P
   128k Soft Microprocessor Chip
REV: 070605
DS5001FP-12-44++ MAXIM-DS5001FP-12-44+ Datasheet
939Kb / 27P
   128k Soft Microprocessor Chip
REV: 070605
logo
Dallas Semiconductor
DS5001FP-16 DALLAS-DS5001FP-16 Datasheet
939Kb / 27P
   128k Soft Microprocessor Chip
More results

Similar Description - DS5001FP

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS5001FP DALLAS-DS5001FP_05 Datasheet
939Kb / 27P
   128k Soft Microprocessor Chip
logo
Maxim Integrated Produc...
DS5001FP MAXIM-DS5001FP Datasheet
939Kb / 27P
   128k Soft Microprocessor Chip
REV: 070605
DS5000FP MAXIM-DS5000FP Datasheet
615Kb / 22P
   Soft Microprocessor Chip
REV: 070605
logo
Dallas Semiconductor
DS5000FP DALLAS-DS5000FP Datasheet
434Kb / 22P
   Soft Microprocessor Chip
DS5000FP DALLAS-DS5000FP_05 Datasheet
615Kb / 22P
   Soft Microprocessor Chip
DS5000FP DALLAS-DS5000FP_1 Datasheet
364Kb / 22P
   Soft Microprocessor Chip
DS2251T DALLAS-DS2251T Datasheet
118Kb / 19P
   128K Soft Microcontroller Module
DS2251T DALLAS-DS2251T_06 Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2251T MAXIM-DS2251T Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
REV: 061306
logo
Dallas Semiconductor
DS2251 DALLAS-DS2251 Datasheet
654Kb / 20P
   128k Soft Microcontroller Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com