Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H25E-F4-SS-13NB-A2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # H25E-F4-SS-13NB-A2
Description  Model H25짰 Absolute Encoder
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

H25E-F4-SS-13NB-A2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  H25E-F4-SS-13NB-A2 Datasheet HTML 1Page - List of Unclassifed Manufacturers H25E-F4-SS-13NB-A2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel: 805-968-0782 /800-350-2727 | Fax: 805-968-3154 / 800-960-2726
7230 Hollister Ave., Goleta, CA 93117-2807 |
www.beisensors.com
Specification No. 02067-001 Rev.11-11
These commodities, technology or software if exported from the United States must be in accordance with the Bureau of Industry, and Security, Export Administration regulations. Diversion contrary to U.S law is prohibited.
Model H25® Absolute Encoder
Long considered the industry standard for shafted incremental encoders, the Model H25
is now available in an absolute version with up to 13 Bits of resolution. It incorporates
many of the great standard features of the incremental version, including: EMI shield-
ing, 40-lb ABEC 7 bearings, matched thermal coefficients on critical components, and
custom optics. This encoder features a 12 or 13 Bit absolute parallel gray code output,
a selection line for count direction, and an output latch as standard. Output is standard
gray code with options for natural binary or SSI compatible signals. Signals can be pro-
vided in either a single-ended multi-voltage line driver (TTL compatible when provided
with 5 volts) or as an open-collector style of output. Typical applications include dam
gate control, cranes, telescopes, tool changers, and robotics.
Mechanical Specifications
Shaft Diameter: 3/8” (1/2”as special feature)
Flat On Shaft: 3/8” Shaft: 0.80 long X 0.03” deep;
1/2” Shaft: 0.80 long X 0.04” deep (1/2’’ shaft w/flat must
be ordered as a special feature)
Shaft Loading: 3/8” shaft: Up to 40 pounds axial and
35 pounds radial; 1/2” shaft: Up to 90 pounds axial and 80
pounds radial
Shaft Runout: 0.0005 T.I.R. at midpoint regardless of
shaft diameter
Starting Torque at 25°C: Without shaft seal 1.0 in-oz
(max); With shaft seal 2.5 in-oz (max); 1/2” shaft with shaft
seal:3.5 in-oz (max)
Bearings: Class ABEC 7 standard, ABEC 5 for 1/2” shaft
Shaft Material: 416 stainless steel
Bearing Housing: Die cast aluminum with protective finish;
stainless steel (special feature)
Cover: Die cast aluminum; stainless steel (special feature)
Bearing Life: 2 X 108 revs (1300 hrs at 2500 RPM)
at rated load 1 X 1010 revs (67,000 hrs at 2500 RPM) at
10% of rated load
Maximum RPM: 12,000 RPM nominal, 8000 RPM with
1/2” shaft (see Frequency Response, below) 30,000 RPM
available on units with 3/8” shaft—consult with factory
Moment of Inertia: 4.1 X 10-4 oz-in-sec2; 5.2 X 10-4
oz-in-sec2 with 1/2” shaft
Weight: 13 oz typical, 14.5 oz typical with 1/2” shaft
Electrical Specifications
Code: 12 or 13 bits NB or GC; excess gray and BCD available
Counts Per Shaft Turn: 4096 or 8192
Count Transition Accuracy: ± 1/2 bit maximum
Supply Voltage: 5–28 VDC
Current Requirements: 120 mA typical
Output Formats: Parallel: Gray Code, Natural Binary and
Binary Coded Decimal; Serial: Serial Synchronous Interface
(SSI) compatible; Analog: 4–20 mA, 0–10V
Voltage/Output: (see note 3)
28V/V: Line Driver, 5–28 VDC in, Vout = Vin
28V/5: Line Driver, 5–28 VDC in, Vout = 5 VDC
28V/OC: Open Collector, 5–28 VDC in OCout
SSI: 5–28 VDC In/5Vout
Protection Level: Reverse, overvoltage and output
short circuit protection
Frequency Response: 100kHz (1200 RPM for 12-bits, 600
RPM for 13-bits)
Output Termination Pinouts: see Table 1, back page
Environmental Specifications
Enclosure Rating: NEMA 4 & 13 (IP 66) when ordered with
shaft seal (on units with an MS connector) or a cable gland
(on units with cable termination).
Temperature: Operating, 0º to 70º C; extended tempera-
ture testing available (see note 5); Storage, -25º to 90º C
unless extended temperature option called out.
Shock: 50 g’s for 11 msec duration
Vibration: 5 to 2000 Hz @ 20 g’s
Humidity: 98% RH without condensation
Connector
MS3112E14-19P, 19–pin connector on encoder body,
mates to MS3116J14-19S (or equivalent)
NOTES & TABLES: All notes and tables referred to in the
text can be found on the back of this page.
The H25 Absolute Encoder is available with the following certification:
EN 55011 and EN 61000-6-2
CODE TYPE:
GC = Gray Code
NB = Natural Binary
BCD = Binary
Coded Decimal
X = Excess
gray code
HOUSING :
D = Square Flange
E = 2.5 inch dia.
servo mount
G = 2.62 inch dia.
servo mount
See dimensions
H25 Absolute Encoder Ordering Options for assistance call 800-350-2727
Use this diagram, working from left to right to construct your model number (example:
H25E-F4-SS-12GC-28V/V-CW-SM14/19).
All notes and tables referred to can be found on the back of these pages.
TYPE:
Heavy Duty
2.5 inch Dia.
FACE
MOUNTS:
F1
F4
See note 1
NUMBER OF BITS:
12 = 12-Bits, 4096 counts per turn
13 = 13 Bits, 8192 counts per turn
(Excess gray codes and BCD
available–consult factory
TERMINATION TYPE:
M14/19 = 19 pin connector
CS= Cable with gland seal
Cable length specified in inches
(i.e. C18 = Pigtail 18” long)
M18 = MS3102R18-1P
(S3 output only)
SHAFT SEAL
CONFIGURATION:
SS = Shaft Seal
See note 2
VOLTAGE/OUTPUT:
28V/V = 5–28 Vin/out
28V/5 = 5–28 Vin/5Vout
28V/OC = 5–28 Vin/OCout
A1 = 4–20mA; A2 = 0–10V
SI = RS–422 Serial
Asynchronous
S3 = Serial
Synchronous Interface
See note 3
OUTPUT
TERMINATION
LOCATION:
E = End
S = Side
DIRECTION
OF COUNT:
CW = Clockwise
increasing count
CCW = Counter clock-
wise increasing count
SPECIAL FEATURES:
S = Special features
specified on purchase
order (consult factory)
See note 4
H25
X =
Express
Encoder
EXPRESS ENCODERS: Items highlighted with
are standard Express Encoders and ship in one to three days.


Similar Part No. - H25E-F4-SS-13NB-A2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H25E-F4-SS-OMNI-ABZC-28V ETC2-H25E-F4-SS-OMNI-ABZC-28V Datasheet
761Kb / 2P
   Omnicoder짰 Model H25짰
More results

Similar Description - H25E-F4-SS-13NB-A2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H25D-SS-OMNI-ABZC-28V ETC2-H25D-SS-OMNI-ABZC-28V Datasheet
761Kb / 2P
   Omnicoder짰 Model H25짰
logo
CUI INC
MAS17 CUI-MAS17 Datasheet
125Kb / 3P
   absolute encoder
MAS10 CUI-MAS10 Datasheet
73Kb / 3P
   absolute encoder
MAH36 CUI-MAH36 Datasheet
106Kb / 3P
   absolute encoder
MAH17 CUI-MAH17 Datasheet
107Kb / 3P
   absolute encoder
MAS60 CUI-MAS60 Datasheet
334Kb / 3P
   absolute encoder
logo
Bourns Electronic Solut...
EAW0J-B24-AE0128L BOURNS-EAW0J-B24-AE0128L Datasheet
274Kb / 5P
   Absolute encoder / absolute code output
logo
ASM GmbH
WS19KT ASM-SENSOR-WS19KT Datasheet
760Kb / 12P
   Absolute Encoder Output
logo
Pepperl+Fuchs Inc.
DVM58N-011AGR0BY-1213 PF-DVM58N-011AGR0BY-1213 Datasheet
301Kb / 4P
   Multiturn absolute encoder
PVM78E PF-PVM78E Datasheet
604Kb / 6P
   Multiturn absolute encoder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com