Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si1000-E-GM Datasheet(PDF) 1 Page - Silicon Laboratories

Part # Si1000-E-GM
Description  Silicon Labs is pleased to announce Revision 1.2 of the Si100x datasheet
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si1000-E-GM Datasheet(HTML) 1 Page - Silicon Laboratories

  Si1000-E-GM Datasheet HTML 1Page - Silicon Laboratories Si1000-E-GM Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Process Change Notice #1211141
____________________________________________________________________________________________________
W7206F1 Process Change Notice Form rev AH
The information contained in this document is PROPRIETARY to Silicon Laboratories, Inc. and shall not be reproduced or used in
part or whole without Silicon Laboratories’ written consent. The document is uncontrolled if printed or electronically saved. Pg 1
User Registration
Register today to create your account on Silabs.com. Your personalized profile allows you to receive technical document
updates, new product announcements, “how-to” and design documents, product change notices (PCN) and other valuable content
available only to registered users. http://www.silabs.com/profile
PCN Date: 11/14/2012
Effective Date: 11/20/2012
Title: Si100x Datasheet Revision 1.2
Originator: Greg Fyke
Phone: 512.464.9296
Dept: Marketing
Customer Contact: Kathy Haggar
Phone: 512.532.5261
Dept: Sales
PCN Type:
Datasheet
Foundry
Packing
Product Revision
Assembly
Labeling
Discontinuance
Test
Other
Last Order Date: N/A
PCN Details
Description of Change:
Silicon Labs is pleased to announce Revision 1.2 of the Si100x datasheet.
Revision 1.2 primarily incorporates updates to the LGA-42 package drawing, PCB land pattern
and PCB stencil and via placement. No changes have been made to the LGA-42 package. Please
refer to the Document Change List in the datasheet for a complete list of changes.
The updated Si100x datasheet is available at www.silabs.com.
Reason for Change:
Updates to LGA-42 package drawing, PCB land pattern and PCB stencil and via placement in
addition to other minor updates.
Impact on Form, Fit, Function, Quality, Reliability:
The updated LGA-42 package drawing and PCB land pattern reflect a change to fit. There are
otherwise no changes to form, fit, function, quality or reliability.
Product Identification:
The following orderable part numbers are affected:
Si1000-E-GM
Si1001-E-GM
Si1002-E-GM
Si1003-E-GM
Si1004-E-GM
Si1005-E-GM
Si1000-ESA2-GM
Si1002-ESB2-GM
Note: Affected part numbers also include custom part numbers and tape and reel vairants of
the base part numbers above. Tape and reel variants are denoted with an “R” at the end of the
orderable part number.
Last Date of Unchanged Product: N/A


Similar Part No. - Si1000-E-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI1000-E-GM2 SILABS-SI1000-E-GM2 Datasheet
2Mb / 382P
   MCU with Integrated 240??60 MHz EZRadioPRO짰 Transceiver
More results

Similar Description - Si1000-E-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
1201242 SILABS-1201242 Datasheet
42Kb / 2P
   Silicon Laboratories is pleased to announce revision 1.2 of the datasheet
1201241 SILABS-1201241 Datasheet
42Kb / 2P
   Silicon Laboratories is pleased to announce revision 1.1 of the datasheet
1201243 SILABS-1201243 Datasheet
41Kb / 2P
   Silicon Laboratories is pleased to announce revision 1.1 of the datasheet
1106071 SILABS-1106071 Datasheet
170Kb / 2P
   Silicon Labs is pleased to announce rev 1.2 for the Si530
1305101 SILABS-1305101 Datasheet
111Kb / 2P
   Silicon Labs is pleased to announce rev 1.4 datasheet
1107272 SILABS-1107272 Datasheet
93Kb / 2P
   Description of Change: Silicon Labs is pleased to announce rev 1.1 Datasheet
1106091 SILABS-1106091 Datasheet
111Kb / 2P
   Silicon Labs is pleased to announce rev 1.3 for the Si570
1305201 SILABS-1305201 Datasheet
132Kb / 2P
   Silicon Laboratories is pleased to announce the release
1211091 SILABS-1211091 Datasheet
115Kb / 2P
   Silicon Labs is pleased to announce rev 1.5 for the Si5100, Si5110 devices
1206151 SILABS-1206151 Datasheet
45Kb / 2P
   Silicon Labs is pleased to announce rev 1.3 for the Si5040-D-GM device
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com