Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SiM3L136-C-GM Datasheet(PDF) 3 Page - Silicon Laboratories

Part # SiM3L136-C-GM
Description  Version 0.5 of the SiM3L1xx datasheet is now available
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SiM3L136-C-GM Datasheet(HTML) 3 Page - Silicon Laboratories

  SiM3L136-C-GM Datasheet HTML 1Page - Silicon Laboratories SiM3L136-C-GM Datasheet HTML 2Page - Silicon Laboratories SiM3L136-C-GM Datasheet HTML 3Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Process Change Notice #1302261
____________________________________________________________________________________________________
W7206F1 Process Change Notice Form rev AH
The information contained in this document is PROPRIETARY to Silicon Laboratories, Inc. and shall not be reproduced or used in
part or whole without Silicon Laboratories’ written consent. The document is uncontrolled if printed or electronically saved. Pg 3
Appendix
DOCUMENT CHANGE LIST
Revision 0.4 to Revision 0.5
Changed 50 nA bullet on front overview to say 75 nA in PM8.
Updated Figure 4.4, “SiM3L1xx Reset Sources Block Diagram,” on page 50.
Table 3.5, “On-Chip Regulators,” on page 15:
o
Added input voltage range for internal LDO.
o
Added note that the internal LDO input voltage accounts for the dropout voltage.
o
Added digital LDO mins.
o
Added memory LDO min during normal operation.
o
Added note about setting the memory LDO equal or lower than the analog LDO.
Table 3.7, “Internal Oscillators,” on page 18:
o
Added RTC external clock maximum frequency of 40 kHz.
Changed two PM9 references to PM8 in System Overview.
Updated 80BGA mechanical drawing to correct pin numbering.
Removed TMS, TCK, and JTAG references from 64 and 40 pin packages.


Similar Part No. - SiM3L136-C-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SIM3L1XX SILABS-SIM3L1XX Datasheet
2Mb / 91P
   50 MHz maximum frequency
More results

Similar Description - SiM3L136-C-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
1303191 SILABS-1303191 Datasheet
216Kb / 3P
   Version 1.5 of the CP2102/9 datasheet is now available
1212121 SILABS-1212121 Datasheet
243Kb / 3P
   Version 1.2 of the Si4464-63-61-60 datasheet is now available
1212072 SILABS-1212072 Datasheet
267Kb / 3P
   Version 1.0 of the C8051F39x/7x is now available
1204051B SILABS-1204051B Datasheet
41Kb / 1P
   The Si5330 Clock Buffer datasheet v1.0 is now available
1204101B SILABS-1204101B Datasheet
41Kb / 1P
   The Si5335 Clock Generator datasheet v1.0 is now available
1303291 SILABS-1303291 Datasheet
84Kb / 1P
   Version 1.3 of the C8051F380/1/2/3/4/5/6/7 datasheet is now available
logo
Freescale Semiconductor...
MC9S08SH4CTG FREESCALE-MC9S08SH4CTG Datasheet
1Mb / 341P
   This is the MC9S08SH8 datasheet set consisting of the following files
logo
List of Unclassifed Man...
TMD27711 ETC2-TMD27711 Datasheet
1Mb / 33P
   The technical content of this TAOS datasheet is still valid
TCS3103FN ETC2-TCS3103FN Datasheet
755Kb / 13P
   The technical content of this TAOS datasheet is still valid.
TMD26721 ETC2-TMD26721 Datasheet
1Mb / 29P
   The technical content of this TAOS datasheet is still valid
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com