Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F127 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # C8051F127
Description  The C8051F12x series is pin compatible
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F127 Datasheet(HTML) 5 Page - Silicon Laboratories

  C8051F127 Datasheet HTML 1Page - Silicon Laboratories C8051F127 Datasheet HTML 2Page - Silicon Laboratories C8051F127 Datasheet HTML 3Page - Silicon Laboratories C8051F127 Datasheet HTML 4Page - Silicon Laboratories C8051F127 Datasheet HTML 5Page - Silicon Laboratories C8051F127 Datasheet HTML 6Page - Silicon Laboratories C8051F127 Datasheet HTML 7Page - Silicon Laboratories C8051F127 Datasheet HTML 8Page - Silicon Laboratories C8051F127 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AN131
Rev. 1.3
5
tors equivalent to the speed and power consump-
tion of the ‘F02x comparators. Note that SFRPAGE
should be set to CPT0_PAGE or CPT1_PAGE
when reading or writing comparator registers.
Reset Sources
Forcing a power-on reset via software in the ‘F12x
is accomplished by writing a ‘1’ to PINRSF (bit 0
in the RSTSRC register) instead of PORSF (bit 1 in
the RSTSRC register) as in the ‘F02x. PORSF in
the ‘F12x has been changed from read/write to read
only.
The instruction prefetch engine must be enabled in
order to disable the watchdog timer. The instruction
prefetch engine is enabled by default upon reset.
Note that SFRPAGE should be set to LEGA-
CY_PAGE before any reads or writes to RSTSRC.
Oscillators
Please see the “Clocking” section of this docu-
ment.
FLASH Memory
Please see the “Code Banking” section of this doc-
ument.
External Memory Interface
(EMIF)
The external memory interface on the ‘F12x is
identical to the one on the ‘F02x. However,
because the ‘F12x devices can operate significantly
faster than the ‘F02x devices, be sure to check the
timing requirements for devices on the bus. Note
that SFRPAGE should be set to LEGACY_PAGE
before any reads or writes to EMIF registers.
Port Input/Output
Port 4 through Port 7 now occupy bit addressable
SFR locations on the ‘F12x. Separate PnMDOUT
registers have been added for each port and the
P74OUT register has been removed. Note that
SFRPAGE should be set to CONFIG_PAGE when
reading or writing to Port 4 through Port 7 and the
port input and output mode (PnMDIN and PnMD-
OUT) registers.
The CEX5 and CNVSTR2 signals have been added
as Crossbar inputs. The CNVSTR signal has been
renamed to CNVSTR0. If the application does not
use any of the newly added or renamed signals,
then the Crossbar configuration code will not need
modification. Note that SFRPAGE should be set to
CONFIG_PAGE before reading or writing to cross-
bar registers.
System Management Bus/I2C
Bus (SMBUS0)
The formula for calculating SMB0CR has changed
on the ‘F12x. Please refer to the System Manage-
ment Bus section of the C8051F12x datasheet for
more information about SMBUS0. Note that
SFRPAGE should be set to SMB0_PAGE before
any reads or writes to SMBUS0 registers.
Enhanced Serial Peripheral
Interface (SPI0)
The ‘F12x series features an enhanced Serial
Peripheral Interface. The enhanced SPI0 supports
double buffered transmits and multi-byte transac-
tions when in slave mode. Also, it can now operate
in 3-wire or 4-wire mode making the NSS signal
optional. The SPI0 configuration registers have
changed on the ‘F12x. For more information on the
enhanced SPI0, please refer to the C8051F12x
datasheet. Note that SFRPAGE should be set to
SPI0_PAGE before any reads or writes to SPI0 reg-
isters.
UART
For UART0 on the ‘F12x, timer selection for baud
rate generation has been moved to the newly added
SSTA0 register. UART0 now supports using


Similar Part No. - C8051F127

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F127 SILABS-C8051F127 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F127 SILABS-C8051F127 Datasheet
171Kb / 2P
   50 MIPS, 128 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F127 SILABS-C8051F127 Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
C8051F127 SILABS-C8051F127 Datasheet
6Mb / 350P
   8K ISP FLASH MCU Family
Rev. 1.5
C8051F127-GQ SILABS-C8051F127-GQ Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F127

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECX-19A ECS-ECX-19A_17 Datasheet
590Kb / 2P
   The ECX-19A SMD crystal is pin out compatible with our CSM-12
logo
List of Unclassifed Man...
OCC8001-02 ETC1-OCC8001-02 Datasheet
382Kb / 2P
   The OCC8001-02 transceiver is a pin compatible successor of the OCC8001-01 with identical functionality,
logo
NXP Semiconductors
PCD509X2 PHILIPS-PCD509X2 Datasheet
93Kb / 16P
   The PCD50912 is designed for GAP compatible DECT handsets
1998 Apr 27
logo
NEC
UPD8355 NEC-UPD8355 Datasheet
262Kb / 6P
   pin for pin compatible
logo
Emerson Network Power
BXA40 EMERSON-NETWORKPOWER-BXA40 Datasheet
243Kb / 4P
   Pin-compatible with NFC40 Series
logo
Linear Technology
LT1011AIS8 LINER-LT1011AIS8 Datasheet
239Kb / 20P
   Pin Compatible with LM111 Series Devices
logo
List of Unclassifed Man...
HD-50-1-6 ETC-HD-50-1-6 Datasheet
150Kb / 1P
   The desing of the HD Series knob is unmistakbaly unique
logo
AiT Semiconductor Inc.
A4052 AITSEMI-A4052 Datasheet
459Kb / 11P
   BATTERY MANAGEMENT 1A IS COMPATIBLE WITH THE USB INTERFACE, LINEAR BATTERY MANAGEMENT CHIP
REV1.0
logo
List of Unclassifed Man...
CMG010020 ETC2-CMG010020 Datasheet
70Kb / 1P
   The CMG Series is a self powered
logo
Ohmite Mfg. Co.
SINK-CSM OHMITE-SINK-CSM Datasheet
411Kb / 2P
   The economically priced CSM Series is suitable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com