Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si4032-B1 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # Si4032-B1
Description  Remote control
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4032-B1 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button Si4032-B1 Datasheet HTML 4Page - Silicon Laboratories Si4032-B1 Datasheet HTML 5Page - Silicon Laboratories Si4032-B1 Datasheet HTML 6Page - Silicon Laboratories Si4032-B1 Datasheet HTML 7Page - Silicon Laboratories Si4032-B1 Datasheet HTML 8Page - Silicon Laboratories Si4032-B1 Datasheet HTML 9Page - Silicon Laboratories Si4032-B1 Datasheet HTML 10Page - Silicon Laboratories Si4032-B1 Datasheet HTML 11Page - Silicon Laboratories Si4032-B1 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
Si4030/31/32-B1
8
Preliminary Rev. 0.1
Table 2. Synthesizer AC Electrical Characteristics1
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Synthesizer Frequency
Range—Si4031/32
FSYN
240
930
MHz
Synthesizer Frequency
Range—Si4030
FSYN
900
960
MHz
Synthesizer Frequency
Resolution2
FRES-LB
Low Band, 240–480 MHz
156.25
Hz
FRES-HB
High Band, 480–960 MHz
312.5
Hz
Reference Frequency
Input Level2
fREF_LV
When using external reference signal
driving XOUT pin, instead of using
crystal. Measured peak-to-peak (VPP)
0.7
1.6
V
Synthesizer Settling Time2
tLOCK
Measured from exiting Ready mode with
XOSC running to any frequency.
Including VCO calibration.
—200
µs
Residual FM2
FRMS
Integrated over
250 kHz bandwidth
(500 Hz lower bound of integration)
—2
4
kHzRMS
Phase Noise2
L
(fM)
F = 10 kHz
–80
dBc/Hz
F = 100 kHz
–90
dBc/Hz
F = 1 MHz
–115
dBc/Hz
F = 10 MHz
–130
dBc/Hz
Notes:
1.
All specification guaranteed by production test unless otherwise noted. Production test conditions and max limits are
listed in the "Production Test Conditions" section on page 13.
2.
Guaranteed by qualification. Qualification test conditions are listed in the "Production Test Conditions" section on
page 13.


Similar Part No. - Si4032-B1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI4032-B1 ETC2-SI4032-B1 Datasheet
592Kb / 58P
   Si4030/31/32 ISM TRANSMITTER
logo
Silicon Laboratories
SI4032-B1-FM SILABS-SI4032-B1-FM Datasheet
88Kb / 2P
   Frequency Range = 240??30 MHz
More results

Similar Description - Si4032-B1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4362-C SILABS-SI4362-C Datasheet
1Mb / 44P
   Remote control
logo
Samsung semiconductor
SV-120B SAMSUNG-SV-120B Datasheet
1Mb / 12P
   Remote-Control
logo
Silicon Laboratories
SI4330 SILABS-SI4330 Datasheet
1Mb / 64P
   Remote control
logo
Silan Microelectronics ...
SC5262 SILAN-SC5262 Datasheet
168Kb / 10P
   REMOTE CONTROL ENCODER
logo
List of Unclassifed Man...
ML923 ETC1-ML923 Datasheet
310Kb / 4P
   REMOTE CONTROL RECEIVER
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
118Kb / 2P
   REMOTE CONTROL ENCODER?
PT2261A PTC-PT2261A Datasheet
149Kb / 5P
   Remote Control Encoder?
PT2262 PTC-PT2262 Datasheet
355Kb / 7P
   Remote Control Encoder
PT2265 PTC-PT2265 Datasheet
163Kb / 3P
   Remote Control Encoder?
PT2271A PTC-PT2271A Datasheet
253Kb / 6P
   Remote Control Decoder?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com