Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM224D Datasheet(PDF) 6 Page - ON Semiconductor

Part # LM224D
Description  Single Supply Quad Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM224D Datasheet(HTML) 6 Page - ON Semiconductor

Back Button LM224D Datasheet HTML 2Page - ON Semiconductor LM224D Datasheet HTML 3Page - ON Semiconductor LM224D Datasheet HTML 4Page - ON Semiconductor LM224D Datasheet HTML 5Page - ON Semiconductor LM224D Datasheet HTML 6Page - ON Semiconductor LM224D Datasheet HTML 7Page - ON Semiconductor LM224D Datasheet HTML 8Page - ON Semiconductor LM224D Datasheet HTML 9Page - ON Semiconductor LM224D Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LM324, LM324A, LM224, LM2902, LM2902V, NCV2902
http://onsemi.com
6
14
12
10
8.0
6.0
4.0
2.0
0
1.0
10
100
1000
f, FREQUENCY (kHz)
550
500
450
400
350
300
250
200
0
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
t, TIME (µs)
2.4
2.1
1.8
1.5
1.2
0.9
0.6
0.3
0
0
5.0
10
15
20
25
30
35
VCC, POWER SUPPLY VOLTAGE (V)
VCC, POWER SUPPLY VOLTAGE (V)
90
80
70
0
2.0
4.0
6.0
8.0
10
12
14
16
18
20
VCC = 30 V
VEE = Gnd
TA = 25°C
CL = 50 pF
Input
Output
18
16
14
12
10
8.0
6.0
4.0
2.0
0
20
0
2.0
4.0
6.0 8.0
10
12
14 16
18
20
± VCC/VEE, POWER SUPPLY VOLTAGES (V)
Positive
Negative
TA = 25°C
RL = R
RL = 2.0 kΩ
VCC = 15 V
VEE = Gnd
Gain = -100
RI = 1.0 kΩ
RF = 100 kΩ
Figure 4. Input Voltage Range
Figure 5. Open Loop Frequency
120
100
80
60
40
20
0
-20
1.0
10
100
1.0 k
10 k
100 k
1.0 M
f, FREQUENCY (Hz)
VCC = 15 V
VEE = Gnd
TA = 25°C
Figure 6. Large–Signal Frequency Response
Figure 7. Small–Signal Voltage Follower
Pulse Response (Noninverting)
Figure 8. Power Supply Current versus
Power Supply Voltage
Figure 9. Input Bias Current versus
Power Supply Voltage


Similar Part No. - LM224D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM224D PHILIPS-LM224D Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
logo
Texas Instruments
LM224D TI-LM224D Datasheet
2Mb / 53P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED OCTOBER 2022
logo
STMicroelectronics
LM224D STMICROELECTRONICS-LM224D Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
logo
Texas Instruments
LM224D TI-LM224D Datasheet
3Mb / 55P
[Old version datasheet]   Quadruple Operational Amplifiers
REVISED APRIL 2023
LM224D TI-LM224D Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
More results

Similar Description - LM224D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
   Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
   Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
MC3403 ONSEMI-MC3403_12 Datasheet
154Kb / 9P
   Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
logo
Motorola, Inc
MC3301 MOTOROLA-MC3301 Datasheet
548Kb / 10P
   QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM324 ONSEMI-LM324_06 Datasheet
204Kb / 16P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 20
LM324 ONSEMI-LM324_V01 Datasheet
378Kb / 17P
   Single Supply Quad Operational Amplifiers
October, 2021 - Rev. 31
MC3403 ONSEMI-MC3403_06 Datasheet
162Kb / 9P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 10
LM324DTBR2G ONSEMI-LM324DTBR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com