Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H25E-F2-SS-5-ABZC-28V Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # H25E-F2-SS-5-ABZC-28V
Description  H25 Incremental Optical Encoder
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

H25E-F2-SS-5-ABZC-28V Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  H25E-F2-SS-5-ABZC-28V Datasheet HTML 1Page - List of Unclassifed Manufacturers H25E-F2-SS-5-ABZC-28V Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1 CYCLE
90 Deg.
HI
A
B
Z
LO
CCW Rotation Viewing Shaft
A
B
Z
Output Waveform
0.88 ± 0.03
1.38
Ø 2.500
0.100
.100 MIN
Ø 2.275
1.2500
1.2495
0.300
NOTE: SHAFT SEAL NOT
AVAILABLE ON H25G
0.34
2.500
2.498
Ø 2.625
0.125
0.125
0.88 ± 0.03
30°
10-32 UNF-2B
0.188 Min. Deep
3 places equally spaced
on a Ø 1.875 bolt circle.
4-40 UNC-2B
0.250 Min. Deep
4 places equally spaced
on a Ø 1.272 bolt circle.
(0.900 square, Ref.)
4-40 UNC-2B
0.250 Min. Deep
4 places equally spaced
on a Ø 2.00 bolt circle.
6-32 UNC-2B
0.250 Min. Deep
3 places equally spaced
on a Ø 2.00 bolt circle.
45°
30°
F1
F2 (H25G Only)
4-40 UNC-2B
0.250 Min. Deep
4 places equally spaced
on a Ø 1.272 bolt circle.
(0.900 square, Ref.)
45°
F2
F3
F4
MS STYLE
CONNECTOR
1.30 (SM16)
1.65 (SM 18)
EM CONNECTOR
POSITION
SM CONNECTOR
POSITION
2.50
0.255
0.30
Ø 2.52
MAX
1.2500
1.2495
2.064 TYP
2.625
SQUARE
Ø 0.218 4 HOLES
(Ø 2.919 B.C. REF)
1.032
0.21 R
0.3747
0.3745
0.88 ± 0.03
Ø
Ø
Ø
Ø
For Reference: Old Color of Drawings:
0.88 ± 0.03
1.38
Ø 2.500
0.100
.100 MIN
Ø 2.275
1.2500
1.2495
0.300
NOTE: SHAFT SEAL NOT
AVAILABLE ON H25G
0.34
2.500
2.498
Ø 2.625
0.125
0.125
0.88 ± 0.03
30°
10-32 UNF-2B
0.188 Min. Deep
3 places equally spaced
on a Ø 1.875 bolt circle.
4-40 UNC-2B
0.250 Min. Deep
4 places equally spaced
on a Ø 1.272 bolt circle.
(0.900 square, Ref.)
4-40 UNC-2B
0.250 Min. Deep
4 places equally spaced
on a Ø 2.00 bolt circle.
6-32 UNC-2B
0.250 Min. Deep
3 places equally spaced
on a Ø 2.00 bolt circle.
45°
30°
F1
F2 (H25G Only)
4-40 UNC-2B
0.250 Min. Deep
4 places equally spaced
on a Ø 1.272 bolt circle.
(0.900 square, Ref.)
45°
F2
F3
F4
MS STYLE
CONNECTOR
1.30 (SM16)
1.65 (SM 18)
EM CONNECTOR
POSITION
SM CONNECTOR
POSITION
2.50
0.255
0.30
Ø 2.52
MAX
1.2500
1.2495
2.064 TYP
2.625
SQUARE
Ø 0.218 4 HOLES
(Ø 2.919 B.C. REF)
1.032
0.21 R
0.3747
0.3745
0.88 ± 0.03
Ø
Ø
Ø
Ø
For Reference: Old Color of Drawings:
0.88 ± 0.03
1.38
Ø 2.500
0.100
.100 MIN
Ø 2.275
1.2500
1.2495
0.300
NOTE: SHAFT SEAL NOT
AVAILABLE ON H25G
0.34
2.500
2.498
Ø 2.625
0.125
0.125
0.88 ± 0.03
30°
10-32 UNF-2B
0.188 Min. Deep
3 places equally spaced
on a Ø 1.875 bolt circle.
4-40 UNC-2B
0.250 Min. Deep
4 places equally spaced
on a Ø 1.272 bolt circle.
(0.900 square, Ref.)
4-40 UNC-2B
0.250 Min. Deep
4 places equally spaced
on a Ø 2.00 bolt circle.
6-32 UNC-2B
0.250 Min. Deep
3 places equally spaced
on a Ø 2.00 bolt circle.
45°
30°
F1
F2 (H25G Only)
4-40 UNC-2B
0.250 Min. Deep
4 places equally spaced
on a Ø 1.272 bolt circle.
(0.900 square, Ref.)
45°
F2
F3
F4
MS STYLE
CONNECTOR
1.30 (SM16)
1.65 (SM 18)
EM CONNECTOR
POSITION
SM CONNECTOR
POSITION
2.50
0.255
0.30
Ø 2.52
MAX
1.2500
1.2495
2.064 TYP
2.625
SQUARE
Ø 0.218 4 HOLES
(Ø 2.919 B.C. REF)
1.032
0.21 R
0.3747
0.3745
0.88 ± 0.03
Ø
Ø
Ø
Ø
For Reference: Old Color of Drawings:
0.88 ± 0.03
1.38
Ø 2.500
0.100
.100 MIN
Ø 2.275
1.2500
1.2495
0.300
NOTE: SHAFT SEAL NOT
AVAILABLE ON H25G
0.34
2.500
2.498
Ø 2.625
0.125
0.125
0.88 ± 0.03
30°
10-32 UNF-2B
0.188 Min. Deep
3 places equally spaced
on a Ø 1.875 bolt circle.
4-40 UNC-2B
0.250 Min. Deep
4 places equally spaced
on a Ø 1.272 bolt circle.
(0.900 square, Ref.)
4-40 UNC-2B
0.250 Min. Deep
4 places equally spaced
on a Ø 2.00 bolt circle.
6-32 UNC-2B
0.250 Min. Deep
3 places equally spaced
on a Ø 2.00 bolt circle.
45°
30°
F1
F2 (H25G Only)
4-40 UNC-2B
0.250 Min. Deep
4 places equally spaced
on a Ø 1.272 bolt circle.
(0.900 square, Ref.)
45°
F2
F3
F4
MS STYLE
CONNECTOR
1.30 (SM16)
1.65 (SM 18)
EM CONNECTOR
POSITION
SM CONNECTOR
POSITION
2.50
0.255
0.30
Ø 2.52
MAX
1.2500
1.2495
2.064 TYP
2.625
SQUARE
Ø 0.218 4 HOLES
(Ø 2.919 B.C. REF)
1.032
0.21 R
0.3747
0.3745
0.88 ± 0.03
Ø
Ø
Ø
Ø
For Reference: Old Color of Drawings:
0.88 ± 0.03
1.38
Ø 2.500
0.100
.100 MIN
Ø 2.275
1.2500
1.2495
0.300
NOTE: SHAFT SEAL NOT
AVAILABLE ON H25G
0.34
2.500
2.498
Ø 2.625
0.125
0.125
0.88 ± 0.03
30°
10-32 UNF-2B
0.188 Min. Deep
3 places equally spaced
on a Ø 1.875 bolt circle.
4-40 UNC-2B
0.250 Min. Deep
4 places equally spaced
on a Ø 1.272 bolt circle.
(0.900 square, Ref.)
4-40 UNC-2B
0.250 Min. Deep
4 places equally spaced
on a Ø 2.00 bolt circle.
6-32 UNC-2B
0.250 Min. Deep
3 places equally spaced
on a Ø 2.00 bolt circle.
45°
30°
F1
F2 (H25G Only)
4-40 UNC-2B
0.250 Min. Deep
4 places equally spaced
on a Ø 1.272 bolt circle.
(0.900 square, Ref.)
45°
F2
F3
F4
MS STYLE
CONNECTOR
1.30 (SM16)
1.65 (SM 18)
EM CONNECTOR
POSITION
SM CONNECTOR
POSITION
2.50
0.255
0.30
Ø 2.52
MAX
1.2500
1.2495
2.064 TYP
2.625
SQUARE
Ø 0.218 4 HOLES
(Ø 2.919 B.C. REF)
1.032
0.21 R
0.3747
0.3745
0.88 ± 0.03
Ø
Ø
Ø
Ø
For Reference: Old Color of Drawings:
0.88 ± 0.03
1.38
Ø 2.500
0.100
.100 MIN
Ø 2.275
1.2500
1.2495
0.300
NOTE: SHAFT SEAL NOT
AVAILABLE ON H25G
0.34
2.500
2.498
Ø 2.625
0.125
0.125
0.88 ± 0.03
30°
10-32 UNF-2B
0.188 Min. Deep
3 places equally spaced
on a Ø 1.875 bolt circle.
4-40 UNC-2B
0.250 Min. Deep
4 places equally spaced
on a Ø 1.272 bolt circle.
(0.900 square, Ref.)
4-40 UNC-2B
0.250 Min. Deep
4 places equally spaced
on a Ø 2.00 bolt circle.
6-32 UNC-2B
0.250 Min. Deep
3 places equally spaced
on a Ø 2.00 bolt circle.
45°
30°
F1
F2 (H25G Only)
4-40 UNC-2B
0.250 Min. Deep
4 places equally spaced
on a Ø 1.272 bolt circle.
(0.900 square, Ref.)
45°
F2
F3
F4
MS STYLE
CONNECTOR
1.30 (SM16)
1.65 (SM 18)
EM CONNECTOR
POSITION
SM CONNECTOR
POSITION
2.50
0.255
0.30
Ø 2.52
MAX
1.2500
1.2495
2.064 TYP
2.625
SQUARE
Ø 0.218 4 HOLES
(Ø 2.919 B.C. REF)
1.032
0.21 R
0.3747
0.3745
0.88 ± 0.03
Ø
Ø
Ø
Ø
For Reference: Old Color of Drawings:
0.88 ± 0.03
1.38
Ø 2.500
0.100
.100 MIN
Ø 2.275
1.2500
1.2495
0.300
NOTE: SHAFT SEAL NOT
AVAILABLE ON H25G
0.34
2.500
2.498
Ø 2.625
0.125
0.125
0.88 ± 0.03
30°
10-32 UNF-2B
0.188 Min. Deep
3 places equally spaced
on a Ø 1.875 bolt circle.
4-40 UNC-2B
0.250 Min. Deep
4 places equally spaced
on a Ø 1.272 bolt circle.
(0.900 square, Ref.)
4-40 UNC-2B
0.250 Min. Deep
4 places equally spaced
on a Ø 2.00 bolt circle.
6-32 UNC-2B
0.250 Min. Deep
3 places equally spaced
on a Ø 2.00 bolt circle.
45°
30°
F1
F2 (H25G Only)
4-40 UNC-2B
0.250 Min. Deep
4 places equally spaced
on a Ø 1.272 bolt circle.
(0.900 square, Ref.)
45°
F2
F3
F4
MS STYLE
CONNECTOR
1.30 (SM16)
1.65 (SM 18)
EM CONNECTOR
POSITION
SM CONNECTOR
POSITION
2.50
0.255
0.30
Ø 2.52
MAX
1.2500
1.2495
2.064 TYP
2.625
SQUARE
Ø 0.218 4 HOLES
(Ø 2.919 B.C. REF)
1.032
0.21 R
0.3747
0.3745
0.88 ± 0.03
Ø
Ø
Ø
Ø
For Reference: Old Color of Drawings:
0.88 ± 0.03
1.38
Ø 2.500
0.100
.100 MIN
Ø 2.275
1.2500
1.2495
0.300
NOTE: SHAFT SEAL NOT
AVAILABLE ON H25G
0.34
2.500
2.498
Ø 2.625
0.125
0.125
0.88 ± 0.03
30°
10-32 UNF-2B
0.188 Min. Deep
3 places equally spaced
on a Ø 1.875 bolt circle.
4-40 UNC-2B
0.250 Min. Deep
4 places equally spaced
on a Ø 1.272 bolt circle.
(0.900 square, Ref.)
4-40 UNC-2B
0.250 Min. Deep
4 places equally spaced
on a Ø 2.00 bolt circle.
6-32 UNC-2B
0.250 Min. Deep
3 places equally spaced
on a Ø 2.00 bolt circle.
45°
30°
F1
F2 (H25G Only)
4-40 UNC-2B
0.250 Min. Deep
4 places equally spaced
on a Ø 1.272 bolt circle.
(0.900 square, Ref.)
45°
F2
F3
F4
MS STYLE
CONNECTOR
1.30 (SM16)
1.65 (SM 18)
EM CONNECTOR
POSITION
SM CONNECTOR
POSITION
2.50
0.255
0.30
Ø 2.52
MAX
1.2500
1.2495
2.064 TYP
2.625
SQUARE
Ø 0.218 4 HOLES
(Ø 2.919 B.C. REF)
1.032
0.21 R
0.3747
0.3745
0.88 ± 0.03
Ø
Ø
Ø
Ø
For Reference: Old Color of Drawings:
0.88 ± 0.03
1.38
Ø 2.500
0.100
.100 MIN
Ø 2.275
1.2500
1.2495
0.300
NOTE: SHAFT SEAL NOT
AVAILABLE ON H25 G
0.34
2.500
2.498
Ø 2.625
0.125
0.125
0.88 ± 0.03
30°
10-32 UNF-2B
0.188 Min. Deep
3 places equally spaced
on a Ø 1.875 bolt circle.
4-40 UNC-2B
0.250 Min. Deep
4 places equally spaced
on a Ø 1.272 bolt circle.
(0.900 square, Ref.)
4-40 UNC-2B
0.250 Min. Deep
4 places equally spaced
on a Ø 2.00 bolt circle.
6-32 UNC-2B
0.250 Min. Deep
3 places equally spaced
on a Ø 2.00 bolt circle.
45°
30°
F1
F2 (H25G Only)
4-40 UNC-2B
0.250 Min. Deep
4 places equally spaced
on a Ø 1.272 bolt circle.
(0.900 square, Ref.)
45°
F2
F3
F4
MS STYLE
CONNECTOR
1.30 (SM16)
1.65 (SM 18)
EM CONNECTOR
POSITION
SM CONNECTOR
POSITION
2.50
0.255
0.30
Ø 2.52
MAX
1.2500
1.2495
2.064 TYP
2.625
SQUARE
Ø 0.218 4 HOLES
(Ø 2.919 B.C. REF)
1.032
0.21 R
0.3747
0.3745
0.88 ± 0.03
Ø
Ø
Ø
Ø
For Reference: Old Color of Drawings:
Optional Face Mounts
H25D - Square Flange
H25E - 2.50 Servo Mount
H25G - 2.62 Dia Servo Mount
TOLERANCES: .XX = ± 0.01, .XXX = ± 0.005
1. Mounting is usually done either using the D-style square flange mount, E- or G-style
servo mounts, or one of the standard face mounts, F1 for example. Consult factory for
additional face mount options.
2.The shaft seal is recommended in virtually all installations. The most common excep-
tions are applications requiring a very low starting torque or those requiring operation at
both high temperature and high speed.
3. Non-standard index widths and multiple indices are available by special order. Consult factory.
4. Complementary outputs are recommended for use with line driver type (source/sink)
outputs. When used with differential receivers, this combination provides a high degree
of noise immunity.
5. Output IC’s: Output IC’s are available as either Line Driver (LD) or NPN Open Collector
(OC) types. Open Collectors require pull-up resistors, resulting in higher output source
impedance (sink impedance is similar to that of line drivers). In general, use of a Line
Driver style output is recommended. Line Drivers source or sink current and their lower
impedance mean better noise immunity and faster switching times.
Warning: Do not
connect any line driver outputs directly to circuit common/OV, which may damage the
driver. Unused outputs should be isolated and left floating. Our applications specialists
would be pleased to discuss your system requirements and the compatibility of your
receiving electronics with Line Driver type outputs.
28V/V: Multi-voltage Line Driver (7272*): 100 mA source/sink. Input voltage 5 to 28
VDC +/- 5% standard (Note: Vout = Vin). This driver is TTL compatible when used with
5 volt supply. Supply lines are protected against overvoltage to 60 volts and reverse
voltage. Outputs are short circuit protected for one minute. Supply current is 120 mA
typical (plus load current). This is the recommended replacement for 3904R and 7406R
open collector outputs with internal pullup resistors. It is also a direct replacement for any
4469, 88C30, 8830 or 26LS31 line driver
28V/5: Multi-voltage Line Driver (7272*): 100 mA source/sink. Input voltage 5 to 28 VDC +/-
5% standard, internally regulated with 5V (TTL compatible) logic out. Supply lines are protected
against overvoltage to 60 volts and reverse voltage. Outputs are short circuit protected for one
minute. Supply current is 90 mA typical (plus load current).
15V/V: Multi-voltage Line Driver (4469*): 100 mA source/sink. Input voltage 5 to 15
VDC +/- 5% standard (Note: Vout = Vin). TTL compatible when used with 5 volt supply.
Supply lines are protected against overvoltage to 60 volts and reverse voltage. Outputs
are short circuit protected for one minute. Supply current is 90 mA typical (plus load
current). This is a direct replacement for the 4469 Line Driver.
28V/OC: NPN Open Collector (3904*, 7273*). Current sink of 80 mA max. Current
sourced by external pull- up resistor. Output can be pulled up to voltage other than supply
voltage (30 V max). Input voltage 5 to 28 VDC +/- 5% standard. Supply current is 120
mA typical. This replaces prior IC’s with designations of 3904, 7406, 3302, 681 and 689.
5V/OCR, 15V/OCR, 24V/OCR: Open Collector (3904R*, 7406R*, 7273R*): Current
sink of 70 mA max. Includes internal pull-ups sized at approximately 100 ohms/
volt. 5V/V. 5V/OC, 5V/OCR and 9V/OC can be intrinsically safe line driver and open
collector outputs available on certain model variations. They are intrinsically safe only
when installed per the controldrawing noted on the certification label affixed to the
encoder body.
3904, 3904R, 4469, 5V/V, 5V/OC, 5V/OCR, 9V/OC: Intrinsically safe line driver
and open collector outputs. These drivers are specific to intrinsically safe encoders,
and are installed per the appropriate control drawings listed in Table 2.1 on page 48.
6. Special –S at the end of the model number is used to define a variety of non-standard
features such as special shaft lengths, voltage options, or special testing. Please consult
the factory to discuss your special requirements.
7. Higher frequency response may be available. Please consult with the factory.
8. Mating straight plug receptacles may be ordered from the factory:
For M12 use MS3116F12-10S, For M14 use MS3106F14S-6S
For M14/19 use MS3116J14-19S, For M16 use MS3106F16S-1S
For M18 use MS3106F18-1S, For M20 use MS3106F20-29S
Dimensions
Tables
Notes
Figure 1
The connector style will determine pinouts. For example, an encoder with
ABC channels and an M18 connector uses the table to the right.
Table 2: Disc Resolutions for Incremental Encoder Models H25, H38, H40, L25, E25
Table 1: Incremental Output Terminations
*AB or ABC output only. NOTE: Resolutions up to 72,000 are available.
Resolutions highlighted with
are available as standard Model H25 EXPRESS ENCODERS
® that ship in one to three days.
M14 CONNECTOR
M16 CONNECTOR
CHANNELS DESIGNATED IN MODEL NO.
PIN
PIN
ABZ
ABC
EA
AA
DB
BB
CC
ZA
BD
+V (SUPPLY VOLTAGE)
FE
—B
AF
0 V (CIRCUIT COMMON)
G
CASE GROUND (CG) (except H20)
M18 CONNECTOR
PIN
CHANNEL
AA
BB
CZ
D+V
E—
F0V
GCG
HA
IB
JZ
WIRE COLOR
DA 15P
CHANNELS DESIGNATED IN MODEL NO.
(22AWG)
CONNECTOR
ABZ
ABC
ABZC
YEL
13
AA
A
BLUE
14
BB
B
ORN
15
Z—
Z
W-Yel10—
AA
W-Blu
11
—B
B
W-Orn
12
——
Z
RED
6
+V (SUPPLY VOLTAGE)
BLK
10 V (CIRCUIT COMMON)
GRN
9
CASE GROUND (CG) (except H20)
WHITE
SHIELD DRAIN (Shielded Cable Only)
M12 CONNECTOR
PIN
CHANNEL
AA
BB
CZ
D+V
E—
F0V
GCG
HA
JB
KZ
1, 2, 3, 5, 6, 7, 8, 10, 13, 16, 20, 24, 25, 26, 30, 32, 33, 34, 36, 37, 40, 45, 48, 50, 51, 56*, 60, 64, 66, 72, 75, 80, 86, 88, 90, 100, 102, 120, 122,
125, 127, 128, 132, 144, 148, 150, 158, 160, 175, 176, 180, 187, 192, 200, 202, 204*, 217, 220, 240, 250, 254, 255, 256, 264*, 274, 280, 283,
288, 292, 300, 312, 320, 321, 325, 360, 366, 372, 375, 377, 380, 381, 384, 385, 393, 400, 430, 432, 450, 462, 480, 490, 500 502, 508, 512, 522,
530, 550, 560*, 576, 598, 600, 604, 625, 628, 635, 638, 640, 660, 672, 676, 680, 687, 690, 700, 720, 725, 735, 740, 744, 748,750, 762, 768, 780, 785,
800, 812, 825, 850, 864, 878, 888, 900, 912, 914, 938, 942, 955, 960, 1000, 1016, 1024, 1030, 1035, 1036, 1040, 1054, 1056, 1074, 1076, 1080,
1088, 1100, 1101, 1125, 1136, 1200, 1237, 1250, 1257, 1270, 1280, 1300 1314, 1332, 1333, 1390, 1400, 1414, 1427, 1440, 1484, 1500, 1562,
1570, 1596, 1600, 1650, 1666, 1718, 1745, 1774, 1800, 1840*, 1850, 1855, 1875, 1894, 1920, 1952, 1968, 1979,1995, 2000, 2048, 2080,
2094, 2100, 2160, 2164, 2199, 2200, 2250, 2356, 2400, 2485, 2500, 2514, 2519, 2540, 3000, 3125, 3600, 4000, 4096, 5000
The connector style will determine pinouts. For example, an encoder with
ABC channels and an M18 connector uses the table to the right.
Table 2: Disc Resolutions for Incremental Encoder Models H25, H38, H40, L25, E25
Table 1: Incremental Output Terminations
*AB or ABC output only. NOTE: Resolutions up to 72,000 are available.
Resolutions highlighted with
are available as standard Model H25 EXPRESS ENCODERS
® that ship in one to three days.
M14 CONNECTOR
M16 CONNECTOR
CHANNELS DESIGNATED IN MODEL NO.
PIN
PIN
ABZ
ABC
EA
AA
DB
BB
CC
ZA
BD
+V (SUPPLY VOLTAGE)
FE
—B
AF
0 V (CIRCUIT COMMON)
G
CASE GROUND (CG) (except H20)
M18 CONNECTOR
PIN
CHANNEL
AA
BB
CZ
D+V
E—
F0V
GCG
HA
IB
JZ
WIRE COLOR
DA 15P
CHANNELS DESIGNATED IN MODEL NO.
(22AWG)
CONNECTOR
ABZ
ABC
ABZC
YEL
13
AA
A
BLUE
14
BB
B
ORN
15
Z—
Z
W-Yel10—
AA
W-Blu
11
—B
B
W-Orn
12
——
Z
RED
6
+V (SUPPLY VOLTAGE)
BLK
10 V (CIRCUIT COMMON)
GRN
9
CASE GROUND (CG) (except H20)
WHITE
SHIELD DRAIN (Shielded Cable Only)
M12 CONNECTOR
PIN
CHANNEL
AA
BB
CZ
D+V
E—
F0V
GCG
HA
JB
KZ
1, 2, 3, 5, 6, 7, 8, 10, 13, 16, 20, 24, 25, 26, 30, 32, 33, 34, 36, 37, 40, 45, 48, 50, 51, 56*, 60, 64, 66, 72, 75, 80, 86, 88, 90, 100, 102, 120, 122,
125, 127, 128, 132, 144, 148, 150, 158, 160, 175, 176, 180, 187, 192, 200, 202, 204*, 217, 220, 240, 250, 254, 255, 256, 264*, 274, 280, 283,
288, 292, 300, 312, 320, 321, 325, 360, 366, 372, 375, 377, 380, 381, 384, 385, 393, 400, 430, 432, 450, 462, 480, 490, 500 502, 508, 512, 522,
530, 550, 560*, 576, 598, 600, 604, 625, 628, 635, 638, 640, 660, 672, 676, 680, 687, 690, 700, 720, 725, 735, 740, 744, 748,750, 762, 768, 780, 785,
800, 812, 825, 850, 864, 878, 888, 900, 912, 914, 938, 942, 955, 960, 1000, 1016, 1024, 1030, 1035, 1036, 1040, 1054, 1056, 1074, 1076, 1080,
1088, 1100, 1101, 1125, 1136, 1200, 1237, 1250, 1257, 1270, 1280, 1300 1314, 1332, 1333, 1390, 1400, 1414, 1427, 1440, 1484, 1500, 1562,
1570, 1596, 1600, 1650, 1666, 1718, 1745, 1774, 1800, 1840*, 1850, 1855, 1875, 1894, 1920, 1952, 1968, 1979,1995, 2000, 2048, 2080,
2094, 2100, 2160, 2164, 2199, 2200, 2250, 2356, 2400, 2485, 2500, 2514, 2519, 2540, 3000, 3125, 3600, 4000, 4096, 5000
The connector style will determine pinouts. For example, an encoder with
ABC channels and an M18 connector uses the table to the right.
Table 2: Disc Resolutions for Incremental Encoder Models H25, H38, H40, L25, E25
Table 1: Incremental Output Terminations
*AB or ABC output only. NOTE: Resolutions up to 72,000 are available.
Resolutions highlighted with
are available as standard Model H25 EXPRESS ENCODERS
® that ship in one to three days.
M14 CONNECTOR
M16 CONNECTOR
CHANNELS DESIGNATED IN MODEL NO.
PIN
PIN
ABZ
ABC
EA
AA
DB
BB
CC
ZA
BD
+V (SUPPLY VOLTAGE)
FE
—B
AF
0 V (CIRCUIT COMMON)
G
CASE GROUND (CG) (except H20)
M18 CONNECTOR
PIN
CHANNEL
AA
BB
CZ
D+V
E—
F0V
GCG
HA
IB
JZ
WIRE COLOR
DA 15P
CHANNELS DESIGNATED IN MODEL NO.
(22AWG)
CONNECTOR
ABZ
ABC
ABZC
YEL
13
AA
A
BLUE
14
BB
B
ORN
15
Z—
Z
W-Yel10—
AA
W-Blu
11
—B
B
W-Orn
12
——
Z
RED
6
+V (SUPPLY VOLTAGE)
BLK
10 V (CIRCUIT COMMON)
GRN
9
CASE GROUND (CG) (except H20)
WHITE
SHIELD DRAIN (Shielded Cable Only)
M12 CONNECTOR
PIN
CHANNEL
AA
BB
CZ
D+V
E—
F0V
GCG
HA
JB
KZ
1, 2, 3, 5, 6, 7, 8, 10, 13, 16, 20, 24, 25, 26, 30, 32, 33, 34, 36, 37, 40, 45, 48, 50, 51, 56*, 60, 64, 66, 72, 75, 80, 86, 88, 90, 100, 102, 120, 122,
125, 127, 128, 132, 144, 148, 150, 158, 160, 175, 176, 180, 187, 192, 200, 202, 204*, 217, 220, 240, 250, 254, 255, 256, 264*, 274, 280, 283,
288, 292, 300, 312, 320, 321, 325, 360, 366, 372, 375, 377, 380, 381, 384, 385, 393, 400, 430, 432, 450, 462, 480, 490, 500 502, 508, 512, 522,
530, 550, 560*, 576, 598, 600, 604, 625, 628, 635, 638, 640, 660, 672, 676, 680, 687, 690, 700, 720, 725, 735, 740, 744, 748,750, 762, 768, 780, 785,
800, 812, 825, 850, 864, 878, 888, 900, 912, 914, 938, 942, 955, 960, 1000, 1016, 1024, 1030, 1035, 1036, 1040, 1054, 1056, 1074, 1076, 1080,
1088, 1100, 1101, 1125, 1136, 1200, 1237, 1250, 1257, 1270, 1280, 1300 1314, 1332, 1333, 1390, 1400, 1414, 1427, 1440, 1484, 1500, 1562,
1570, 1596, 1600, 1650, 1666, 1718, 1745, 1774, 1800, 1840*, 1850, 1855, 1875, 1894, 1920, 1952, 1968, 1979,1995, 2000, 2048, 2080,
2094, 2100, 2160, 2164, 2199, 2200, 2250, 2356, 2400, 2485, 2500, 2514, 2519, 2540, 3000, 3125, 3600, 4000, 4096, 5000
0.88 ± 0.03
1.38
Ø 2.500
0.100
.100 MIN
Ø 2.275
1.2500
1.2495
0.300
NOTE: SHAFT SEAL NOT
AVAILABLE ON H25G
0.34
2.500
2.498
Ø 2.625
0.125
0.125
0.88 ± 0.03
30°
10-32 UNF-2B
0.188 Min. Deep
3 places equally spaced
on a Ø 1.875 bolt circle.
4-40 UNC-2B
0.250 Min. Deep
4 places equally spaced
on a Ø 1.272 bolt circle.
(0.900 square, Ref.)
4-40 UNC-2B
0.250 Min. Deep
4 places equally spaced
on a Ø 2.00 bolt circle.
6-32 UNC-2B
0.250 Min. Deep
3 places equally spaced
on a Ø 2.00 bolt circle.
45°
30°
F1
F2 (H25G Only)
4-40 UNC-2B
0.250 Min. Deep
4 places equally spaced
on a Ø 1.272 bolt circle.
(0.900 square, Ref.)
45°
F2
F3
F4
MS STYLE
CONNECTOR
1.30 (SM16)
1.65 (SM 18)
EM CONNECTOR
POSITION
SM CONNECTOR
POSITION
2.50
0.255
0.30
Ø 2.52
MAX
1.2500
1.2495
2.064 TYP
2.625
SQUARE
Ø 0.218 4 HOLES
(Ø 2.919 B.C. REF)
1.032
0.21 R
0.3747
0.3745
0.88 ± 0.03
Ø
Ø
Ø
Ø
For Reference: Old Color of Drawings:
* Products manufactured prior to April 2007 used the line driver IC number instead of
voltage output in model number.
1, 2, 3, 5, 6, 7, 8, 10, 13, 16, 20, 24, 25, 26, 30, 32, 33, 34, 36, 37, 40, 45, 48, 50, 51, 56*, 60, 64, 66, 72, 75,
80, 86, 88, 90, 100, 102, 120, 122,125, 127, 128, 132, 144, 148, 150, 158, 160, 175, 176, 180, 187, 192, 200,
202, 204*, 217, 220, 240, 250, 254, 255, 256, 264*, 274, 280, 283, 292, 300, 312, 320, 321, 325, 360, 366,
372, 375, 377, 380, 381, 384, 385, 393, 400, 430, 432, 450, 462, 480, 490, 500, 502, 508, 512, 522,530, 550,
560*, 576, 598, 600, 604, 625, 635, 638, 640, 660, 672, 676, 680, 687, 690, 700, 720, 725, 735, 740, 744,
748, 750, 762, 768, 780, 785, 800, 812, 825, 850, 864, 878, 888, 900, 912, 914, 938, 942, 955, 960, 1000,
1016, 1024, 1030, 1035, 1036, 1040, 1054, 1056, 1074, 1076, 1080, 1088, 1100, 1101, 1125, 1136,
1200, 1237, 1250, 1257, 1270, 1280, 1300, 1314, 1332, 1333, 1390, 1400, 1414, 1427, 1440, 1484,
1500, 1562,1570, 1596, 1600, 1650, 1666, 1718, 1745, 1774, 1800, 1840*, 1850, 1855, 1875, 1894, 1920,
1952, 1968, 1979, 1995, 2000, 2048, 2080, 2094, 2100, 2160, 2164, 2199, 2200, 2250, 2356, 2400,
2485, 2500, 2514, 2519, 2540, 2821, 2827, 2833, 3000, 3125, 3600, 4000, 4096, 5000
These commodities, technology or software if exported from the United States must be in accordance with the Bureau of Industry,
and Security, Export Administration regulations. Diversion contrary to U.S. Law is prohibited.
H25 Incremental Optical Encoder
Tel: 805-968-0782 /800-350-2727 | Fax: 805-968-3154 / 800-960-2726 | 7230 Hollister Ave., Goleta, CA 93117-2807 |
www.beisensors.com


Similar Part No. - H25E-F2-SS-5-ABZC-28V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H25E-F2-SS-OMNI-ABZC-28V ETC2-H25E-F2-SS-OMNI-ABZC-28V Datasheet
761Kb / 2P
   Omnicoder짰 Model H25짰
More results

Similar Description - H25E-F2-SS-5-ABZC-28V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H25D-SS-2000-ABZC ETC2-H25D-SS-2000-ABZC Datasheet
618Kb / 3P
   H25 Incremental Optical Encoder
E25BB-4H-500-ABZC-28V ETC2-E25BB-4H-500-ABZC-28V Datasheet
708Kb / 2P
   E25 Incremental Optical Encoder
L25G-F3-SB-2000-ABZC ETC2-L25G-F3-SB-2000-ABZC Datasheet
738Kb / 3P
   L25 Incremental Optical Encoder
S25F-62-R1-SS-1024 ETC2-S25F-62-R1-SS-1024 Datasheet
1Mb / 2P
   HS25 Incremental Optical Encoder
HS35F-100-R1-SS-2048 ETC2-HS35F-100-R1-SS-2048 Datasheet
1Mb / 3P
   HS35 Incremental Optical Encoder
logo
Agilent(Hewlett-Packard...
HEDS-9040 HP-HEDS-9040 Datasheet
305Kb / 12P
   Three Channel Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9140-H00 AVAGO-HEDS-9140-H00 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040-T00 AVAGO-HEDS-9040-T00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9140-E00 AVAGO-HEDS-9140-E00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9141F00 AVAGO-HEDS-9141F00 Datasheet
542Kb / 13P
   Three Channel Optical Incremental Encoder Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com