Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM224DTB Datasheet(PDF) 10 Page - ON Semiconductor

Part # LM224DTB
Description  Single Supply Quad Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM224DTB Datasheet(HTML) 10 Page - ON Semiconductor

Back Button LM224DTB Datasheet HTML 4Page - ON Semiconductor LM224DTB Datasheet HTML 5Page - ON Semiconductor LM224DTB Datasheet HTML 6Page - ON Semiconductor LM224DTB Datasheet HTML 7Page - ON Semiconductor LM224DTB Datasheet HTML 8Page - ON Semiconductor LM224DTB Datasheet HTML 9Page - ON Semiconductor LM224DTB Datasheet HTML 10Page - ON Semiconductor LM224DTB Datasheet HTML 11Page - ON Semiconductor LM224DTB Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LM324, LM324A, LM224, LM2902, LM2902V, NCV2902
http://onsemi.com
10
MARKING DIAGRAMS
x
= 2 or 3
A
= Assembly Location
WL
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
PDIP–14
N SUFFIX
CASE 646
SO–14
D SUFFIX
CASE 751A
1
14
LM324AN
AWLYYWW
1
14
LMx24N
AWLYYWW
1
14
LM2902N
AWLYYWW
1
14
LM2902VN
AWLYYWW
1
14
LM324AD
AWLYWW
1
14
LMx24D
AWLYWW
1
14
LM2902D
AWLYWW
1
14
LM2902VD
AWLYWW
*This marking diagram also applies to NCV2902.
TSSOP–14
DTB SUFFIX
CASE 948G
1
14
x24
AWYW
1
14
324A
AWYW
1
14
2902
AWYW
1
14
2902
V
AWYW
*


Similar Part No. - LM224DTB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM224DTBG ONSEMI-LM224DTBG Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DTBG ONSEMI-LM224DTBG Datasheet
143Kb / 14P
   Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
LM224DTBR2G ONSEMI-LM224DTBR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DTBR2G ONSEMI-LM224DTBR2G Datasheet
143Kb / 14P
   Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
LM224DTBR2G ONSEMI-LM224DTBR2G Datasheet
378Kb / 17P
   Single Supply Quad Operational Amplifiers
October, 2021 - Rev. 31
More results

Similar Description - LM224DTB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
   Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
   Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
MC3403 ONSEMI-MC3403_12 Datasheet
154Kb / 9P
   Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
logo
Motorola, Inc
MC3301 MOTOROLA-MC3301 Datasheet
548Kb / 10P
   QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM324 ONSEMI-LM324_06 Datasheet
204Kb / 16P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 20
LM324 ONSEMI-LM324_V01 Datasheet
378Kb / 17P
   Single Supply Quad Operational Amplifiers
October, 2021 - Rev. 31
MC3403 ONSEMI-MC3403_06 Datasheet
162Kb / 9P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 10
LM324DTBR2G ONSEMI-LM324DTBR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com