Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H20-DB-39-HBS-F5-SS-3-AC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # H20-DB-39-HBS-F5-SS-3-AC
Description  Model H20짰 Incremental Encoder
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

H20-DB-39-HBS-F5-SS-3-AC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  H20-DB-39-HBS-F5-SS-3-AC Datasheet HTML 1Page - List of Unclassifed Manufacturers H20-DB-39-HBS-F5-SS-3-AC Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Output Waveform
H20 Disc Resolutions
1.Mounting is usually done either using the D-style square flange mount, E- or G-style servo
mounts, or one of the standard face mounts, F1 for example. Consult factory for additional
face mount options.
2.The shaft seal is recommended in virtually all installations. The most common exceptions
are applications requiring a very low starting torque or those requiring operation at both high
temperature and high speed.
3. Non-standard index widths and multiple indices are available by special order. Consult factory.
4. Complementary outputs are recommended for use with line driver type (source/sink) outputs.
When used with differential receivers, this combination provides a high degree of noise immunity.
5. Output IC’s: Output IC’s are available as either Line Driver (LD) or NPN Open Collector
(OC) types. Open Collectors require pull-up resistors, resulting in higher output source imped-
ance (sink impedance is similar to that of line drivers). In general, use of a Line Driver style
output is recommended. Line Drivers source or sink current and their lower impedance mean
better noise immunity and faster switching times.
Warning: Do not connect any line driver
outputs directly to circuit common/OV, which may damage the driver. Unused outputs should
be isolated and left floating. Our applications specialists would be pleased to discuss your
system requirements and the compatibility of your receiving electronics with Line Driver type
outputs.
28V/V: Multi-voltage Line Driver (7272*): 100 mA source/sink. Input voltage 5 to
28 VDC +/- 5% standard (Note: Vout = Vin). This driver is TTL compatible when used with
5 volt supply. Supply lines are protected against overvoltage to 60 volts and reverse voltage.
Outputs are short circuit protected for one minute. Supply current is 120 mA typical (plus
load current). This is the recommended replacement for 3904R and 7406R open collector
outputs with internal pullup resistors. It is also a direct replacement for any 4469, 88C30,
8830 or 26LS31 line driver
28V/5: Multi-voltage Line Driver (7272*): 100 mA source/sink.
Input voltage 5 to 28 VDC +/- 5% standard, internally regulated with 5V (TTL compatible) logic
out. Supply lines are protected against overvoltage to 60 volts and reverse voltage. Outputs are
short circuit protected for one minute. Supply current is 90 mA typical (plus load current).
15V/V:
Multi-voltage Line Driver (4469*): 100 mA source/sink. Input voltage 5 to 15 VDC +/- 5%
standard (Note: Vout = Vin). TTL compatible when used with 5 volt supply. Supply lines are
protected against overvoltage to 60 volts and reverse voltage. Outputs are short circuit pro-
tected for one minute. Supply current is 90 mA typical (plus load current). This is a direct
replacement for the 4469 Line Driver.
28V/OC: NPN Open Collector (3904*, 7273*). Current
sink of 80 mA max. Current sourced by external pull- up resistor. Output can be pulled up to
voltage other than supply voltage (30 V max). Input voltage 5 to 28 VDC +/- 5% standard.
Supply current is 120 mA typical. This replaces prior IC’s with designations of 3904, 7406,
3302, 681 and 689.
5V/OCR, 15V/OCR, 24V/OCR: Open Collector (3904R*, 7406R*,
7273R*): Current sink of 70 mA max. Includes internal pull-ups sized at approximately
100 ohms/volt. Max current source is 10 mA. Supply current is 100 mA typical, 120 mA
with internal pull-ups. 5V/V. 5V/OC, 5V/OCR and 9V/OC can be intrinsically safe line
driver and open collector outputs available on certain model variations. They are intrinsi-
cally safe only when installed per the controldrawing noted on the certification label
affixed to the encoder body.
6. Special –S at the end of the model number is used to define a variety of non-standard
features such as special shaft lengths, voltage options, or special testing. Please consult the
factory to discuss your special requirements.
7. Higher frequency response may be available. Please consult with the factory.
8. Extended temperature ratings are available in the following ranges:
-40 to 70°C, -40 to 85°C, –20 to 105°C and –40 to 105°C depending on the particu-
lar model. Some models can operate down to -55°C. Extended temperature ranges can
affect other performance factors. Consult with factory for more specific information.
9. Mating straight plug receptacles may be ordered from the factory:
For M12 use MS3116F12-10S, For M14 use MS3106F14S-6S
For M14/19 use MS3116J14-19S, For M16 use MS3106F16S-1S
For M18 use MS3106F18-1S, For M20 use MS3106F20-29S
Dimensions
Table1
Notes
Figure 1
Table A
Tel: 805-968-0782 /800-350-2727 | Fax: 805-968-3154 / 800-960-2726 | 7230 Hollister Ave., Goleta, CA 93117-2807
www.beisensors.com
* Products manufactured prior to April 2007 used the line driver IC number instead of
voltage output in model number.
F5
F12
F28
Housing Type
H20E
H20D
Special Shaft Options
Hollow Shaft
Thru-Shaft
Hub Shaft
Pilot Options
A
B
(H20DA or H20EA)
(H20DB or H20EB)
1* 2 3 5
6 8 10
11 12
24 25 30
32 40
50
60
64
75 80 95 100 105 115
120 125 150 192 200
240 250 256 300 336
360 400 500 510 512
600 625 635 720 785
1000 1024 1200**
Resolutions Shown in
RED are not
available as Express Encoders
*No index. For interpolation please
specify the multiplied output (up to
4,096 for H20) in the model number,
i.e. 4,096-T4.
**Consult factory for this resolution
HI
LO
CCW Rotation Viewing Face
Incremental Output Terminations
The connector style will determine pinouts. For example, an encoder with ABC channels
and an M18 connector uses the table to the right.
M18 CONNECTOR
PIN
CHANNEL
A
A
B
B
C
Z
D
+V
E
F
OV
G
H
A
I
B
J
Z
M14 CONNECTOR M16 CONNECTOR CHANNELS DESIGNATED IN MODEL NO.
PIN
PIN
ABz
ABC
E
A
A
A
D
B
B
B
C
C
Z
A
B
D
+V (SUPPLY VOLTAGE)
F
E
B
A
F
0 V (CIRCUIT COMMON)
G
CASE GROUND (CG) (Except H20)
WIRE COLOR
(22AWG)
DA 15P
CONNECTOR
CHANNELS DESIGNATED IN MODEL NO.
ABz
ABC
ABzC
YEL
13
A
A
A
BLUE
14
B
B
B
ORN
15
Z
Z
W-YEL
10
A
A
W-BLU
11
B
B
W-OM
12
Z
RED
6
+V (SUPPLY VOLTAGE)
BLK
1
0 V (CIRCUIT COMMON)
GRN
9
CASE GROUND (CG) (Except H20)
WHITE
SHIELD DRAIN (Shielded cable only)
Model H20® Incremental Encoder
Optional
Face Mounts


Similar Part No. - H20-DB-39-HBS-F5-SS-3-AC

ManufacturerPart #DatasheetDescription
logo
Entegris, Inc
H20-02-1201 ENTEGRIS-H20-02-1201 Datasheet
284Kb / 5P
   H20 Series Covers
H20-02-1216 ENTEGRIS-H20-02-1216 Datasheet
284Kb / 5P
   H20 Series Covers
H20-02-1415 ENTEGRIS-H20-02-1415 Datasheet
284Kb / 5P
   H20 Series Covers
H20-02-24-1415 ENTEGRIS-H20-02-24-1415 Datasheet
284Kb / 5P
   H20 Series Covers
H20-02-40-66C02 ENTEGRIS-H20-02-40-66C02 Datasheet
284Kb / 5P
   H20 Series Covers
More results

Similar Description - H20-DB-39-HBS-F5-SS-3-AC

ManufacturerPart #DatasheetDescription
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
   Incremental Encoder
MES12 CUI-MES12 Datasheet
74Kb / 3P
   incremental encoder
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
   INCREMENTAL ENCODER
logo
CUI INC
MES3 CUI-MES3 Datasheet
298Kb / 5P
   INCREMENTAL ENCODER
MEH9 CUI-MEH9 Datasheet
78Kb / 3P
   incremental encoder
logo
List of Unclassifed Man...
580A316IR-60 ETC2-580A316IR-60 Datasheet
155Kb / 4P
   Incremental Encoder
logo
CUI INC
MEH20 CUI-MEH20 Datasheet
80Kb / 3P
   incremental encoder
MEH30 CUI-MEH30 Datasheet
76Kb / 3P
   incremental encoder
MES20 CUI-MES20 Datasheet
73Kb / 3P
   incremental encoder
logo
Bourns Electronic Solut...
PEC16 BOURNS-PEC16_10 Datasheet
226Kb / 3P
   Incremental Encoder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com