Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRP5030TA-1R5M Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SRP5030TA-1R5M
Description  Shielded construction
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP5030TA-1R5M Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SRP5030TA-1R5M Datasheet HTML 1Page - Bourns Electronic Solutions SRP5030TA-1R5M Datasheet HTML 2Page - Bourns Electronic Solutions SRP5030TA-1R5M Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3312 - 2 mm SMD Trimming Potentiometer
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
SRP5030TA Series - Shielded Power Inductors
REV. 09/16
DIMENSIONS:
MM
(INCHES)
QTY: 2000 PCS. PER REEL
Asia-Pacific: Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
EMEA: Tel: +36 88 520 390 • Fax: +36 88 520 211
The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
Packaging Specifications
E
E
EE
3 °
4.0
(.157)
2.0
(.079)
DIA.
1.5 ± 0.1
(.059 ± .004)
5.5 ± 0.1
(.217 ± .004)
12.0 ± 0.3
(.472 ± .012)
5.5 ± 0.1
(.217 ± .004)
8.0 ± 0.1
(.315 ± .004)
0.35 ± 0.05
(.014 ± .002)
3.3 ± 0.1
(.130 ± .004)
6.2 ± 0.1
(.244 ± .004)
12.0 ± 0.5
(.472 ± .020)
2.0 ± 0.5
(.079 ± .020)
100 ± 2
(3.937 ± .079)
330
(12.992)
DIA.
13.5 ± 0.5
(.531 ± .020)
DIA.


Similar Part No. - SRP5030TA-1R5M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP5030TA-1R5M BOURNS-SRP5030TA-1R5M Datasheet
623Kb / 4P
   Shielded Power Inductors
11/19
More results

Similar Description - SRP5030TA-1R5M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU8045A-3R5Y BOURNS-SRU8045A-3R5Y Datasheet
263Kb / 3P
   Shielded construction
logo
Vishay Siliconix
IHLP-6767GZ-51 VISHAY-IHLP-6767GZ-51 Datasheet
278Kb / 6P
   Shielded construction
Revision: 02-Mar-17
logo
XFMRS Inc.
XFTPRH105 XFMRS-XFTPRH105 Datasheet
519Kb / 3P
   Shielded construction
logo
AVX Corporation
LMXSF AVX-LMXSF Datasheet
91Kb / 4P
   Magnetically Shielded Construction
LMXSL AVX-LMXSL Datasheet
86Kb / 2P
   Magnetically Shielded Construction
logo
Sumida Corporation
CDRH2D11 SUMIDA-CDRH2D11_13 Datasheet
136Kb / 4P
   Magnetically shielded construction.
logo
TOKO, Inc
181LY-102J TOKO-181LY-102J Datasheet
260Kb / 2P
   Magnetically shielded construction
logo
Sumida Corporation
CDRH10D48AA SUMIDA-CDRH10D48AA Datasheet
228Kb / 2P
   Magnetically shielded construction
logo
Hirose Electric
GT17 HIROSE-GT17 Datasheet
1Mb / 47P
   All surface shielded construction.
logo
Sumida Corporation
CDPQ2010 SUMIDA-CDPQ2010 Datasheet
291Kb / 4P
   Ferrite core construction, Magnetically shielded
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com