Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3943ISQ Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3943ISQ
Description  RGB/White/Blue 16-LED Fun Light Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3943ISQ Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LP3943ISQ Datasheet HTML 3Page - National Semiconductor (TI) LP3943ISQ Datasheet HTML 4Page - National Semiconductor (TI) LP3943ISQ Datasheet HTML 5Page - National Semiconductor (TI) LP3943ISQ Datasheet HTML 6Page - National Semiconductor (TI) LP3943ISQ Datasheet HTML 7Page - National Semiconductor (TI) LP3943ISQ Datasheet HTML 8Page - National Semiconductor (TI) LP3943ISQ Datasheet HTML 9Page - National Semiconductor (TI) LP3943ISQ Datasheet HTML 10Page - National Semiconductor (TI) LP3943ISQ Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Application Notes (Continued)
However, if a READ function is to be accomplished, a
WRITE function must precede the READ function, as shown
in Figure 5.
20079608
FIGURE 3. Chip Address Byte
20079609
w = write (SDA = “0”)
r = read (SDA = “1”)
ack = acknowledge (SDA pulled LOW by either master or slave)
rs = repeated start
xx=60to67
FIGURE 4. LP3943 Register Write
20079610
w = write (SDA = “0”)
r = read (SDA = “1”)
ack = acknowledge (SDA pulled LOW by either master or slave)
rs = repeated start
xx=60to67
FIGURE 5. LP3943 Register Read
www.national.com
7


Similar Part No. - LP3943ISQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3943ISQ TI1-LP3943ISQ Datasheet
983Kb / 25P
[Old version datasheet]   RGB, White, Blue 16-LED Fun Light Driver
LP3943ISQ/NOPB TI1-LP3943ISQ/NOPB Datasheet
983Kb / 25P
[Old version datasheet]   RGB, White, Blue 16-LED Fun Light Driver
LP3943ISQX TI1-LP3943ISQX Datasheet
983Kb / 25P
[Old version datasheet]   RGB, White, Blue 16-LED Fun Light Driver
LP3943ISQX/NOPB TI1-LP3943ISQX/NOPB Datasheet
983Kb / 25P
[Old version datasheet]   RGB, White, Blue 16-LED Fun Light Driver
More results

Similar Description - LP3943ISQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3943 TI1-LP3943_15 Datasheet
983Kb / 25P
[Old version datasheet]   RGB, White, Blue 16-LED Fun Light Driver
LP3943 TI1-LP3943 Datasheet
979Kb / 21P
[Old version datasheet]   RGB/White/Blue 16-LED Fun Light Driver
logo
National Semiconductor ...
LP3944 NSC-LP3944 Datasheet
249Kb / 12P
   RGB/White/Blue 8-LED Fun Light Driver
logo
Texas Instruments
LP3944 TI1-LP3944_14 Datasheet
931Kb / 17P
[Old version datasheet]   RGB/White/Blue 8-LED Fun Light Driver
logo
Integrated Silicon Solu...
IS31FL3191-UTLS2-TR ISSI-IS31FL3191-UTLS2-TR Datasheet
319Kb / 15P
   1-CHANNEL FUN LED DRIVER
IS31FL3191 ISSI-IS31FL3191 Datasheet
315Kb / 12P
   1-CHANNEL FUN LED DRIVER
IS31FL3193-DLS2-EB ISSI-IS31FL3193-DLS2-EB Datasheet
320Kb / 13P
   3-CHANNEL FUN LED DRIVER
IS31FL3193 ISSI-IS31FL3193 Datasheet
356Kb / 13P
   3-CHANNEL FUN LED DRIVER
logo
LIGITEK electronics co....
LGXRGB-501H LIGITEK-LGXRGB-501H Datasheet
168Kb / 10P
   RGB Power Light LED
logo
List of Unclassifed Man...
EC4006 ETC2-EC4006 Datasheet
211Kb / 8P
   DC/DC WHITE LIGHT LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com