Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPC357NT0W Datasheet(PDF) 2 Page - COSMO Electronics Corporation

Part # KPC357NT0W
Description  4PIN MINI-FLAT LOW INPUT CURRENT PHOTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC357NT0W Datasheet(HTML) 2 Page - COSMO Electronics Corporation

  KPC357NT0W_15 Datasheet HTML 1Page - COSMO  Electronics Corporation KPC357NT0W_15 Datasheet HTML 2Page - COSMO  Electronics Corporation KPC357NT0W_15 Datasheet HTML 3Page - COSMO  Electronics Corporation KPC357NT0W_15 Datasheet HTML 4Page - COSMO  Electronics Corporation KPC357NT0W_15 Datasheet HTML 5Page - COSMO  Electronics Corporation KPC357NT0W_15 Datasheet HTML 6Page - COSMO  Electronics Corporation KPC357NT0W_15 Datasheet HTML 7Page - COSMO  Electronics Corporation KPC357NT0W_15 Datasheet HTML 8Page - COSMO  Electronics Corporation KPC357NT0W_15 Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P04003.2
- 2 -
http://www.cosmo-ic.com
cosmo
KPC357NT0W Series
4PIN MINI-FLAT LOW INPUT CURRENT
PHOTOCOUPLER
Outside Dimension
Unit : mm
TOLERANCE : ±0.2mm
Device Marking
Notes:
Cosmo
357NT
YWW
Y: Year code / WW: Week code
W□
□:CTR rank
2.54
4.40
0.40
0.50
7.00
±0.5
±0.4
3.90±0.5


Similar Part No. - KPC357NT0W_15

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC357NT0W COSMO-KPC357NT0W Datasheet
139Kb / 6P
   High Reliability Photocoupler
More results

Similar Description - KPC357NT0W_15

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC357NT0Z COSMO-KPC357NT0Z_15 Datasheet
214Kb / 10P
   4PIN MINI-FLAT LOW INPUT CURRENT PHOTOCOUPLER
KPC357NT0T COSMO-KPC357NT0T_15 Datasheet
214Kb / 10P
   4PIN MINI-FLAT LOW INPUT CURRENT PHOTOCOUPLER
KPC357NT COSMO-KPC357NT_16 Datasheet
334Kb / 10P
   4PIN MINI-FLAT PHOTOTRANSISTOR PHOTOCOUPLER
KPC452 COSMO-KPC452_15 Datasheet
215Kb / 10P
   4PIN MINI-FLAT PHOTODARLINGTON PHOTOCOUPLER
KPC354NT COSMO-KPC354NT_15 Datasheet
223Kb / 10P
   4PIN MINI-FLAT PHOTOTRANSISTOR PHOTOCOUPLER
KPC355NT COSMO-KPC355NT_15 Datasheet
215Kb / 10P
   4PIN MINI-FLAT PHOTODARLINGTON PHOTOCOUPLER
KPS28010Z COSMO-KPS28010Z_15 Datasheet
220Kb / 10P
   4PIN SSOP LOW INPUT CURRENT PHOTOCOUPLER
KT101Z COSMO-KT101Z_16 Datasheet
177Kb / 10P
   4PIN LSOP LOW INPUT CURRENT PHOTOCOUPLER
KPS28010W COSMO-KPS28010W_15 Datasheet
214Kb / 10P
   4PIN SSOP LOW INPUT CURRENT PHOTOCOUPLER
KT101T COSMO-KT101T_16 Datasheet
176Kb / 10P
   4PIN LSOP LOW INPUT CURRENT PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com