Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPC357NT0WATLD Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # KPC357NT0WATLD
Description  4PIN MINI-FLAT LOW INPUT CURRENT PHOTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC357NT0WATLD Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  KPC357NT0WATLD Datasheet HTML 1Page - COSMO  Electronics Corporation KPC357NT0WATLD Datasheet HTML 2Page - COSMO  Electronics Corporation KPC357NT0WATLD Datasheet HTML 3Page - COSMO  Electronics Corporation KPC357NT0WATLD Datasheet HTML 4Page - COSMO  Electronics Corporation KPC357NT0WATLD Datasheet HTML 5Page - COSMO  Electronics Corporation KPC357NT0WATLD Datasheet HTML 6Page - COSMO  Electronics Corporation KPC357NT0WATLD Datasheet HTML 7Page - COSMO  Electronics Corporation KPC357NT0WATLD Datasheet HTML 8Page - COSMO  Electronics Corporation KPC357NT0WATLD Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P04003.2
- 1 -
http://www.cosmo-ic.com
cosmo
KPC357NT0W Series
4PIN MINI-FLAT LOW INPUT CURRENT
PHOTOCOUPLER
 Description
The KPC357NT0W is DC-input single channel which
contains a light emitting diode optically coupled to a
phototransistor. It is packaged in a 4-pin Mini-Flat package.
The input-output isolation voltage is rated at 3750 Vrms.
 Schematic
1. Anode
2. Cathode
3. Emitter
4. Collector
 Features
1. Halogen free
2. Pb free and RoHS compliant
3. Low input current type (IF=0.5mA)
4. Current transfer ratio
(CTR : 100~600% at IF=0.5mA Vce=5V)
5. High collector-emitter voltage (Vceo:80V)
6. High isolation voltage between input and output (Viso:3750Vrms)
7. Mini-flat package: compact 4 pin SOP with a 2.0mm profile
8. MSL class 1
9. Agency Approvals:
• UL Approved (No. E169586): UL1577
• c-UL Approved (No. E169586)
• VDE Approved (No. 40014684): DIN EN60747-5-5
• FIMKO Approved: EN60065, EN60950
• CQC Approved: GB8898-2011, GB4943.1-2011
Applications
• Computer terminals, programmable controllers
• Facsimile equipment, audio, video
• Communications, telephone, etc.
2
1
3
4


Similar Part No. - KPC357NT0WATLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC357NT0W COSMO-KPC357NT0W Datasheet
139Kb / 6P
   High Reliability Photocoupler
More results

Similar Description - KPC357NT0WATLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC357NT0Z COSMO-KPC357NT0Z_15 Datasheet
214Kb / 10P
   4PIN MINI-FLAT LOW INPUT CURRENT PHOTOCOUPLER
KPC357NT0T COSMO-KPC357NT0T_15 Datasheet
214Kb / 10P
   4PIN MINI-FLAT LOW INPUT CURRENT PHOTOCOUPLER
KPC357NT COSMO-KPC357NT_16 Datasheet
334Kb / 10P
   4PIN MINI-FLAT PHOTOTRANSISTOR PHOTOCOUPLER
KPC452 COSMO-KPC452_15 Datasheet
215Kb / 10P
   4PIN MINI-FLAT PHOTODARLINGTON PHOTOCOUPLER
KPC354NT COSMO-KPC354NT_15 Datasheet
223Kb / 10P
   4PIN MINI-FLAT PHOTOTRANSISTOR PHOTOCOUPLER
KPC355NT COSMO-KPC355NT_15 Datasheet
215Kb / 10P
   4PIN MINI-FLAT PHOTODARLINGTON PHOTOCOUPLER
KPS28010Z COSMO-KPS28010Z_15 Datasheet
220Kb / 10P
   4PIN SSOP LOW INPUT CURRENT PHOTOCOUPLER
KT101Z COSMO-KT101Z_16 Datasheet
177Kb / 10P
   4PIN LSOP LOW INPUT CURRENT PHOTOCOUPLER
KPS28010W COSMO-KPS28010W_15 Datasheet
214Kb / 10P
   4PIN SSOP LOW INPUT CURRENT PHOTOCOUPLER
KT101T COSMO-KT101T_16 Datasheet
176Kb / 10P
   4PIN LSOP LOW INPUT CURRENT PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com