Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPC457 Datasheet(PDF) 3 Page - COSMO Electronics Corporation

Part # KPC457
Description  5PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC457 Datasheet(HTML) 3 Page - COSMO Electronics Corporation

  KPC457_15 Datasheet HTML 1Page - COSMO  Electronics Corporation KPC457_15 Datasheet HTML 2Page - COSMO  Electronics Corporation KPC457_15 Datasheet HTML 3Page - COSMO  Electronics Corporation KPC457_15 Datasheet HTML 4Page - COSMO  Electronics Corporation KPC457_15 Datasheet HTML 5Page - COSMO  Electronics Corporation KPC457_15 Datasheet HTML 6Page - COSMO  Electronics Corporation KPC457_15 Datasheet HTML 7Page - COSMO  Electronics Corporation KPC457_15 Datasheet HTML 8Page - COSMO  Electronics Corporation KPC457_15 Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P04008.2
- 3 -
http://www.cosmo-ic.com
cosmo
KPC457 Series
5PIN HIGH-SPEED OUTPUT
PHOTOCOUPLER
Absolute Maximum Ratings
(Ta=25℃)
Parameter
Symbol
Rating
Unit
Input
Forward current (*1)
IF
25
mA
Peak forward current (*2)
IFM
200
mA
Reverse voltage
VR
5
V
Power dissipation
PD
45
mW
Output
Supply voltage
VCC
-0.5 to +30
V
Output voltage
VOIL
-0.5 to +20
V
Output current
IOL
8
mA
Power dissipation (*3)
PO
100
mW
Total power dissipation
(*3)
Ptot
100
mW
Isolation voltage 1 minute (*4)
Viso
3750
Vrms
Operating temperature
Topr
-55 to +85
Storage temperature
Tstg
-55 to +125
Soldering temperature 10 seconds
Tsol
260
*1 When ambient temperature goes above 70°C, the power dissipation goes down at 0.8mA/°C.
*2 When ambient temperature goes above 70°C, the power dissipation goes down at 1.5mW/°C.
*3 When ambient temperature goes above 70°C, the power dissipation goes down at 1.8mW/°C.
*4 40 to 80%RH AC for 1 minute=60HZ.
Electro-optical Characteristics
( Ta= 25℃)
Parameter
Symbol
Conditions
Min.
Typ. Max. Unit
Input
Forward voltage
VF
IF=16mA
1.7
1.95
V
Reverse current
IR
VR=5V
10
uA
Terminal capacitance
Ct
V=0, f=1MHz
60
250
pF
Output
High level output current (1)
IOH (1)
IF=0,VCC=5.5V,VO=5.5V
-
3
500
nA
High level output current (2)
IOH (2)
IF=0,VCC=15V,VO=15V
-
-
1.0
uA
High level output current (3) (*6)
IOH (3)
-
-
50
uA
High level supply current (1)
ICCH (1)
IF=0,VCC=15V,VO=Open
-
0.02
1.0
uA
High level supply current (2) (*6)
ICCH (2)
-
-
2.0
uA
Low level supply current
ICCL
IF=16mA,VCC=15V,VO=Open
-
120
-
uA
Low level supply voltage
VL
IF=16mA,VCC=4.5V,IO=2.4mA
-
0.4
V
Transfer
Charac-
teristics
Current transfer ratio (1)
CTR(1) I
F=16mA,VCC=4.5V,VO=0.4V,
RL=1.9KΩ
19
50
%
Current transfer ratio (2)
(*6)
CTR(2)
15
-
%
Isolation resistance
RISO
DC=500V,40 to 60%RH
5x10
10
1x10
11
-
Ω
Floating capacitance
Cf
V=0,f=1MHZ
0.6
1.0
pF
“High-->Low” propagation delay
time
tPHL
IF=16mA,Vcc=5V,
RL=1.9KΩ
0.2
0.8
us
“High-->Low” propagation delay
time
tPLH
-
0.4
0.8
us
Instantaneous common mode
rejection voltage (High level output)
CMH
IF=0,VCC=5V,
VCM=1.0KV(p-p),
RL=1.9KΩ
15
30
-
KV/us


Similar Part No. - KPC457_15

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC457 COSMO-KPC457_12 Datasheet
61Kb / 4P
   High Speed 1Mb/s,High CMR Mini-flat Package
More results

Similar Description - KPC457_15

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC410 COSMO-KPC410_16 Datasheet
185Kb / 10P
   5PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC6N136 COSMO-KPC6N136_15 Datasheet
337Kb / 11P
   8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC6N137 COSMO-KPC6N137_16 Datasheet
331Kb / 12P
   8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC6N135 COSMO-KPC6N135_15 Datasheet
345Kb / 11P
   8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC6N139 COSMO-KPC6N139_15 Datasheet
304Kb / 11P
   8PIN HIGH-SPEED DARLINGTON OUTPUT PHOTOCOUPLER
KPC6N138 COSMO-KPC6N138_15 Datasheet
338Kb / 11P
   8PIN HIGH-SPEED DARLINGTON OUTPUT PHOTOCOUPLER
KMOC304X COSMO-KMOC304X Datasheet
217Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC306X COSMO-KMOC306X_15 Datasheet
271Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC302X COSMO-KMOC302X Datasheet
213Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC305X COSMO-KMOC305X_15 Datasheet
270Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com