Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULV1012G-07-AG6-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # ULV1012G-07-AG6-R
Description  CMOS IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULV1012G-07-AG6-R Datasheet(HTML) 5 Page - Unisonic Technologies

  ULV1012G-07-AG6-R Datasheet HTML 1Page - Unisonic Technologies ULV1012G-07-AG6-R Datasheet HTML 2Page - Unisonic Technologies ULV1012G-07-AG6-R Datasheet HTML 3Page - Unisonic Technologies ULV1012G-07-AG6-R Datasheet HTML 4Page - Unisonic Technologies ULV1012G-07-AG6-R Datasheet HTML 5Page - Unisonic Technologies ULV1012G-07-AG6-R Datasheet HTML 6Page - Unisonic Technologies ULV1012G-07-AG6-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ULV1012
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R107-073.a
2.2V ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 2)
TYP
(Note 3)
MAX
(Note 2)
UNIT
1.65
1.90
2.03
V
ULV1012-07
1.54
2.09
V
1.54
1.81
1.94
V
ULV1012-15
1.48
2.00
V
1.65
1.85
2.03
V
ULV1012-20
1.55
2.13
V
1.65
1.90
2.02
V
Output Voltage
VOUT
VIN=GND
ULV1012-25
1.49
2.18
V
Lower −3dB Roll Off Frequency
fLOW
RSOURCE=50Ω
65
Hz
Upper −3dB Roll Off Frequency
fHIGH
RSOURCE=50Ω
95
kHz
ULV1012-07
-96
dBV
ULV1012-15
-89
dBV
ULV1012-20
-84
dBV
Output Noise
en
A-Weighted
ULV1012-25
-82
dBV
ULV1012-07
0.10
%
ULV1012-15
0.09
%
ULV1012-20
0.12
%
Total Harmonic Distortion
THD
f=1kHz,
VIN=18mV
ULV1012-25
0.15
%
Input Capacitance
CIN
2
pF
Input Impedance
ZIN
>1000
GΩ
6.4
7.8
9.5
dB
ULV1012-07
5.5
10.0
dB
14.0
15.6
16.9
dB
ULV1012-15
13.1
17.5
dB
19.5
20.9
22.0
dB
ULV1012-20
17.4
23.3
dB
22.5
23.8
25.0
dB
Gain
AV
f=1kHz,
RSOURCE=50Ω
ULV1012-25
21.4
25.7
dB
Notes: 1. Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing
conditions result in very limited self-heating of the device such that TJ=TA. No specification of parametric
performance is indicated in the electrical tables under conditions of internal self-heating where TJ>TA.
2. All limits are specified by design or statistical analysis.
3. Typical values represent the most likely parametric norm.


Similar Part No. - ULV1012G-07-AG6-R

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
ULV100 RHOPOINT-ULV100 Datasheet
239Kb / 2P
   ULV/ULH TYPE
More results

Similar Description - ULV1012G-07-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3510 UTC-3510 Datasheet
106Kb / 9P
   CMOS IC
3521 UTC-3521 Datasheet
45Kb / 4P
   CMOS IC
UPSL104AG-AG6-R UTC-UPSL104AG-AG6-R Datasheet
184Kb / 6P
   CMOS IC
US5C3305G-SM1-R UTC-US5C3305G-SM1-R Datasheet
225Kb / 5P
   CMOS IC
US206HG-10-AF5-R UTC-US206HG-10-AF5-R Datasheet
153Kb / 4P
   CMOS IC
UU97950G-P48-R UTC-UU97950G-P48-R Datasheet
297Kb / 14P
   CMOS IC
UCSR3602SL-D07A-T UTC-UCSR3602SL-D07A-T Datasheet
258Kb / 9P
   CMOS IC
L5201 UTC-L5201_15 Datasheet
169Kb / 7P
   CMOS IC
US3651AL-D08-T UTC-US3651AL-D08-T Datasheet
228Kb / 9P
   CMOS IC
88NXX UTC-88NXX_15 Datasheet
237Kb / 8P
   CMOS IC
M7240 UTC-M7240_15 Datasheet
211Kb / 7P
   CMOS IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com