Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALAN-508 Datasheet(PDF) 3 Page - Abracon Corporation

Part # ALAN-508
Description  10/100 Base-T Single Port LAN Transformer w/ PoE Extended Temperature
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ALAN-508 Datasheet(HTML) 3 Page - Abracon Corporation

  ALAN-508 Datasheet HTML 1Page - Abracon Corporation ALAN-508 Datasheet HTML 2Page - Abracon Corporation ALAN-508 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
RoHS/RoHS II Compliant
TAPE & REEL:
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications.
Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where component
failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from
Abracon Corporation is required. Please contact Abracon Corporation for more information.
ALAN-508
Packing Option I: 700 pcs / reel
Weight:
0.7 grams / pcs
Packing Option II:
36 pcs / tube
Weight:
0.7 grams / pcs
A
B
C
D
9.20
13.70
485.0
6.0
Dimensions: mm
12.70 x 9.40 x 5.70 mm
10/100 Base-T Single Port LAN Transformer
w/ PoE Extended Temperature
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 03.25.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC


Similar Part No. - ALAN-508

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ALAN-501 ABRACON-ALAN-501 Datasheet
412Kb / 4P
   LAN COUPLING TRANSFORMERS
ALAN-502 ABRACON-ALAN-502 Datasheet
412Kb / 4P
   LAN COUPLING TRANSFORMERS
ALAN-503 ABRACON-ALAN-503 Datasheet
412Kb / 4P
   LAN COUPLING TRANSFORMERS
ALAN-504 ABRACON-ALAN-504 Datasheet
412Kb / 4P
   LAN COUPLING TRANSFORMERS
ALAN-505 ABRACON-ALAN-505 Datasheet
412Kb / 4P
   LAN COUPLING TRANSFORMERS
More results

Similar Description - ALAN-508

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ALAN-2204 ABRACON-ALAN-2204 Datasheet
3Mb / 3P
   10/100 Base-T Single Port LAN Transformer w/ PoE Extended Temperature
03.13.15
ALAN-2301 ABRACON-ALAN-2301 Datasheet
4Mb / 3P
   100/1000 Base-T Single Port LAN Transformer w/ PoE Extended Temperature
03.19.15
ALAN-2201 ABRACON-ALAN-2201 Datasheet
3Mb / 3P
   10/100 Base-T Single Port LAN Transformer w/ PoE Extended Temperature 3 Cores Solution
03.13.15
ALAN-2202 ABRACON-ALAN-2202 Datasheet
3Mb / 3P
   10/100 Base-T Single Port LAN Transformer w/ PoE Extended Temperature 3 Cores Solution
03.13.15
ALAN-2302 ABRACON-ALAN-2302 Datasheet
5Mb / 3P
   100/1000 Base-T Single Port LAN Transformer w/ PoE, 3 Wires Extended Temperature
03.24.15
logo
Taoglas antenna solutio...
TM2019ANL TAOGLAS-TM2019ANL Datasheet
902Kb / 9P
   LAN Transformer 10/100 Base-T PoE
2022-11-08
logo
Allied Components Inter...
AHSC-4400I ALLIED-AHSC-4400I Datasheet
644Kb / 1P
   10/100 Base-T Single Port PoE Lan Filter
logo
Abracon Corporation
ALAN210001 ABRACON-ALAN210001 Datasheet
1Mb / 7P
   POE 10/100/1000 BASE-T Single Port SMD LAN Transformer Module
09-4-19
ALAN110001 ABRACON-ALAN110001 Datasheet
747Kb / 9P
   POE 10/100/1000 BASE-T Single Port SMD LAN Transformer Module
10-8-21
logo
Bourns Electronic Solut...
SM51625EL BOURNS-SM51625EL Datasheet
252Kb / 2P
   LAN 10/100/1000 Base-T (PoE) Transformer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com