Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABNTC-0805-103F-3950F Datasheet(PDF) 2 Page - Abracon Corporation

Part # ABNTC-0805-103F-3950F
Description  Chip NTC Thermistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABNTC-0805-103F-3950F Datasheet(HTML) 2 Page - Abracon Corporation

  ABNTC-0805-103F-3950F Datasheet HTML 1Page - Abracon Corporation ABNTC-0805-103F-3950F Datasheet HTML 2Page - Abracon Corporation ABNTC-0805-103F-3950F Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Chip NTC Thermistor
ABNTC-0805
2.0 x 1.25 x 0.85 mm
.
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 05.05.14
Visit
www.abracon.com for Terms & Conditions of Sale
ISO 9001:2008
OPTIONS AND PART IDENTIFICATION:
OUTLINE DIMENSION:
RoHS/RoHS II Compliant
ELECTRICAL CHARACTERISTICS CURVES
Recommended Land Pattern
Dimension: mm
ABNTC-0805-
-
- T
R25 Code
Please refer to the
table above
R 25 Tolerance
F=±1%
H=±3%
J=±5%
K=±10%
R25 Code
Please refer to the
table above
B Constant
Please refer to the
table above
B Tolerance
F=±1%
H=±3%
Packaging
T: Tape and Reel
(4kpcs / reel)
L
W
T
a
2.0±0.2
1.25±0.2
0.85±0.2
0.5±0.3
A
B
C
0.80~1.20
0.80~1.20
0.90~1.60


Similar Part No. - ABNTC-0805-103F-3950F

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABNTC-0201 ABRACON-ABNTC-0201 Datasheet
1Mb / 3P
   Chip NTC Thermistor
12.02.12
ABNTC-0201-103F-3380F ABRACON-ABNTC-0201-103F-3380F Datasheet
1Mb / 3P
   Chip NTC Thermistor
12.02.12
ABNTC-0201-103H-3380H ABRACON-ABNTC-0201-103H-3380H Datasheet
1Mb / 3P
   Chip NTC Thermistor
12.02.12
ABNTC-0201-103J-3380F ABRACON-ABNTC-0201-103J-3380F Datasheet
1Mb / 3P
   Chip NTC Thermistor
12.02.12
ABNTC-0201-103J-3380H ABRACON-ABNTC-0201-103J-3380H Datasheet
1Mb / 3P
   Chip NTC Thermistor
12.02.12
More results

Similar Description - ABNTC-0805-103F-3950F

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABNTC-0603 ABRACON-ABNTC-0603 Datasheet
1Mb / 3P
   Chip NTC Thermistor
02.17.15
ABNTC-0201 ABRACON-ABNTC-0201 Datasheet
1Mb / 3P
   Chip NTC Thermistor
12.02.12
logo
C&B ELECTRONICS (SHENZH...
TCTR RESI-TCTR Datasheet
1,004Kb / 2P
   NTC Chip Thermistor
2019/12/24
logo
Abracon Corporation
ABNTC-0402 ABRACON-ABNTC-0402 Datasheet
1Mb / 3P
   Chip NTC Thermistor
05.05.14
logo
Shanghai Leiditech Elec...
CMFD102F3200HANT LEIDITECH-CMFD102F3200HANT Datasheet
1Mb / 7P
   CHIP NTC THERMISTOR
logo
American Accurate Compo...
NTC5-103-F3950M AAC-NTC5-103-F3950M Datasheet
87Kb / 1P
   NTC CHIP THERMISTOR
logo
List of Unclassifed Man...
KS502J2 ETC2-KS502J2 Datasheet
70Kb / 1P
   NTC THERMISTOR
KT103G2 ETC2-KT103G2 Datasheet
70Kb / 1P
   NTC THERMISTOR
KS103J2 ETC2-KS103J2 Datasheet
70Kb / 1P
   NTC THERMISTOR
MF52B2104F3950 ETC-MF52B2104F3950 Datasheet
178Kb / 9P
   NTC Thermistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com