Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3983ITLX-2.5 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3983ITLX-2.5
Description  Micropower, Low Quiescent Current, CMOS Voltage Regulator in micro SMD Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3983ITLX-2.5 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LP3983ITLX-2.5 Datasheet HTML 2Page - National Semiconductor (TI) LP3983ITLX-2.5 Datasheet HTML 3Page - National Semiconductor (TI) LP3983ITLX-2.5 Datasheet HTML 4Page - National Semiconductor (TI) LP3983ITLX-2.5 Datasheet HTML 5Page - National Semiconductor (TI) LP3983ITLX-2.5 Datasheet HTML 6Page - National Semiconductor (TI) LP3983ITLX-2.5 Datasheet HTML 7Page - National Semiconductor (TI) LP3983ITLX-2.5 Datasheet HTML 8Page - National Semiconductor (TI) LP3983ITLX-2.5 Datasheet HTML 9Page - National Semiconductor (TI) LP3983ITLX-2.5 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Application Hints (Continued)
MICRO SMD LIGHT SENSITIVITY
Exposing the micro SMD device to direct sunlight may cause
mis-operation of the device. Light sources such as Halogen
lamps can effect electrical performance if brought near to the
device.
Light with wavelengths in the red and infra-red part of the
spectrum have the most detrimental effect thus the fluores-
cent lighting used inside most buildings has very little effect
on the output voltage of the device. Tests carried out on a
micro SMD test board showed a negligible effect on the
regulated output voltage when brought within 1cm of a fluo-
rescent lamp. A deviation of less than 0.1% from nominal
output voltage was observed.
www.national.com
9


Similar Part No. - LP3983ITLX-2.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3983ITLX-1.6/NOPB TI1-LP3983ITLX-1.6/NOPB Datasheet
821Kb / 14P
[Old version datasheet]   LP3983 Micropower, Low Quiescent Current, CMOS Voltage Regulator in DSBGA Package
More results

Similar Description - LP3983ITLX-2.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3983ITL TI1-LP3983ITL Datasheet
821Kb / 14P
[Old version datasheet]   LP3983 Micropower, Low Quiescent Current, CMOS Voltage Regulator in DSBGA Package
LP3983 TI-LP3983_15 Datasheet
820Kb / 15P
[Old version datasheet]   LP3983 Micropower, Low Quiescent Current, CMOS Voltage Regulator in DSBGA Package
logo
National Semiconductor ...
LP3984 NSC-LP3984 Datasheet
293Kb / 11P
   Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature 4-I/O micro SMD Package
LP2967 NSC-LP2967 Datasheet
612Kb / 17P
   Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
logo
Texas Instruments
LP2967 TI1-LP2967 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
logo
National Semiconductor ...
LP3986 NSC-LP3986 Datasheet
328Kb / 13P
   Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in micro SMD Package
logo
STMicroelectronics
ST1L04 STMICROELECTRONICS-ST1L04 Datasheet
558Kb / 11P
   LOW QUIESCENT CURRENT VOLTAGE REGULATOR
logo
Global Mixed-mode Techn...
G920 GMT-G920 Datasheet
65Kb / 1P
   Low Quiescent Current Voltage Regulator
G921 GMT-G921 Datasheet
62Kb / 1P
   Low Quiescent Current Voltage Regulator
logo
Motorola, Inc
MC78LC00 MOTOROLA-MC78LC00 Datasheet
117Kb / 8P
   MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com