Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABNTC-0201-103K-3380H Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABNTC-0201-103K-3380H
Description  Chip NTC Thermistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABNTC-0201-103K-3380H Datasheet(HTML) 1 Page - Abracon Corporation

  ABNTC-0201-103K-3380H Datasheet HTML 1Page - Abracon Corporation ABNTC-0201-103K-3380H Datasheet HTML 2Page - Abracon Corporation ABNTC-0201-103K-3380H Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Chip NTC Thermistor
ABNTC-0201
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
0.6 x 0.3 x 0.3 mm
.
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 12.02.12
Visit
www.abracon.com for Terms & Conditions of Sale
ISO 9001:2008
Operating Temperature: -55˚C ~+125˚C
Storage Temperature: -10˚C ~ +40˚C and RH 75% (Max.)
MSL level: 2A(This product is packed with dry packaging)
Δ: Please specify the tolerance code of R25 (F=±1%, H=±3%, J=±5%, K=±10%).
□: Please specify the tolerance code of B value (F=±1%, H=±3%).
Part Number
Resistance at
25˚CR25 (kΩ)
B constant
(25-50˚C) (K)
Max. Permissive
Operating
Current (25℃)
(mA)
Thermal
Time
Constant
Dissipation
Factor
(mW/˚C )
Rated
Electric
Power
(mW)
ABNTC-0201-103Δ-3380□
10
3380
0.31
<3sec
1.0
100
ABNTC-0201-683Δ-4150□
68
4150
0.11
ABNTC-0201-104Δ-4150□
100
4150
0.10
RoHS/RoHS II Compliant
ELECTRICAL CHARACTERISTICS CURVES
• Large B constant for high temperature sensing capability
• Designed for high density
• Available in standard EIA compatible case size
• Internal electrode designed for enhanced reliability
• Excellent aging stability
• For temperature measurement or sensor: Digital thermometer,
measuring instruments, temperature controller
• For temperature compensation: transistor circuit, TCXO, Crystal
Oscillator
• LED lighting driver, Notebook, Cell Phone, Power Supplies, Disk Drive


Similar Part No. - ABNTC-0201-103K-3380H

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABNTC-0402 ABRACON-ABNTC-0402 Datasheet
1Mb / 3P
   Chip NTC Thermistor
05.05.14
ABNTC-0402-103F-3380F ABRACON-ABNTC-0402-103F-3380F Datasheet
1Mb / 3P
   Chip NTC Thermistor
05.05.14
ABNTC-0402-103F-3950F ABRACON-ABNTC-0402-103F-3950F Datasheet
1Mb / 3P
   Chip NTC Thermistor
05.05.14
ABNTC-0402-103F-4050F ABRACON-ABNTC-0402-103F-4050F Datasheet
1Mb / 3P
   Chip NTC Thermistor
05.05.14
ABNTC-0402-103H-3380H ABRACON-ABNTC-0402-103H-3380H Datasheet
1Mb / 3P
   Chip NTC Thermistor
05.05.14
More results

Similar Description - ABNTC-0201-103K-3380H

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABNTC-0603 ABRACON-ABNTC-0603 Datasheet
1Mb / 3P
   Chip NTC Thermistor
02.17.15
logo
C&B ELECTRONICS (SHENZH...
TCTR RESI-TCTR Datasheet
1,004Kb / 2P
   NTC Chip Thermistor
2019/12/24
logo
Abracon Corporation
ABNTC-0402 ABRACON-ABNTC-0402 Datasheet
1Mb / 3P
   Chip NTC Thermistor
05.05.14
ABNTC-0805 ABRACON-ABNTC-0805 Datasheet
1Mb / 3P
   Chip NTC Thermistor
05.05.14
logo
Shanghai Leiditech Elec...
CMFD102F3200HANT LEIDITECH-CMFD102F3200HANT Datasheet
1Mb / 7P
   CHIP NTC THERMISTOR
logo
American Accurate Compo...
NTC5-103-F3950M AAC-NTC5-103-F3950M Datasheet
87Kb / 1P
   NTC CHIP THERMISTOR
logo
List of Unclassifed Man...
KS502J2 ETC2-KS502J2 Datasheet
70Kb / 1P
   NTC THERMISTOR
KT103G2 ETC2-KT103G2 Datasheet
70Kb / 1P
   NTC THERMISTOR
KS103J2 ETC2-KS103J2 Datasheet
70Kb / 1P
   NTC THERMISTOR
MF52B2104F3950 ETC-MF52B2104F3950 Datasheet
178Kb / 9P
   NTC Thermistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com