Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2967IBP-1825 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2967IBP-1825
Description  Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2967IBP-1825 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP2967IBP-1825 Datasheet HTML 1Page - National Semiconductor (TI) LP2967IBP-1825 Datasheet HTML 2Page - National Semiconductor (TI) LP2967IBP-1825 Datasheet HTML 3Page - National Semiconductor (TI) LP2967IBP-1825 Datasheet HTML 4Page - National Semiconductor (TI) LP2967IBP-1825 Datasheet HTML 5Page - National Semiconductor (TI) LP2967IBP-1825 Datasheet HTML 6Page - National Semiconductor (TI) LP2967IBP-1825 Datasheet HTML 7Page - National Semiconductor (TI) LP2967IBP-1825 Datasheet HTML 8Page - National Semiconductor (TI) LP2967IBP-1825 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Package Outline and Connection Diagram
10114203
Top View
micro SMD
8-Bump micro SMD Package
Code: BP
10114204
Top View
Mini SO-8 Package
8-Lead Small Outline Integrated Circuit (SOIC) Package
Code: MM
Pin Description
Name
Pin Number
Function
micro SMD
MSOP
V
OUT2
A1
7
Output voltage of the second LDO
SD2
B1
6
Shutdown input for the second LDO
BYPASS
C1
5
Bypass capacitor for the bandgap
GND
C2
-
Ground Substrate
GND
C3
4
Common Ground
SD1
B3
3
Shutdown input for the first LDO
V
OUT 1
A3
2
Output voltage of the first LDO
V
IN
A2
1, 8
Common input voltage for both LDOs
www.national.com
4


Similar Part No. - LP2967IBP-1825

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2967IBP-1825 TI1-LP2967IBP-1825 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
More results

Similar Description - LP2967IBP-1825

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2967 TI1-LP2967 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
logo
National Semiconductor ...
LP3986 NSC-LP3986 Datasheet
328Kb / 13P
   Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in micro SMD Package
logo
Texas Instruments
37136 TI-37136 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
logo
National Semiconductor ...
LP2985LV_0406 NSC-LP2985LV_0406 Datasheet
923Kb / 17P
   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications
LP2985LV NSC-LP2985LV Datasheet
546Kb / 17P
   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications
logo
Texas Instruments
LP2985LV-N TI1-LP2985LV-N Datasheet
1Mb / 21P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23
LP3984 TI1-LP3984 Datasheet
1Mb / 19P
[Old version datasheet]   Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature
logo
ON Semiconductor
CS8321 ONSEMI-CS8321 Datasheet
145Kb / 6P
   Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
logo
Texas Instruments
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3986 TI-LP3986_15 Datasheet
996Kb / 18P
[Old version datasheet]   LP3986 Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in DSBGA Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com