Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLT92 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BLT92
Description  UHF power transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLT92 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLT92 Datasheet HTML 2Page - NXP Semiconductors BLT92 Datasheet HTML 3Page - NXP Semiconductors BLT92 Datasheet HTML 4Page - NXP Semiconductors BLT92 Datasheet HTML 5Page - NXP Semiconductors BLT92 Datasheet HTML 6Page - NXP Semiconductors BLT92 Datasheet HTML 7Page - NXP Semiconductors BLT92 Datasheet HTML 8Page - NXP Semiconductors BLT92 Datasheet HTML 9Page - NXP Semiconductors BLT92 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
May 1989
7
Philips Semiconductors
Product specification
UHF power transistor
BLT92/SL
Fig.6
Load power as a function of source power.
f = 900 MHz; Tmb =25 °C; class-B operation; typical values.
 VCE = 7.5 V
− − − VCE = 5.0 V
handbook, halfpage
0
0.4
PS (W)
PL
(W)
0.8
1.2
5
0
4
3
2
1
MDA301
Fig.7
Power gain and efficiency as a function of
load power.
f = 900 MHz; Tmb =25 °C; class-B operation; typical values.
 VCE = 7.5 V
− − − VCE = 5.0 V
handbook, halfpage
05
10
0
2
4
6
8
12
3
Gp
(dB)
Gp
Gp
4
MDA302
PL (W)
20
40
60
80
100
0
ηC
(%)
ηC
ηC
RUGGEDNESS
The device is capable of withstanding a full load mismatch
(VSWR = 50; all phases) at rated load power up to a
supply voltage of 9.0 V at Tmb =25 °C.


Similar Part No. - BLT92

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLT94 PHILIPS-BLT94 Datasheet
89Kb / 16P
   UHF power transistor
1998 Jan 28
More results

Similar Description - BLT92

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLU60-12 PHILIPS-BLU60-12 Datasheet
59Kb / 10P
   UHF power transistor
March 1986
logo
Motorola, Inc
MRA0510-50H MOTOROLA-MRA0510-50H Datasheet
60Kb / 4P
   UHF POWER TRANSISTOR
logo
NXP Semiconductors
BFG21W PHILIPS-BFG21W Datasheet
116Kb / 12P
   UHF power transistor
1998 Jul 06
BLT61 PHILIPS-BLT61 Datasheet
55Kb / 8P
   UHF power transistor
1998 Jan 28
BLV193 PHILIPS-BLV193 Datasheet
108Kb / 14P
   UHF power transistor
March 1993
BLV920 PHILIPS-BLV920 Datasheet
109Kb / 12P
   UHF power transistor
1997 Nov 17
BLV934 PHILIPS-BLV934 Datasheet
75Kb / 12P
   UHF power transistor
1995 Apr 11
BLV98CE PHILIPS-BLV98CE Datasheet
62Kb / 11P
   UHF power transistor
March 1993
BLW90 PHILIPS-BLW90 Datasheet
58Kb / 11P
   UHF power transistor
August 1986
logo
Motorola, Inc
TP3021 MOTOROLA-TP3021 Datasheet
88Kb / 4P
   UHF Power Transistor
logo
New Jersey Semi-Conduct...
BLT53 NJSEMI-BLT53 Datasheet
123Kb / 4P
   UHF power transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com