Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G771 Datasheet(PDF) 11 Page - Global Mixed-mode Technology Inc

Part # G771
Description  Two Remote Temperature Sensors with SMBus Serial Interface and System Reset Circuit
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G771 Datasheet(HTML) 11 Page - Global Mixed-mode Technology Inc

Back Button G771 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G771 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G771 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G771 Datasheet HTML 10Page - Global Mixed-mode Technology Inc G771 Datasheet HTML 11Page - Global Mixed-mode Technology Inc G771 Datasheet HTML 12Page - Global Mixed-mode Technology Inc G771 Datasheet HTML 13Page - Global Mixed-mode Technology Inc G771 Datasheet HTML 14Page - Global Mixed-mode Technology Inc G771 Datasheet HTML 15Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Ver: 0.2 Preliminary
Dec 11, 2001
TEL: 886-3-5788833
http://www.gmt.com.tw
11
G771
Global Mixed-mode Technology Inc.
Configuration Byte Functions
The configuration byte register contents are listed in
table 5. Bit 7 (MASK) is used to mask
ALERT inter-
rupt. Bit 6 ( RUN /STOP) is to put the device in software
standby mode. Setting bit 5 (DET_FAN) with logic 1
can activate the detection of fan failure. Logic 1 in bit 4
(EN_TH_SHUT) makes thermal shutdown function
valid and logic 0 disables this function and keep
TH_SHUT pin low. Bit 3~0 forms thermal shutdown
fault queue. The number of faults these bits decided
are listed in table 6.
Thermal Status Byte Functions
The thermal status byte register (02h) (Table 6) indi-
cates which (if any) temperature thresholds have been
exceeded. This byte also indicates whether or not the
ADC is converting and whether there is an open circuit
in the remote diode DXPx-DXN path. After POR, the
normal state of all the flag bits is zero, assuming none
of the alarm conditions are present. The status byte is
cleared by any successful read of the status, unless
the fault persists. Note that the ALERT interrupt latch
is not automatically cleared when the status flag bit is
cleared.
When reading the status byte, you must check for in-
ternal bus collisions caused by asynchronous ADC
timing, or else disable the ADC prior to reading the
status byte (via the RUN /STOP bit in the configura-
tion byte). In one-shot mode, read the status byte only
after the conversion is complete, which is 150ms max
after the one-shot conversion is commanded.
Table 5. Configuration-Byte Bit Assignments
BIT
NAME
POR STATE
FUNCTION
7 (MSB)
MASK
0
Masks all ALERT interrupts when high.
6
RUN
/ STOP
0
Standby mode control bit. If high, the device immediately stops converting and en-
ters standby mode. If low, the device converts in either one-shot or timer mode.
5
DET_FAN
0
Should be 0. Changing this to 1 will cause ALERT function abnormal.
4
EN_TH_SHUT
1
Validation of the fault queue function of thermal shutdown.
3-0
FQ_TH_SHUT
0010b
Fault Queue. Number of faults necessary to detect before setting TH_SHUT output
to avoid false tripping due to noise.
Table 6. Number of Faults assigned by FQ_TH_SHUT
FQ_TH_SHUT
Number of Faults
FQ_TH_SHUT
Number of Faults
0000b
1
1000b
9
0001b
2
1001b
10
0010b
3(Power-up default)
1010b
11
0011b
4
1011b
12
0100b
5
1100b
13
0101b
6
1101b
14
0110b
7
1110b
15
0111b
8
1111b
16


Similar Part No. - G771

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G775-0U ETC1-G775-0U Datasheet
417Kb / 7P
   Single Phase Full Wave Bridge Retifiers
G775-1U ETC1-G775-1U Datasheet
417Kb / 7P
   Single Phase Full Wave Bridge Retifiers
G775-2U ETC1-G775-2U Datasheet
417Kb / 7P
   Single Phase Full Wave Bridge Retifiers
G775-3U ETC1-G775-3U Datasheet
417Kb / 7P
   Single Phase Full Wave Bridge Retifiers
G775-4U ETC1-G775-4U Datasheet
417Kb / 7P
   Single Phase Full Wave Bridge Retifiers
More results

Similar Description - G771

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8017 SSC-SS8017 Datasheet
497Kb / 16P
   Two Remote Temperature Sensors with SMBus Serial Interface and System Reset
logo
Global Mixed-mode Techn...
G768D GMT-G768D Datasheet
343Kb / 16P
   Two Remote Temperature Sensors and One Fan Controller with SMBus Serial Interface and System Reset Circuit
G7921 GMT-G7921 Datasheet
157Kb / 1P
   Three Remote Temperature Sensors and One Fan Controllers with SMBus Serial Interface and System Reset Circuit
G7923 GMT-G7923 Datasheet
34Kb / 2P
   Three Remote Temperature Sensors and One Fan Controllers with SMBus Serial Interface and System Reset Circuit
logo
List of Unclassifed Man...
G768B ETC-G768B Datasheet
370Kb / 15P
   Remote/Local Temperature Sensor, 2 Fan Controllers with SMBus Serial Interface and System Reset Circuit
logo
Maxim Integrated Produc...
MAX6695 MAXIM-MAX6695_11 Datasheet
299Kb / 19P
   Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 3; 4/11
MAX6695 MAXIM-MAX6695 Datasheet
192Kb / 20P
   Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 1; 5/04
logo
List of Unclassifed Man...
G766 ETC1-G766 Datasheet
248Kb / 13P
   Remote Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX1618 MAXIM-MAX1618 Datasheet
430Kb / 20P
   Remote Temperature Sensor with SMBus Serial Interface
19-1495; Rev 1; 10/99
logo
Global Mixed-mode Techn...
G788 GMT-G788 Datasheet
45Kb / 1P
   Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com