Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2FM3 Datasheet(PDF) 10 Page - Shindengen Electric Mfg.Co.Ltd

Part # M2FM3
Description  SCHOTTKY RECTIFIERS (SBD)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

M2FM3 Datasheet(HTML) 10 Page - Shindengen Electric Mfg.Co.Ltd

Back Button M2FM3 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd M2FM3 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd M2FM3 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd M2FM3 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd M2FM3 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd M2FM3 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd M2FM3 Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd M2FM3 Datasheet HTML 11Page - Shindengen Electric Mfg.Co.Ltd M2FM3 Datasheet HTML 12Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
6
7
8
DC
D=0.8
0.5
SIN
0.3
0.2
0.1
0.05
M2FM3
VR = 15V
0
tp
IO
T
D=tp/T
0
VR
Derating Curve
Glass-epoxy substrate
Conductor layer 35um
Ambient Temperature Ta [°C]


Similar Part No. - M2FM3

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
M2FM3 SHINDENGEN-M2FM3_10 Datasheet
547Kb / 2P
   Schottky Barrier Diode
More results

Similar Description - M2FM3

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
SF20SC6 SHINDENGEN-SF20SC6 Datasheet
451Kb / 10P
   SCHOTTKY RECTIFIERS (SBD)
M2FH3 SHINDENGEN-M2FH3 Datasheet
468Kb / 11P
   SCHOTTKY RECTIFIERS (SBD)
SF20SC9 SHINDENGEN-SF20SC9 Datasheet
356Kb / 8P
   SCHOTTKY RECTIFIERS SBD
SF20JC10 SHINDENGEN-SF20JC10 Datasheet
256Kb / 8P
   Schottky Rectifiers (SBD)
DG1M3 SHINDENGEN-DG1M3 Datasheet
248Kb / 8P
   SCHOTTKY RECTIFIERS (SBD)
DG1H3 SHINDENGEN-DG1H3 Datasheet
261Kb / 9P
   SCHOTTKY RECTIFIERS (SBD)
S40HC1R5 SHINDENGEN-S40HC1R5 Datasheet
254Kb / 8P
   SCHOTTKY RECTIFIERS SBD
M1FM3 SHINDENGEN-M1FM3 Datasheet
541Kb / 12P
   Schottky Rectifiers (SBD)
S60HC3 SHINDENGEN-S60HC3 Datasheet
255Kb / 8P
   Schottky Rectifiers(SBD)
D15XBS6 SHINDENGEN-D15XBS6 Datasheet
476Kb / 11P
   Schottky Rectifiers(SBD)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com