Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA204M-800C Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BTA204M-800C
Description  Three quadrant triacs high commutation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA204M-800C Datasheet(HTML) 1 Page - NXP Semiconductors

  BTA204M-800C Datasheet HTML 1Page - NXP Semiconductors BTA204M-800C Datasheet HTML 2Page - NXP Semiconductors BTA204M-800C Datasheet HTML 3Page - NXP Semiconductors BTA204M-800C Datasheet HTML 4Page - NXP Semiconductors BTA204M-800C Datasheet HTML 5Page - NXP Semiconductors BTA204M-800C Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Philips Semiconductors
Product specification
Three quadrant triacs
BTA204S series B and C
high commutation
BTA204M series B and C
GENERAL DESCRIPTION
QUICK REFERENCE DATA
Passivated high commutation triacs in
SYMBOL
PARAMETER
MAX.
MAX.
MAX. UNIT
a plastic envelope suitable for surface
mounting intended for use in circuits
BTA204S (or BTA204M)-
500B
600B
800B
where high static and dynamic dV/dt
BTA204S (or BTA204M)-
500C
600C
800C
and high dI/dt can occur. These
V
DRM
Repetitive peak
500
600
800
V
devices will commutate the full rated
off-state voltages
rms current at the maximum rated
I
T(RMS)
RMS on-state current
4
4
4
A
junction temperature without the aid of
I
TSM
Non-repetitive peak on-state
25
25
25
A
a snubber.
current
PINNING - SOT428
PIN CONFIGURATION
SYMBOL
PIN
Standard Alternative
NUMBER
S
M
1
MT1
gate
2
MT2
MT2
3
gate
MT1
tab
MT2
MT2
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
-500
-600
-800
V
DRM
Repetitive peak off-state
-
500
1
600
1
800
V
voltages
I
T(RMS)
RMS on-state current
full sine wave;
-
4
A
T
mb ≤ 107 ˚C
I
TSM
Non-repetitive peak
full sine wave;
on-state current
T
j = 25 ˚C prior to
surge
t = 20 ms
-
25
A
t = 16.7 ms
-
27
A
I
2tI2t for fusing
t = 10 ms
-
3.1
A
2s
dI
T/dt
Repetitive rate of rise of
I
TM = 6 A; IG = 0.2 A;
100
A/
µs
on-state current after
dI
G/dt = 0.2 A/µs
triggering
I
GM
Peak gate current
-
2
A
V
GM
Peak gate voltage
-
5
V
P
GM
Peak gate power
-
5
W
P
G(AV)
Average gate power
over any 20 ms
-
0.5
W
period
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction
-
125
˚C
temperature
1
2
3
tab
T1
T2
G
1 Although not recommended, off-state voltages up to 800V may be applied without damage, but the triac may
switch to the on-state. The rate of rise of current should not exceed 6 A/
µs.
December 1998
1
Rev 1.000


Similar Part No. - BTA204M-800C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA204M-800E PHILIPS-BTA204M-800E Datasheet
67Kb / 8P
   Three quadrant triacs guaranteed commutation
December 1998
BTA204M-800F PHILIPS-BTA204M-800F Datasheet
67Kb / 8P
   Three quadrant triacs guaranteed commutation
December 1998
More results

Similar Description - BTA204M-800C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA208X-1000C0 NXP-BTA208X-1000C0 Datasheet
196Kb / 12P
   High commutation three-quadrant triacs
Rev. 01-3 September 2009
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212 PHILIPS-BTA212 Datasheet
45Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA212B PHILIPS-BTA212B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212X PHILIPS-BTA212X Datasheet
20Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA225 PHILIPS-BTA225 Datasheet
61Kb / 8P
   Three quadrant triacs high commutation
September 1997
BTA225 PHILIPS-BTA225 Datasheet
17Kb / 4P
   Three quadrant triacs high commutation
September 1997
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com