Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA204S-500F Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BTA204S-500F
Description  Three quadrant triacs guaranteed commutation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA204S-500F Datasheet(HTML) 4 Page - NXP Semiconductors

  BTA204S-500F Datasheet HTML 1Page - NXP Semiconductors BTA204S-500F Datasheet HTML 2Page - NXP Semiconductors BTA204S-500F Datasheet HTML 3Page - NXP Semiconductors BTA204S-500F Datasheet HTML 4Page - NXP Semiconductors BTA204S-500F Datasheet HTML 5Page - NXP Semiconductors BTA204S-500F Datasheet HTML 6Page - NXP Semiconductors BTA204S-500F Datasheet HTML 7Page - NXP Semiconductors BTA204S-500F Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
December 1998
4
Rev 1.000
Philips Semiconductors
Product specification
Three quadrant triacs
guaranteed commutation
BTA204S series D, E and F
BTA204M series D, E and F
Fig.1. Maximum on-state dissipation, P
tot, versus rms
on-state current, I
T(RMS), where α = conduction angle.
Fig.2. Maximum permissible non-repetitive peak
on-state current I
TSM, versus pulse width tp, for
sinusoidal currents, t
p ≤ 20ms.
Fig.3. Maximum permissible non-repetitive peak
on-state current I
TSM, versus number of cycles, for
sinusoidal currents, f = 50 Hz.
Fig.4. Maximum permissible rms current I
T(RMS) ,
versus mounting base temperature T
mb.
Fig.5. Maximum permissible repetitive rms on-state
current I
T(RMS), versus surge duration, for sinusoidal
currents, f = 50 Hz; T
mb ≤ 107˚C.
Fig.6. Normalised gate trigger voltage
V
GT(Tj)/ VGT(25˚C), versus junction temperature Tj.
012345
0
1
2
3
4
5
6
7
8
= 180
120
90
60
30
BT136
IT(RMS) / A
Ptot / W
Tmb(max) / C
125
122
119
116
113
110
107
104
101
1
-50
0
50
100
150
0
1
2
3
4
5
BT136
Tmb / C
IT(RMS) / A
107 C
10us
100us
1ms
10ms
100ms
10
100
1000
BT136
T / s
ITSM / A
T
ITSM
time
I
Tj initial = 25 C max
T
dI /dt limit
T
T2- G+ quadrant
0.01
0.1
1
10
0
2
4
6
8
10
12
BT136
surge duration / s
IT(RMS) / A
1
10
100
1000
0
5
10
15
20
25
30
BT136
Number of cycles at 50Hz
ITSM / A
T
ITSM
time
I
Tj initial = 25 C max
T
-50
0
50
100
150
0.4
0.6
0.8
1
1.2
1.4
1.6
BT136
Tj / C
VGT(Tj)
VGT(25 C)


Similar Part No. - BTA204S-500F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA204S-500B PHILIPS-BTA204S-500B Datasheet
53Kb / 6P
   Three quadrant triacs high commutation
ecember 1998 Rev 1.000
BTA204S-500C PHILIPS-BTA204S-500C Datasheet
53Kb / 6P
   Three quadrant triacs high commutation
ecember 1998 Rev 1.000
More results

Similar Description - BTA204S-500F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA208 PHILIPS-BTA208 Datasheet
18Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.200
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs guaranteed commutation
September 1997 Rev 1.200
BTA216 PHILIPS-BTA216 Datasheet
43Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.100
BTA208SD PHILIPS-BTA208SD Datasheet
50Kb / 6P
   Three quadrant triacs guaranteed commutation
February 2000 Rev 1.000
BTA208X PHILIPS-BTA208X Datasheet
49Kb / 7P
   Three quadrant triacs guaranteed commutation
October 1999
BTA212 PHILIPS-BTA212 Datasheet
44Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1997 Rev 1.000
BTA204XD PHILIPS-BTA204XD Datasheet
53Kb / 7P
   Three quadrant triacs guaranteed commutation
December 1998 Rev 1.000
BTA216BD PHILIPS-BTA216BD Datasheet
49Kb / 6P
   Three quadrant triacs guaranteed commutation
February 2000 Rev 1.000
logo
WeEn Semiconductors
BTA216-600D WEEN-BTA216-600D Datasheet
404Kb / 8P
   Three quadrant triacs guaranteed commutation
logo
NXP Semiconductors
BTA216X PHILIPS-BTA216X Datasheet
48Kb / 5P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.000
BTA208S PHILIPS-BTA208S Datasheet
22Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com