Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA204S-800B Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BTA204S-800B
Description  Three quadrant triacs high commutation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA204S-800B Datasheet(HTML) 5 Page - NXP Semiconductors

  BTA204S-800B Datasheet HTML 1Page - NXP Semiconductors BTA204S-800B Datasheet HTML 2Page - NXP Semiconductors BTA204S-800B Datasheet HTML 3Page - NXP Semiconductors BTA204S-800B Datasheet HTML 4Page - NXP Semiconductors BTA204S-800B Datasheet HTML 5Page - NXP Semiconductors BTA204S-800B Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Philips Semiconductors
Product specification
Three quadrant triacs
BTA204S series B and C
high commutation
BTA204M series B and C
MECHANICAL DATA
Dimensions in mm
Net Mass: 1.1 g
Fig.12. SOT428 : centre pin connected to tab.
MOUNTING INSTRUCTIONS
Dimensions in mm
Fig.13. SOT428 : minimum pad sizes for surface mounting.
Notes
1. Plastic meets UL94 V0 at 1/8".
6.22 max
2.38 max
0.93 max
6.73 max
0.3
10.4 max
0.5
0.8 max
(x2)
2.285 (x2)
0.5
seating plane
1.1
0.5 min
5.4
4 min
4.6
1
2
3
tab
7.0
7.0
2.15
2.5
4.57
1.5
December 1998
5
Rev 1.000


Similar Part No. - BTA204S-800B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA204S-800B NXP-BTA204S-800B Datasheet
87Kb / 13P
   Three-quadrant triacs high commutation
Rev. 03-24 May 2005
logo
WeEn Semiconductors
BTA204S-800B WEEN-BTA204S-800B Datasheet
313Kb / 13P
   3Q Hi-Com Triac
More results

Similar Description - BTA204S-800B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA208X-1000C0 NXP-BTA208X-1000C0 Datasheet
196Kb / 12P
   High commutation three-quadrant triacs
Rev. 01-3 September 2009
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212 PHILIPS-BTA212 Datasheet
45Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA212B PHILIPS-BTA212B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212X PHILIPS-BTA212X Datasheet
20Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA225 PHILIPS-BTA225 Datasheet
61Kb / 8P
   Three quadrant triacs high commutation
September 1997
BTA225 PHILIPS-BTA225 Datasheet
17Kb / 4P
   Three quadrant triacs high commutation
September 1997
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com