Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1167-MAX1168 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1167-MAX1168
Description  Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1167-MAX1168 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1167-MAX1168 Datasheet HTML 4Page - Maxim Integrated Products MAX1167-MAX1168 Datasheet HTML 5Page - Maxim Integrated Products MAX1167-MAX1168 Datasheet HTML 6Page - Maxim Integrated Products MAX1167-MAX1168 Datasheet HTML 7Page - Maxim Integrated Products MAX1167-MAX1168 Datasheet HTML 8Page - Maxim Integrated Products MAX1167-MAX1168 Datasheet HTML 9Page - Maxim Integrated Products MAX1167-MAX1168 Datasheet HTML 10Page - Maxim Integrated Products MAX1167-MAX1168 Datasheet HTML 11Page - Maxim Integrated Products MAX1167-MAX1168 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Multichannel, 16-Bit, 200ksps Analog-to-Digital
Converters
8
_______________________________________________________________________________________
DIGITAL SUPPLY CURRENT
vs. DIGITAL SUPPLY VOLTAGE
DVDD (V)
4.74
4.23
3.72
3.21
0.6
1.0
1.4
1.8
2.2
2.6
0.2
2.70
5.25
AVDD = +5V
VIL = 0
VIH = DVDD
fS = 200ksps
DOUT = 1010...1010
DOUT = 0000...0000
POWER-DOWN SUPPLY CURRENT
vs. AVDD SUPPLY VOLTAGE
(INTERNAL REFERENCE)
MAX1167/68 toc11
AVDD (V)
5.15
5.05
4.95
4.85
0.53
0.54
0.55
0.56
0.57
0.58
0.52
0.99
1.00
1.01
1.02
1.03
1.04
0.98
4.75
5.25
DVDD = +5V
IAVDD
IDVDD
POWER-DOWN SUPPLY CURRENT
vs. DVDD SUPPLY VOLTAGE
(INTERNAL REFERENCE)
MAX1167/68 toc12
DVDD (V)
4.74
4.23
3.72
3.21
0.2
0.3
0.4
0.5
0.6
0.7
0.1
1.00
1.01
1.02
1.03
0.99
2.70
5.25
DVDD = +5V
AVDD = +5V
IAVDD
IDVDD
SHUTDOWN SUPPLY CURRENT
vs. AVDD SUPPLY VOLTAGE
(EXTERNAL REFERENCE)
MAX1167/68 toc13
AVDD (V)
5.15
5.05
4.95
4.85
0.53
0.54
0.55
0.56
0.57
0.58
0.52
0.34
0.38
0.42
0.46
0.50
0.54
0.30
4.75
5.25
DVDD = +5V
IAVDD
IDVDD
SHUTDOWN SUPPLY CURRENT
vs. DVDD SUPPLY VOLTAGE
(EXTERNAL REFERENCE)
MAX1167/68 toc14
DVDD (V)
4.74
4.23
3.72
3.21
0.2
0.3
0.4
0.5
0.6
0.7
0.1
0.38
0.39
0.40
0.41
0.42
0.43
0.37
2.70
5.25
DVDD = +5V
AVDD = +5V
IAVDD
IDVDD
POWER-DOWN SUPPLY CURRENT
vs. TEMPERATURE (INTERNAL REFERENCE)
MAX1167/68 toc15
TEMPERATURE (
°C)
60
35
10
-15
0.53
0.54
0.55
0.56
0.57
0.58
0.52
0.99
1.00
1.01
1.02
1.03
1.04
0.98
-40
85
DVDD = AVDD = +5V
IAVDD
IDVDD
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE (EXTERNAL REFERENCE)
MAX1167/68 toc16
TEMPERATURE (
°C)
60
35
10
-15
0.53
0.54
0.55
0.56
0.57
0.58
0.52
0.37
0.39
0.41
0.43
0.45
0.35
-40
85
DVDD = AVDD = +5V
IAVDD
IDVDD
Typical Operating Characteristics (continued)
(AVDD = DVDD = +5V, fSCLK = 4.8MHz, CDOUT = 30pF, external VREF = +4.096V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1167-MAX1168

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1167 MAXIM-MAX1167 Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
MAX1167BCEE MAXIM-MAX1167BCEE Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
MAX1167BCEE MAXIM-MAX1167BCEE Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
MAX1167BE MAXIM-MAX1167BE Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
MAX1167BEEE MAXIM-MAX1167BEEE Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
More results

Similar Description - MAX1167-MAX1168

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1167BE MAXIM-MAX1167BE Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
MAX1167 MAXIM-MAX1167_09 Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
MAX1067 MAXIM-MAX1067 Datasheet
431Kb / 30P
   Multichannel, 14-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 8/07
logo
Burr-Brown (TI)
PCM54 BURR-BROWN-PCM54 Datasheet
83Kb / 7P
   16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC703KU TI-DAC703KU Datasheet
279Kb / 11P
[Old version datasheet]   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC701 BURR-BROWN-DAC701 Datasheet
301Kb / 12P
   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
DAC70 BURR-BROWN-DAC70 Datasheet
481Kb / 10P
   Monlithic 16-bit digital-to-analog converters
logo
Texas Instruments
DAC707KH TI-DAC707KH Datasheet
121Kb / 13P
[Old version datasheet]   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
List of Unclassifed Man...
DAC-HP ETC-DAC-HP Datasheet
136Kb / 4P
   16-Bit, High-Performance Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC707 BURR-BROWN-DAC707 Datasheet
149Kb / 11P
   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com